Part Number Hot Search : 
LXD974A DDC1043 TL062AI 7809A AS2533BP GT25G102 MMBT2 A180Z
Product Description
Full Text Search
 

To Download HMC589ST8910 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com amplifiers - driver & gain block - smt 8 8 - 152 hmc589st89 / 589st89e ingap hbt gain block mmic amplifier, dc - 4 ghz v04.0710 general description features functional diagram the hmc589st89 & hmc589st89e are ingap hbt gain block mmic smt amplifi ers covering dc to 4 ghz and packaged in an industry standard sot89. the amplifi er can be used as a cascadable 50 ohm rf or if gain stage as well as a lo or pa driver with up to +19 dbm p1db output power for cellular/3g, fwa, catv, microwave radio and test equipment applications. the hmc589st89(e) offers 20 db gain and +33 dbm output ip3 at 1 ghz while requiring only 82 ma from a single positive supply. the hmc589st89(e) ingap hbt gain block offers excellent output power and gain stability over temperature. p1db output power: +21 dbm gain: 21 db output ip3: +33 dbm single supply: +5v industry standard sot89 package typical applications the hmc589st89 / hmc589st89e is ideal for: ? cellular / pcs / 3g ? fixed wireless & wlan ? catv, cable modem & dbs ? microwave radio & test equipment ? if & rf applications electrical specifi cations, vs= 5v, rbias= 1.8 ohm, t a = +25 c note: data taken with broadband bias tee on device output. parameter min. typ. max. units gain dc - 1.0 ghz 1.0 - 2.0 ghz 2.0 - 3.0 ghz 3.0 - 4.0 ghz 19 16 14 13 21 19 17 15 25 23 22 20 db db db db gain variation over temperature dc - 5 ghz 0.008 db/ c input return loss dc - 1.0 ghz 1.0 - 4.0 ghz 13 8 17 11 db db output return loss dc - 1.0 ghz 1.0 - 4.0 ghz 8 7 12 10 db db reverse isolation dc - 4 ghz 23 db output power for 1 db compression (p1db) 0.5 - 1.0 ghz 1.0 - 2.0 ghz 2.0 - 3.0 ghz 3.0 - 4.0 ghz 17.5 16 16 14.5 21 19 19 17.5 dbm dbm dbm dbm output third order intercept (ip3) (pout= 0 dbm per tone, 1 mhz spacing) 0.5 - 1.0 ghz 1.0 - 2.0 ghz 2.0 - 3.0 ghz 3.0 - 4.0 ghz 33 32 30.5 29 dbm dbm dbm dbm noise figure dc - 2.0 ghz 2.0 - 4.0 ghz 4.0 4.5 db db supply current (icq) 82 102 ma
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com amplifiers - driver & gain block - smt 8 8 - 153 output return loss vs. temperature broadband gain & return loss gain vs. temperature reverse isolation vs. temperature input return loss vs. temperature noise figure vs. temperature -30 -25 -20 -15 -10 -5 0 5 10 15 20 25 012345678 s21 s11 s22 response (db) frequency (ghz) 0 4 8 12 16 20 24 012345 +25 c +85 c -40 c gain (db) frequency (ghz) -25 -20 -15 -10 -5 0 012345 +25 c +85 c -40 c input return loss (db) frequency (ghz) -25 -20 -15 -10 -5 0 012345 +25c +85c -40c return loss (db) frequency (ghz) -30 -25 -20 -15 -10 -5 0 012345 +25 c +85 c -40 c reverse isolation (db) frequency (ghz) 0 2 4 6 8 10 012345 +25 c +85 c -40 c noise figure (db) frequency (ghz) hmc589st89 / 589st89e v04.0710 ingap hbt gain block mmic amplifier, dc - 4 ghz
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com amplifiers - driver & gain block - smt 8 8 - 154 gain, power & oip3 vs. supply voltage @ 850 mhz, rbias = 1.8 ohms p1db vs. temperature psat vs. temperature output ip3 vs. temperature vcc vs. icc over temperature for fixed vs= 5v, r bias = 1.8 ohms 4 8 12 16 20 24 012345 +25 c +85 c -40 c p1db (dbm) frequency (ghz) 4 8 12 16 20 24 28 012345 +25 c +85 c -40 c psat (dbm) frequency (ghz) 20 24 28 32 36 40 012345 +25 c +85 c -40 c ip3 (dbm) frequency (ghz) 70 72 74 76 78 80 82 84 86 88 90 4.83 4.84 4.85 4.86 4.87 4.88 icc (ma) vcc (vdc) +85 c -40 c +25 c 0 4 8 12 16 20 24 28 32 36 4.5 5 5.5 gain p1db psat ip3 gain (db), p1db (dbm), psat (dbm), ip3 (dbm ) vs (vdc) hmc589st89 / 589st89e v04.0710 ingap hbt gain block mmic amplifier, dc - 4 ghz
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com amplifiers - driver & gain block - smt 8 8 - 155 outline drawing absolute maximum ratings collector bias voltage (vcc) +5.5 vdc rf input power (rfin)(vcc = +5 vdc) +10 dbm up to 1 ghz +8 dbm from 1-4 ghz junction temperature 150 c continuous pdiss (t = 85 c) (derate 8.4 mw/c above 85 c) 0.546 w thermal resistance (junction to ground paddle) 119 c/ w storage temperature -65 to +150 c operating temperature -40 to +85 c esd sensitivity (hbm) class 1c part number package body material lead finish msl rating package marking [3] hmc589st89 low stress injection molded plastic sn/pb solder msl1 [1] h589 xxxx hmc589st89e rohs-compliant low stress injection molded plastic 100% matte sn msl1 [2] h589 xxxx [1] max peak refl ow temperature of 235 c [2] max peak refl ow temperature of 260 c [3] 4-digit lot number xxxx package information electrostatic sensitive device observe handling precautions hmc589st89 / 589st89e v04.0710 ingap hbt gain block mmic amplifier, dc - 4 ghz notes: 1. package body material: molding compound mp-180s or equivalent. 2. lead material: cu w/ ag spot plating. 3. lead plating: 100% matte tin. 4. dimensions are in inches [millimeters] 5. dimension does not include moldflash of 0.15mm per side. 6. dimension does not include moldflash of 0.25mm per side. 7. all ground leads must be soldered to pcb rf ground.
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com amplifiers - driver & gain block - smt 8 8 - 156 application circuit recommended component values for key application frequencies component frequency (mhz) 50 900 1900 2200 2400 3500 4000 l1 270 nh 56 nh 24 nh 24 nh 15 nh 8.2 nh 8.2 nh c1, c2 0.01 f 100 pf 100 pf 100 pf 100 pf 100 pf 100 pf note: 1. external blocking capacitors are required on rfin and rfout. 2. r bias provides dc bias stability over temperature. pin descriptions pin number function description interface schematic 1in this pin is dc coupled. an off chip dc blocking capacitor is required. 3 out rf output and dc bias (vcc) for the output stage. 2, 4 gnd these pins and package bottom must be connected to rf/dc ground. recommended bias resistor values for icc = 88 ma, rbias = (vs - vcc) / icc supply voltage (vs) 5v 6v 8v r bias v alue 1.8 13 38 r bias p ower r ating 1 / 8 w ? w ? w hmc589st89 / 589st89e v04.0710 ingap hbt gain block mmic amplifier, dc - 4 ghz
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com amplifiers - driver & gain block - smt 8 8 - 157 evaluation pcb the circuit board used in the fi nal application should use rf circuit design techniques. signal lines should have 50 ohm impedance while the package ground leads and package bottom should be connected directly to the ground plane similar to that shown. a sufficient number of via holes should be used to connect the top and bottom ground planes. the evaluation board should be mounted to an appropriate heat sink. the evaluation circuit board shown is available from hittite upon request. list of materials for evaluation pcb 116405 [1] item description j1 - j2 pcb mount sma connector j3 - j4 dc pin c1, c2 capacitor, 0402 pkg. c3 100 pf capacitor, 0402 pkg. c4 1000 pf capacitor, 0603 pkg. c5 2.2 f capacitor, tantalum r1 resistor, 1206 pkg. l1 inductor, 0603 pkg. u1 hmc589st89 / hmc589st89e pcb [2] 108370 evaluation pcb [1] reference this number when ordering complete evaluation pcb [2] circuit board material: rogers 4350 [3] evaluation board tuned for 1.9 ghz operation hmc589st89 / 589st89e v04.0710 ingap hbt gain block mmic amplifier, dc - 4 ghz


▲Up To Search▲   

 
Price & Availability of HMC589ST8910

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X