Part Number Hot Search : 
KSD2012 MR750RLG VTL5C L2012 ASM3P2 F11180 11001 WP59EYC
Product Description
Full Text Search
 

To Download FSB50250AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2011 fairchild semiconductor corporation 1 www.fairchildsemi.com FSB50250AT rev. a f s b 5 0 2 5 0 a t s m a r t p o w e r m o d u l e ( s p m ? ) motion-spm december 2011 tm FSB50250AT smart power module (spm ? ) features ? 500v r ds(on) =3.8 w( max ) 3-phase frfet inverter including high voltage integrated circuit (hvic) ? 3 divided negative dc-link terminals for inverter current sens- ing applications ? hvic for gate driving and undervoltage protection ? 3/5v cmos/ttl compatible, active-high interface ? optimized for low electromagnetic interference ? isolation voltage rating of 1500vrms for 1min. ? hvic temperature sensing ? embedded bootstrap diode in the package ? rohs compliant applications ? three-phase inverter driver for small power ac motor drives general description FSB50250AT is a tiny smart power module (spm ? ) based on frfet technology as a compact inverter solution for small power motor drive applications such as fan motors and water suppliers. it is composed of 6 fast-recovery mosfet (frfet), and 3 half-bridge hvics for frfet gate driving. FSB50250AT provides low electromagnetic interference (emi) characteristics with optimized switching speed. moreover, since it employs frfet as a power switch, it has much better ruggedness and larger safe operation area (soa) than that of an igbt-based power module or one-chip solution. the package is optimized for the thermal performance and compactness for the use in the built-in motor application and any other application where the assembly space is concerned. FSB50250AT is the best solution for the compact inverter providing the energy efficiency, compactness, and low electromagnetic interference.
2 www.fairchildsemi.com FSB50250AT rev. a f s b 5 0 2 5 0 a t s m a r t p o w e r m o d u l e ( s p m ? ) absolute maximum ratings inverter part (each frfet unless otherwise specified) control part (each hvic unless otherwise specified) bootstrap diode part (each bootstrap diode unless otherwise specified) thermal resistance total system note: 1. for the measurement point of case temperature t c , please refer to figure 4. 2. marking * is calculation value or design factor. symbol parameter conditions rating units v pn dc link input voltage, drain-source voltage of each frfet 500 v *i d25 each frfet drain current, continuous t c = 25c 1.2 a *i d80 each frfet drain current, continuous t c = 80c 0.9 a *i dp each frfet drain current, peak t c = 25c, pw < 100 m s 3.1 a *i drms each frfet drain current, rms t c = 80c, f pwm < 20khz 0.6 a rms *p d maximum power dissipation t c = 25c, for each frfet 13.4 w symbol parameter conditions rating units v cc control supply voltage applied between v cc and com 20 v v bs high-side bias voltage applied between v b and v s 20 v v in input signal voltage applied between in and com -0.3 ~ v cc +0.3 v symbol parameter conditions rating units v rrmb maixmum repetitive reverse voltage 500 v * i fb forward current t c = 25c 0.5 a * i fpb forward current (peak) t c = 25c, under 1ms pulse width 1.5 a symbol parameter conditions rating units r q jc junction to case thermal resistance each frfet under inverter operat- ing condition (note 1) 9.3 c/w symbol parameter conditions rating units t j operating junction temperature -40 ~ 150 c t stg storage temperature -40 ~ 125 c v iso isolation voltage 60hz, sinusoidal, 1 minute, con- nection pins to heatsink 1500 v rms
3 www.fairchildsemi.com FSB50250AT rev. a f s b 5 0 2 5 0 a t s m a r t p o w e r m o d u l e ( s p m ? ) pin descriptions note: source terminal of each low-side mosfet is not connected to supply ground or bias voltage ground ins ide spm ? . external connections should be made as indicated in figure 3 figure 1. pin configuration and internal block diagram (bottom view) pin number pin name pin description 1 com ic common supply ground 2 v b(u) bias voltage for u phase high side frfet driving 3 v cc(u) bias voltage for u phase ic and low side frfet driving 4 in (uh) signal input for u phase high-side 5 in (ul) signal input for u phase low-side 6 n.c n.c 7 v b(v) bias voltage for v phase high side frfet driving 8 v cc(v) bias voltage for v phase ic and low side frfet driving 9 in (vh) signal input for v phase high-side 10 in (vl) signal input for v phase low-side 11 v ts output for hvic temperature sensing 12 v b(w) bias voltage for w phase high side frfet driving 13 v cc(w) bias voltage for w phase ic and low side frfet driving 14 in (wh) signal input for w phase high-side 15 in (wl) signal input for w phase low-side 16 n.c n.c 17 p positive dcClink input 18 u, v s(u) output for u phase & bias voltage ground for high side frfet driving 19 n u negative dcClink input for u phase 20 n v negative dcClink input for v phase 21 v, v s(v) output for v phase & bias voltage ground for high side frfet driving 22 n w negative dcClink input for w phase 23 w, v s(w) output for w phase & bias voltage ground for high side frfet driving ( 1 ) com ( 2 ) v b ( u ) ( 3 ) v cc ( u ) ( 4 ) in ( uh ) ( 5 ) in ( ul ) ( 6 ) n . c ( 7 ) v b ( v ) ( 8 ) v cc ( v ) ( 9 ) in ( vh ) ( 10 ) in ( vl ) ( 11 ) vts ( 12 ) v b ( w ) ( 13 ) v cc ( w ) ( 14 ) in ( wh ) ( 15 ) in ( wl ) ( 16 ) ( 17 ) p ( 18 ) u , v s ( u ) ( 19 ) n u ( 20 ) n v ( 21 ) v , v s ( v ) ( 22 ) n w ( 23 ) w , v s ( w ) com vcc lin hin vb ho vs lo com vcc lin hin vb ho vs lo vts com vcc lin hin vb ho vs lo n . c
4 www.fairchildsemi.com FSB50250AT rev. a f s b 5 0 2 5 0 a t s m a r t p o w e r m o d u l e ( s p m ? ) electrical characteristics (t j = 25c, v cc =v bs =15v unless otherwise specified) inverter part (each frfet unless otherwise specified) control part (each hvic unless otherwise specified) bootstrap diode part (each bootstrap diode unless otherwise specified) note: 1. bv dss is the absolute maximum voltage rating between drain and source terminal of each frfet inside spm ? . v pn should be sufficiently less than this value considering the effect of the stray inductance so that v ds should not exceed bv dss in any case. 2. t on and t off include the propagation delay time of the internal drive ic. listed values are measured at the labo ratory test condition, and t hey can be different according to the field applcations due to the effect of different printed circuit boards and wirings. please see figu re 6 for the switching time definition with the switching test circuit of figure 7. 3. the peak current and voltage of each frfet during the switching operation should be included in th e safe operating area (soa). please see figure 7 for the rbsoa test cir- cuit that is same as the switching test circuit. 4. v ts is only for sensing temperature of module and cannot shutdown mosfets automatically. 5. built in bootstrap diode includes around 15 ? resistance characteristic. please refer to figure 2. symbol parameter conditions min typ max units bv dss drain-source breakdown voltage v in = 0v, i d = 1m a (note 1) 500 - - v i dss zero gate voltage drain current v in = 0v, v ds = 500v - - 1 ma r ds(on) static drain-source on-resistance v cc = v bs = 15v, v in = 5v, i d = 0.5a - 2.5 3.8 w v sd drain-source diode forward voltage v cc = v bs = 15v, v in = 0v, i d = -0.5a - - 1.2 v t on switching times v pn = 300v, v cc = v bs = 15v, i d = 0.5a v in = 0v ? 5v, inductive load l=3mh high- and low-side frfet switching (note 2) - 1150 - ns t off - 950 - ns t rr - 190 - ns e on - 40 - m j e off - 10 - m j rbsoa reverse-bias safe oper- ating area v pn = 400v, v cc = v bs = 15v, i d = i dp , v ds =bv dss , t j = 150c high- and low-side frfet switching (note 3) full square symbol parameter conditions min typ max units i qcc quiescent v cc current v cc =15v, v in =0v applied between v cc and com - - 200 m a i qbs quiescent v bs current v bs =15v, v in =0v applied between v b(u) -u, v b(v) -v, v b(w) -w - - 100 m a uv ccd low-side undervoltage protection (figure 8) v cc undervoltage protection detection level 7.4 8.0 9.4 v uv ccr v cc undervoltage protection reset level 8.0 8.9 9.8 v uv bsd high-side undervoltage protection (figure 9) v bs undervoltage protection detection level 7.4 8.0 9.4 v uv bsr v bs undervoltage protection reset level 8.0 8.9 9.8 v v ts hvic temperature sens- ing voltage output v cc =15v, t hvic =25c(note 4) 600 790 980 mv v ih on threshold voltage logic high level applied between in and com 2.9 - - v v il off threshold voltage logic low level - - 0.8 v symbol parameter conditions min typ max units v fb forward voltage i f = 0.1a, t c = 25c(note 5) - 2.5 - v t rrb reverse recovery time i f = 0.1a, t c = 25c - 80 - ns
5 www.fairchildsemi.com FSB50250AT rev. a f s b 5 0 2 5 0 a t s m a r t p o w e r m o d u l e ( s p m ? ) recommended operating condition package marking & ordering information figure 2. built in bootstrap diode characteristics(typ.) symbol parameter conditions value units min. typ. max. v pn supply voltage applied between p and n - 300 400 v v cc control supply voltage applied between v cc and com 13.5 15 16.5 v v bs high-side bias voltage applied between v b and v s 13.5 15 16.5 v v in(on) input on threshold voltage applied between in and com 3.0 - v cc v v in(off) input off threshold voltage 0 - 0.6 v t dead blanking time for preventing arm-short v cc =v bs =13.5 ~ 16.5v, t j 150c 1.0 - - m s f pwm pwm switching frequency t j 150c - 15 - khz device marking device package reel size packing type quantity FSB50250AT FSB50250AT spm23-ed - - 15 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 built in bootstrap diode v f -i f characteristic i f [a] v f [v] tc=25c
6 www.fairchildsemi.com FSB50250AT rev. a f s b 5 0 2 5 0 a t s m a r t p o w e r m o d u l e ( s p m ? ) note: 1. parameters for bootsrap circuit elements are dependent on pwm algorithm. for 15 khz of switching fre quency, typical example of p arameters is shown above. 2. rc coupling(r 5 and c 5 ) and c 4 at each input of spm ? and micom (indicated as dotted lines) may be used to prevent improper signal due to surge noise. si gnal input of spm ? is compatible with standard cmos or lsttl outputs. 3. bold lines should be short and thick in pcb pattern to have small stray inductance of circuit, which results in the reduction of surge voltage. bypass capacitors such as c 1 , c 2 and c 3 should have good high-frequencycharacteristics to absorb high-frequency ripple current. figure 3. recommended cpu interface and bootstrap circuit with parameters note: attach the thermocouple on top of the heatsink-side of spm ? (between spm ? and heatsink if applied) to get the correct temperature measurement. figure 4. case temperature measurement figure 5. temperature profile of v ts (typ.) hin lin output note 0 0 z both frfet off 0 1 0 low side frfet o n 1 0 v dc high side frfet on 1 1 forbidden shoot through open open z same as (0,0) com vcc lin hin vb ho vs lo p n r 3 inverter output c 3 c 1 m i c o m 15 v line 10 m f one leg diagram of spm these values depend on pwm control algorithm * example of bootstrap paramters : c 1 = c 2 = 1 m f ceramic capacitor r 5 c 5 v dc c 2 vts * example circuit : v phase c 4 v 20 40 60 80 100 120 140 160 0.5 1.0 1.5 2.0 2.5 3.0 3.5 v ts [v] t hvic [deg]
7 www.fairchildsemi.com FSB50250AT rev. a f s b 5 0 2 5 0 a t s m a r t p o w e r m o d u l e ( s p m ? ) figure 6. switching time definition figure 7. switching and rbsoa(single-pulse) test circuit (low-side) figure 8. undervoltage protection (low-side) figure 9. undervoltage protection (high-side) t on t rr i rr 100% of i d 120% of i d (a) turn-on t off (b) turn-off i d v ds v ds i d v in v in 10% of i d com vcc lin hin vb ho vs lo one - leg diagram of spm i d v cc c bs l v dc + v ds - vts uv ccd uv ccr input signal uv protection status low-side supply, v cc mosfet current reset detection reset uv bsd uv bsr input signal uv protection status high-side supply, v bs mosfet current reset detection reset
8 www.fairchildsemi.com FSB50250AT rev. a f s b 5 0 2 5 0 a t s m a r t p o w e r m o d u l e ( s p m ? ) note: 1. about pin position, refer to figure 2. 2. rc coupling(r 5 and c 5 , r 4 and c 6 ) and c 4 at each input of spm ? and micom are useful to prevent improper input signal caused by surge noise. 3. the voltage drop across r 3 affects the low side switching performance and the bootstrap characteristics since it is placed bet ween com and the source term inal of the low side mosfet. for this reason, the voltage drop across r 3 should be less than 1v in the steady-state. 4. ground wires and output terminals, should be thick and short in order to avoid surge voltage and malfunction of hvic. 5. all the filter capacitors shoud be connected close to spm ? , and they should have good characteristics for rejecting high-frequency ripple current. figure 10. example of application circuit com vcc lin hin vb ho vs lo com vcc lin hin vb ho vs lo com vcc lin hin vb ho vs lo ( 1 ) com ( 2 ) v b ( u ) ( 3 ) v cc ( u ) ( 4 ) in ( uh ) ( 5 ) in ( ul ) ( 6 ) n . c ( 7 ) v b ( v ) ( 8 ) v cc ( v ) ( 9 ) in ( vh ) ( 10 ) in ( vl ) ( 11 ) v ts ( 12 ) v b ( w ) ( 13 ) v cc ( w ) ( 14 ) in ( wh ) ( 15 ) in ( wl ) ( 16 ) n . c ( 17 ) p ( 18 ) u , v s ( u ) ( 19 ) n u ( 22 ) n w m i c o m c 1 15 - v supply c 3 v dc c 2 r 3 r 4 c 6 r 5 c 5 for current sensing and protection v ts ( 21 ) v , v s ( v ) ( 20 ) n v ( 23 ) w , v s ( w ) c 4 m
9 www.fairchildsemi.com FSB50250AT rev. a f s b 5 0 2 5 0 a t s m a r t p o w e r m o d u l e ( s p m ? ) detailed package outline drawings dimension unit : [mm]
10 www.fairchildsemi.com FSB50250AT rev. a f s b 5 0 2 5 0 a t s m a r t p o w e r m o d u l e ( s p m ? ) rev. i38 trademarks the following includes registered and unregistered trademarks and service marks, owned by fairchild semiconductor and/or its glo bal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. * ezswitch? and flashwriter ? are trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products he rein to improve reliability, function, or design. fairchild does not assume any liability arising out of the applica tion or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchilds worldwide terms and conditions, specific ally the warranty therein, which covers these products. life support policy fairchilds products are not authorized for use as critical components in life support devices or sy stems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms build it now? coreplus? corepower? crossvolt ? ctl? current transfer logic? ecospark ? efficentmax? ezswitch? * ? fairchild ? fairchild semiconductor ? fact quiet series? fact ? fast ? fastvcore? flashwriter ? * fps? f-pfs? frfet ? global power resource sm green fps? green fps? e-series? gto? intellimax? isoplanar? megabuck? microcoupler? microfet? micropak? millerdrive? motionmax? motion-spm? optologic ? optoplanar ? ? pdp spm? power-spm? powertrench ? powerxs? programmable active droop? qfet ? qs? quiet series? rapidconfigure? ? saving our world, 1mw /w /kw at a time? smartmax? smart start? spm ? stealth? superfet? supersot?-3 supersot?-6 supersot?-8 supremos? syncfet? ? the power franchise ? tinyboost? tinybuck? tinylogic ? tinyopto? tinypower? tinypwm? tinywire? trifault detect? m serdes? uhc ? ultra frfet? unifet? vcx? visualmax? xs? ? datasheet identification product status definition advance information formative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product that is discontinued by fairchild semiconductor. the datasheet is for reference information only. anti-counterfeiting policy fairchild semiconductor corporations anti-counterfeiting policy. fairchilds anti-counterfeiting po licy is also stated on o ur external website, www.fairchildsemi.com, under sales support . counterfeiting of semiconductor parts is a growing problem in the industry. all manufactures of semi conductor products are exper iencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substan dard performance, failed application, and increased cost of production and manufacturing delays. fairchild is taking strong m easures to protect ourselves and our customers from the proliferation of counterfeit parts. fairchild strongly encourages customers to purchase fairchild pa rts either directly from fai rchild or from authorized fairchild distributors who are listed by country on our web page cited above. products customers buy either fr om fairchild directly or fro m authorized fairchild distributors are genuine parts, have full traceability, meet fairchilds quality standards for handi ng and storage and provide access to fairchilds full range of up-to-date technical and product information. fairchild and our authorized distributors will stand b ehind all warranties and wil l appropriately address and warranty issues that may arise. fairchild will not provide any warranty coverage or other assistance for parts bought from unaut horized sources. fairchild is committed to combat this global problem and encourage our customers to do their part in stopping thi s practice by buying direct or from authorized distributors.


▲Up To Search▲   

 
Price & Availability of FSB50250AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X