Part Number Hot Search : 
MICROS SF12LG 103SE SMCJ7 1N4082 LV5217GP 7N80C3 MB10S
Product Description
Full Text Search
 

To Download D1760 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sD1760 / 2sd1864 transistors power transistor (50v, 3a) 2sD1760 / 2sd1864 ! ! ! ! features 1) low v ce(sat) . v ce(sat) = 0.5v (typ.) (i c /i b = 2a / 0.2a) 2) complements the 2sb1184 / 2sb1243. ! ! ! ! structure epitaxial planar type npn silicon transistor ! ! ! ! external dimensions (units : mm) (1) base (2) collector (3) emitter (1) emitter (2) collector (3) base rohm : cpt3 eiaj : sc-63 rohm : atv 1.0 6.8 0.2 2.5 0.2 1.05 0.45 0.1 2.54 2.54 0.5 0.1 0.9 4.4 0.2 14.5 0.5 (1) (2) (3) 0.65max. 2sD1760 2sd1864 ? 0.1 + 0.2 ? 0.1 + 0.2 + 0.3 ? 0.1 2.3 0.2 2.3 0.2 0.65 0.1 0.9 0.75 1.0 0.2 0.55 0.1 9.5 0.5 5.5 1.5 0.3 2.5 1.5 2.3 0.5 0.1 6.5 0.2 5.1 c0.5 (3) (2) (1) 0.9 ! ! ! ! absolute maximum ratings (ta=25 c) parameter symbol limits unit v cbo 60 v v ceo 50 v v ebo 5v i c 3 a (dc) 4.5 a (pulse) ? 1 tj 150 c tstg ? 55~ + 150 c 2sd1864 2sD1760 1 15 w (tc = 25 c) ? 2 p c ? 1 single pulse, p w = 100ms ? 2 printed circuit board, 1.7mm thick, collector copper plating 100mm 2 or larger. w collector-base voltage collector-emitter voltage emitter-base voltage collector current junction temperature storage temperature collector power dissipation
2sD1760 / 2sd1864 transistors ! ! ! ! electrical characteristics (ta=25 c) parameter symbol bv cbo bv ceo bv ebo i cbo i ebo h fe v ce (sat) f t cob min. 60 50 5 ? ? 82 390 ? ? ? ? ? ? ? ? ? 0.5 90 40 ? ? ? 1 1 1 ? ? vi c = 50 a i c = 1ma i e = 50 a v cb = 40v v eb = 4v v ce = 3v, i c = 0.5a v ce = 5v, i e =? 500ma, f = 30mhz i c /i b = 2a/0.2a ? ? ? v cb = 10v, i e = 0a, f = 1mhz v v a a ? v mhz pf typ. max. unit conditions ? measured using pulse current. collector-base breakdown voltage collector-emitter breakdown voltage emitter-base breakdown voltage collector cutoff current emitter cutoff current dc current transfer ratio collector-emitter saturation voltage output capacitance transition frequency ! ! ! ! packaging specifications and h fe package taping code 2sD1760 type tl 2500 h fe tv2 2500 ? ? 2sd1864 pqr pqr basic ordering unit (pieces) h fe values are classified as follows: item h fe r 180~390 q 120~270 p 82~180 ! ! ! ! electrical characteristic curves collector current : i c (a) base to emitter voltage : v be (v) fig.1 grounded emitter propagation characteristics 0 10 0.01 2 5 1 0.2 0.5 0.1 0.02 0.05 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 v ce = 3v 25 c ? 25 c ta = 100 c collector current : i c ( a) collector to emitter voltage : v ce ( v) fig.2 grounded emitter output characteristics ( ) 0 12345 0 0.5 1.0 1.5 2.0 2.5 3.0 15ma 20ma 25ma 30ma 35ma 40ma 50ma 10ma 5ma i b = 0ma 45ma ta = 25 c collector current : i c (a) collector to emitter voltage : v ce (v) fig.3 grounded-emitter output characteristics( ? ) 0 1020304050 0 0.5 1.0 1.5 2.0 2.5 3.0 ta = 25 c 50ma 45ma 40ma 35ma 30ma 25ma 15ma 10ma p c = 15w i b = 5ma 20ma dc current gain : h fe collector current : i c (a) fig.4 dc current gain vs. collector current( ) 0.01 0.02 0.05 0.1 0.2 0.5 1 2 5 1000 500 200 100 50 20 10 5 2 1 ta = 25 c 10 v ce = 5v 3v dc current gain : h fe collector current : i c (a) fig.5 dc current gain vs. collector curren( ? ) 0.01 0.02 0.05 0.1 0.2 0.5 1 2 5 10 1000 500 200 100 50 20 10 5 2 1 v ce = 3v ta = 100 c ? 25 c 25 c collector saturation voltage : v ce(sat) (v) collector current : i c (a) fig.6 collector-emitter saturation voltage vs. collector current 0.010.02 0.05 0.1 0.2 0.5 1 2 5 10 0.01 0.02 0.05 0.1 0.2 0.5 1 2 5 10 ta = 25 c i c /i b = 50 20 10
2sD1760 / 2sd1864 transistors collector current : i c (a) collector saturation voltage : v ce (sat) (v) base saturation voltage : v be (sat) (v) fig.7 collector-emitter saturation voltage vs. collector current base-emitter saturation voltage vs. collector current 0.01 0.02 0.05 0.1 0.2 0.5 1 2 5 10 10 5 2 1 0.5 0.2 0.1 0.05 0.02 0.01 l c /l b = 10 v be (sat) v ce (sat) ta = ? 25 c 100 c 25 c 25 c ta = 100 c ? 25 c emitter current : ? i e (ma) transition frequency : f t (mhz) fig.8 gain bandwidth product vs. emitter current 1 2 5 10 20 50 100 200 5001000 1000 500 200 50 20 100 10 2 5 1 ta = 25 c v ce = 5v collector output capacitance : cob (pf) collector to base voltage : v cb (v) fig.9 collector output capacitance vs. collector-base voltage 0.1 0.2 0.5 1 2 5 10 20 50 100 100 200 500 1000 10 20 50 2 5 1 ta = 25 c f = 1mhz i e = 0a collector current : i c (a) collector to emitter voltage : v ce (v) fig.10 safe operating area (2sD1760) 0.1 0.01 0.02 0.05 0.1 0.2 0.5 1 2 5 0.2 0.5 1 2 5 10 20 50 100 ta = 25 c ? single pulse p w = 10ms ? p w = 100ms ? dc v ce =5v i c =0.2a 1 10 1sec 10sec 100sec 100 1 0.1 10 100 time : t (ms) transient thermal resistance : r th ( c/w) fig.11 transient thermal resistance (2sD1760) 0.2 0.5 1 2 5 10 20 50 100 5 2 1 0.1 0.2 0.5 0.02 0.05 collector to emitter voltage : v ce (v) collector current : i c (a) ta=25 c single nonrepetitive pulse pw=10ms pw=100ms dc fig.12 safe operating area (2sd1864) 1 10 100 1 10sec 100sec 1000sec 10 1 100 0.1 time : t (ms) transient thermal resistance : r th ( c/w) fig.13 transient thermal resistance (2sd1864)


▲Up To Search▲   

 
Price & Availability of D1760

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X