Part Number Hot Search : 
2001834 CSR1206 TS555 TS555 M5450 BA4558F SIP32411 NCP500
Product Description
Full Text Search
 

To Download BDX65 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors BDX65 description ? with to-3 package ? darlington ? complement to type bdx64 applications ? designed for power amplification and switching applications. pinning (see fig.2) pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 80 v v ceo collector-emitter voltage open base 60 v v ebo emitter-base voltage open collector 5 v i c collector current 12 a i cm collector current(peak) 16 a i b base current 0.2 a p t total power dissipation t c =25 ?? 117 w t j junction temperature -55~200 ?? t stg storage temperature -55~200 ?? thermal characteristics symbol parameter max unit r th j-c thermal resistance from junction to case 1.5 ??/w fig.1 simplified outline (to-3) and symbol
inchange semiconductor product specification 2 silicon npn power transistors BDX65 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =0.1a ; i b =0;l=25mh 60 v v cesat collector-emitter saturation voltage i c =5a ;i b =20ma 2 v v be base-emitter voltage i c =5a;v ce =3v 3 v i cbo collector cut-off current v cb =60v; i e =0 t c =150 ?? 0.4 3 ma i ceo collector cut-off current v ce =30v; i b =0 1 ma i ebo emitter cut-off current v eb =5v; i c =0 5 ma v f diode forward voltage i f =3a 1.8 v h fe-1 dc current gain i c =1a ; v ce =3v 1500 h fe-2 dc current gain i c =5a ; v ce =3v 1000 h fe-3 dc current gain i c =10a ; v ce =3v 1500 f t transition frequency i c =5a ; v ce =3v;f=1mhz 7 mhz
inchange semiconductor product specification 3 silicon npn power transistors BDX65 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of BDX65

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X