Part Number Hot Search : 
C5107M SPX29 37214 54HC112 C5107M SMAJ33A P6KE56 NJM2370
Product Description
Full Text Search
 

To Download BD5467GUL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/19 www.rohm.com 2010.09 - rev. a ? 2010 rohm co., ltd. all rights reserved. small-sized class-d speaker amplifiers analog input monaural class-d speaker amplifier BD5467GUL description BD5467GUL is a monaural class-d speaker amplifier that contained alc func tion for mobile phone, portable type electronic devices etc. lc filt er of speaker output is not needed, can form monaural speaker amplifier with 3 external parts. alc, short for a utomatic l evel c ontrol, is a function that automatically adjust s up to the level of suppression of distortion (clip) of output wave form during excessive input. the time unt il the limit release operation of output level is called the release time (or recovery time). this ic adopts release time (262ms/1db typ.) and suits the applications which play music. through class-d operation, efficiency is high low power consumpt ion that is why it?s suitable for battery drive application. the current consumption during shutdown when lowered to 0.01 a(typ.), from the shutdown to the operation time is early and at the same time pop sound is few that is why its also suitable in repeating active and shutdown. feature 1) contains digital alc (a utomatic l evel c ontrol) function 2) external parts 3points 3) ultra slim type package 9pin wl-csp(1.71.70.55mmmax.) 4) bd5460/61gul (no alc function, ga in fixed goods) pin compatible specs bd5465/66/68gul (alc function, gain fixed goods) pin compatible specs 5) maximum gain 13db(typ.) [during alc operation, 13 -2db@1db step] 6) alc release(recovery) time 262ms/1db(typ.) 7) limit output power 0.7w (typ.) [vdd=4.2v, rl=8 ? , thd+n Q 1%] 0.5w (typ.) [vdd=3.6v, rl=8 ? , thd+n Q 1%] 8) audio analog input (corresponds to single-end input / differential input) 9) output lc filter free 10) pop noise suppression circuit 11) shutdown function (use as mute at the same time) [low shutdown current = 0.01 a (typ.)] 12) contains protection circuit: output short, t hermal shutdown, under voltage lockout (uvlo) applications mobile phone, portable audio devic e, pnd, dsc, note-pc etc. absolute maximum rating (ta=+25 ) parameter symbol ratings unit power supply voltage vddmax pvddmax 7.0 v power dissipation pd 690 mw storage temperature range tstg -55 +150 sdnb pin input range v sdnb -0.3 vdd+0.3 v in+, in- pin input range v in -0.3 vdd+0.3 v in case ta=+25 or more, 5.52 mw decrease per 1 when mounting rohm typical board 50.0mm58.0mm (material glass epoxy) operation range parameter symbol range unit temperature topr -40 +85 power supply voltage vdd pvdd +2.5 +5.5 v common mode input voltage range v ic +0.5 vdd-0.8 v this product is not designed for protection against radio active rays. no.10101eat07
technical note 2/19 BD5467GUL www.rohm.com 2010.09 - rev. a ? 2010 rohm co., ltd. all rights reserved. electrical characteristic(ta=+25 , vdd=+3.6v, unless specified otherwise) parameter symbol limits unit conditions min. typ. max. all device circuit current (no signal) i cc D 3 6 ma ic active, no load v sdnb =vdd circuit current (shutdown) i sdn D 0.01 2 a ic shutdown v sdnb =gnd audio feature limit output power p o 0.035 vdd 2 0.044 vdd 2 0.055 vdd 2 w btl, f=1khz, r l =8 ? thd+n Q1% , *1 total harmonic distortion t hd+n D 0.2 1 % btl, fin=1khz, r l =8 ? p o =0.3w, *1 maximum gain g max 12 13 14 db btl, *1 alc limit level v lim 1.5 vdd 1.68 vdd 1.89 vdd vpp btl, *1 alc release level v rel 1.19 vdd 1.34 vdd 1.5 vdd vpp btl, *1 switching frequency f osc 150 250 350 khz start-up time t on 0.73 1.02 1.71 msec audio input resistance ri 36 55 74 k ? gain=13db control terminal sdnb terminal threshold voltage h v sdnbh 1.4 D vdd v ic active l v sdnbl 0 D 0.4 v ic shutdown sdnb terminal inflow current h i sdbnh 12 24 36 a v sdnb =3.6v l i sdnbl -5 D 5 a v sdnb =0v * 1 filter bandwidth for measurement 400 30khz, lc filter for ac measurement l=22 h / c=1 f, b t l voltage between a3,c3 shutdown control control terminal conditions sdnb h ic operation (active) l ic stop (shutdown) alc parameter alc parameter attack time (typ.) release time(typ.) gain switch step (typ.) 1ms/1db @ fin=100hz 0.5ms/1db @ fin=1khz 0.05ms/1db @ fin=10khz 262ms/1db @ fin=100 10khz 1db the gain switch timing during alc operation occu rs at zero cross point of audio output voltage. for that, attack time, release time will change at input frequency ?fin?. alc parameter is fixed. alc operation d oesn?t correspond to noise of impulse.
technical note 3/19 BD5467GUL www.rohm.com 2010.09 - rev. a ? 2010 rohm co., ltd. all rights reserved. measurement circuit diagram


▲Up To Search▲   

 
Price & Availability of BD5467GUL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X