Part Number Hot Search : 
04MU06MU 1M35V10 IRF710 N1FXXAA2 LC5556LD H11L1 1N478 NKA0315D
Product Description
Full Text Search
 

To Download BC869 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot-89 1. base 2. collector 3. emitter sot-89 plastic-encapsulate transistors transistor (pnp) features ? npn complement to bc868 ? low voltage ? high current maximum ratings (t a =25 unless otherwise noted) electrical characteristics (t a =25 unless otherwise specified) parameter symbol test conditions min typ max unit collector-base breakdown voltage v (br)cbo i c =-100a,i e =0 -32 v collector-emitter breakdown voltage v (br)ceo i c =-1ma,i b =0 -20 v emitter-base breakdown voltage v (br)ebo i e =-100a,i c =0 -5 v collector cut-off current i cbo v cb =-25v,i e =0 -0.1 a emitter cut-off current i ebo v eb =-5v,i c =0 -0.1 a h fe(1) v ce =-10v, i c =-5ma 50 h fe(2) v ce =-1v, i c =-0.5a 100 375 dc current gain h fe(3) v ce =-1v, i c =-1a 60 collector-emitter saturation voltage v ce(sat) i c =-1a,i b =-0.1a -0.5 v v ce =-1v, i c =-1a -1 v base -emitter voltage v be v ce =-10v, i c =-5ma -0.62 v transition frequency f t v ce =-5v,i c =-10ma, f=100mhz 40 mhz classification of h fe(2) rank BC869 BC869-16 BC869-25 range 100 C 375 100 C 250 160 C 375 marking cec cgc chc symbol parameter value unit v cbo collector-base voltage -32 v v ceo collector-emitter voltage -20 v v ebo emitter-base voltage -5 v i c collector current -1 a p c collector power dissipation 500 mw r ja thermal resistance from junction to ambient 250 / w t j junction temperature 150 t stg storage temperature -55~+150 bc86 ? 2012-10 willas electronic corp. preliminary
outline drawing dimensions in inches and (millimeters) sot-89 rev.c .047(1.2) .031(0.8) .102(2.60) .091(2.30) .181(4.60) .173(4.39) .061ref (1.55)ref .023(0.58) .016(0.40) .060typ (1.50)typ .118typ (3.0)typ .197(0.52) .013(0.32) .017(0.44) .014(0.35) .063(1.60) .055(1.40) .154(3.91) .167(4.25) 2012-10 willas electronic corp. sot-89 plastic-encapsulate transistors bc86 preliminary


▲Up To Search▲   

 
Price & Availability of BC869

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X