Part Number Hot Search : 
FL128 2SC4176 FLT180S 276BC2 UMN1N HIN232 276BC2 1N415
Product Description
Full Text Search
 

To Download AUSDH8GUI1-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.adata-group.com adata premier pro microsdhc uhs-i features more speed supports latest sd 3.0 and uhs50 standards offers up to 1400/150 iops random read/write speed to ensure high performance while running multiple applications better capacity capacities up to 32gb ordering information product code type capacity microsdhc uhs-i microsdhc uhs-i w/adapter 8gb 16gb 32gb AUSDH8GUI1-R ausdh16gui1-r ausdh32gui1-r AUSDH8GUI1-Ra1 ausdh16gui1-ra1 ausdh32gui1-ra1 ean code 4713435793954 4713435793992 4713435793978 4713435794531 4713435794548 4713435793985 8gb 16gb 32gb specifications > speed: 16/32 gb: read/write speed up to 45/40 (mb/s) 8gb: read/write speed up to 45/20 (mb/s) random read/write: 1400/150 iops (note: read/write speed based on adata internal testing; performance may be lower depending on host device.) > capacity: 8gb/16gb/32gb > compatibility: smartphones, tablet computers > dimensions (l x w x h): 15mm x 11mm x 1.0mm > weight: approx 0.25g > operating voltage: 2.7~3.6volt > warranty: lifetime warranty > certifications: fcc, ce, bsmi, vcci packaging information type weight cuft carton gross weight carton dimensions retail 9.25g 0.41 2.553kg 397 x 189 x 155mm 11.25g (w/adapter) 0.41 2.939kg 397 x 189 x 155mm dimensions pcs/carton 200 128 x 84.5 x 5.5mm 200 128 x 84.5 x 5.5mm


▲Up To Search▲   

 
Price & Availability of AUSDH8GUI1-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X