Part Number Hot Search : 
ISL59 SMCJ220C P89C61X2 13003 KSC3502E 430450 TA8304F 3D7501D
Product Description
Full Text Search
 

To Download AM10EW-4812DZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am10ew-z 10 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.d 1 of 3 north america only features: models single output model input voltage (v) output voltage (v) output current max (a) capacitive load max ( f) efficiency (%) am10ew-2403sz 9-36 3.3 2 3300 79 am10ew-2405sz 9-36 5 2 3300 82 am10ew-2412sz 9-36 12 0.83 680 85 am10ew-2415sz 9-36 15 0.67 470 85 am10ew-4803sz 18-72 3.3 2 3300 79 am10ew-4805sz 18-72 5 2 3300 82 am10ew-4812sz 18-72 12 0.83 680 85 am10ew-4815sz 18-72 15 0.67 470 85 models dual output model input voltage (v) output voltage (v) output current max (a) capacitive load ( f) efficiency (%) am10ew-2405dz 9-36 5 1 2200 82 am10ew-2412dz 9-36 12 0.416 470 85 am10ew-2415dz 9-36 15 0.333 330 85 am10ew-4805dz 18-72 5 1 2200 82 AM10EW-4812DZ 18-72 12 0.416 470 85 am10ew-4815dz 18-72 15 0.333 330 85 input specifications parameters nominal typical maximum units voltage range 24 9-36 vdc 48 18-72 filter ? ? isolation specifications parameters conditions typical rated units tested i/o voltage 3 sec 1500 vdc case/ input & output 1000 vdc resistance > 1000 mohm capacitance 1200 pf ? rohs compliant ? ? efficiency up to 85% ? ? wide 4:1 input range input/output isolation 1500vdc ? continuous short circuit protection operating temperature -40 o c to + 85 o c
series am10ew-z 10 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.d 2 of 3 north america only output specifications parameters conditions typical maximum units voltage accuracy 1 % voltage balance (dual output) balance load 1 % short circuit protection continuous short circuit restart auto recovery current limiting 140 % of iout max line voltage regulation hl-ll 0.5 % load voltage regulation 10-100% load 0.5 % load voltage regulation 10% load 1.0 % temperature coefficient 0.02 %/ o c ripple & noise 20mhz bandwidth 75 mv p-p rising time 10 ms general specifications parameters conditions typical maximum units switching frequency 100% load 300 khz operating temperature -40 to +85 o c storage temperature -40 to +125 o c max case temperature 100 o c cooling free air convection humidity 95 % case material nickel coated copper weight 30 g dimensions (l x w x h) tolerance 0.5mm 2.00 x 1.00 x 0.40 inches 50.80 x 25.00 x 10.16 mm mtbf >1 121 000 hrs (mil-hdbk -217f, ground benign, t=+25 o c) note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. safety specifications parameters agency approvals ce, meets iec 60950 1:2001 standards en55022 class a, en55024 iec61000-4-2, perf. criteria b iec61000-4-3, perf. criteria a iec61000-4-4, perf. criteria b iec61000-4-6, perf. criteria a iec61000-4-8, perf. criteria a pin out specifications pin single dual 1 on/off control on/off control 2 -v input -v input 3 +v input +v input 4 -v output -v output 5 no pin common 6 +v output +v output
series am10ew-z 10 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.d 3 of 3 north america only dimensions test circuit conducted emissions note: 1. datasheets are updated as needed and as such, specifications ar e subject to change without notic e. once printed or downloaded , datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency cert ifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an am bient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary an d may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control sys tems or other such applications which necessitate specific safety and regulatory standards ot her the ones listed in this datasheet. 7. warranty is in accordance with aimtec?s st andard terms of sale available at www.aimtec.com. 5.08 (0.20) min notes: all dimensions are typical in millimeters (inches). tolerance 0.25 (0.01) dia 1.00 (0.04) 50.80 (2.00) 25.40 (1.00) 10.16 (0.40) built-in stand-offs to ease pcb cleaning 1 2 3 4 5 bottom view 20.32 (0.80) 15.24 (0.60) 15.24 (0.60) 7.62 (0.30) 10.16 (0.40) 5.08 (0.20) 10.16 (0.40) 10.16 (0.40) 6 2.54 (0.10) 2.54 (0.10)


▲Up To Search▲   

 
Price & Availability of AM10EW-4812DZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X