Part Number Hot Search : 
MSD541 AAT7551 LTC2401 XXXGX CH7023 ON2017 KLC150 1N6069A
Product Description
Full Text Search
 

To Download 2SK3089 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SK3089 2009-09-29 1 toshiba field effect transistor silicon n channel mos type ( ? mosvi) 2SK3089 chopper regulator dc ? dc converter, and motor drive applications z low drain ? source on resistance : r ds (on) = 25 m ? (typ.) z high forward transfer admittance : |y fs | = 20 s (typ.) z low leakage current : i dss = 100 a (max) (v ds = 30 v) z enhancement mode : v th = 1.5 to 3.0 v (v ds = 10 v, i d = 1 ma) absolute maximum ratings (ta = 25c) characteristics symbol rating unit drain? source voltage v dss 30 v drain? gate voltage (r gs = 20 k ? ) v dgr 30 v gate? source voltage v gss 20 v dc (note 1) i d 40 drain current pulse (note 1) i dp 80 a drain power dissipation (tc = 25c) p d 50 w single pulse avalanche energy (note 2) e as 134 mj avalanche current i ar 40 a repetitive avalanche energy (note 3) e ar 5 mj channel temperature t ch 150 c storage temperature range t stg ? 55 to 150 c note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in t he reliability significantly even if the operating conditions (i.e. operating tem perature/current/voltage, etc.) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and me thods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). thermal characteristics characteristics symbol max unit thermal resistance, channel to case r th (ch ? c) 2.5 c / w thermal resistance, channel to ambient r th (ch ? a) 83.3 c / w note 1: ensure that the channel temperature does not exceed 150c. note 2: v dd = 25 v, t ch = 25c (initial), l = 60 h, r g = 25 ? , i ar = 40 a note 3: repetitive rating pulse width limited by maximum channel temperature. this transistor is an electrostatic-sensitive device. please handle with caution. unit: mm jedec D jeita D toshiba 2-10s1b weight: 1.5 g (typ.) jedec D jeita D toshiba 2-10s2b weight: 1.5 g (typ.)
2SK3089 2009-09-29 2 electrical characteristics (ta = 25c) characteristics symbol test condition min typ. max unit gate leakage current i gss v gs = 16 v, v ds = 0 v ? ? 10 a drain cut? off current i dss v ds = 30 v , v gs = 0 v ? ? 100 a drain? source breakdown voltage v (br) dss i d = 10 ma, v gs = 0 v 30 ? ? v gate threshold voltage v th v ds = 10 v, i d = 1 ma 1.5 ? 3.0 v drain? source on resistance r ds (on) v gs = 10 v, i d = 20 a ? 25 30 m ? forward transfer admittance |y fs | v ds = 10 v, i d = 20 a 10 20 ? s input capacitance c iss ? 920 ? reverse transfer capacitance c rss ? 290 ? output capacitance c oss v ds = 10 v, v gs = 0 v, f = 1 mhz ? 420 ? pf rise time tr ? 10 ? turn ? on time t on ? 17 ? fall time t f ? 40 ? switching time turn ? off time t off ? 80 ? ns total gate charge (gate ? source plus gate ? drain) q g ? 23 ? gate? source charge q gs ? 15 ? gate? drain (?miller?) charge q gd v dd 24 v, v gs = 10 v, i d = 40 a ? 8 ? nc source? drain ratings and characteristics (ta = 25c) characteristics symbol test condition min typ. max unit continuous drain reverse current (note 1) i dr ? ? ? 40 a pulse drain reverse current (note 1) i drp ? ? ? 80 a forward voltage (diode) v dsf i dr = 40 a, v gs = 0 v ? ? ? 1.7 v reverse recovery time t rr ? 80 ? ns reverse recovery charge q rr i dr = 40 a, v gs = 0 v di dr / dt = 50 a / s ? 130 ? nc marking note 4: a line under a lot no. i dentifies the indication of product labels. not underlined: [[pb]]/includes > mcv underlined: [[g]]/rohs compatible or [[g]]/rohs [[pb]] please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of product. the rohs is the directive 2002/ 95/ec of the european parliament and of the council of 27 january 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment. lot no. note 4 k3089 part no. (or abbreviation code)
2SK3089 2009-09-29 3 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively ?toshiba?), reserve the right to make changes to the in formation in this document, and related hardware, software a nd systems (collectively ?product?) without notice. ? this document and any information herein may not be reproduc ed without prior written permission from toshiba. even with toshiba?s written permission, reproduc tion is permissible only if reproducti on is without alteration/omission. ? though toshiba works continually to improve product?s quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a ma lfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. before creating and producing des igns and using, customers mus t also refer to and comply with (a) the latest versions of all re levant toshiba information, including without limitation, this d ocument, the specifications, the data sheets and applic ation notes for product and the precautions and conditions set forth in the ?tosh iba semiconductor reliability handbook? and (b) t he instructions for the application that product will be used with or for. custome rs are solely responsible for all aspects of t heir own product design or applications, incl uding but not limited to (a) determining th e appropriateness of the use of this product in such design or applications; (b) evaluating and det ermining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. toshiba assumes no liability for customers? product design or applications. ? product is intended for use in general el ectronics applications (e.g., computers, personal equipment, office equipment, measur ing equipment, industrial robots and home electroni cs appliances) or for specif ic applications as expre ssly stated in this document . product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality a nd/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage or se rious public impact (?unintended use?). unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic s ignaling equipment, equipment used to control combustions or explosions, safety dev ices, elevators and escalato rs, devices related to el ectric power, and equipment used in finance-related fields. do not use product for unintended use unless specifically permitted in thi s document. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? a bsent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, co nsequential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related so ftware or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or m anufacturing of nuclear, chemical , or biological weapons or missi le technology products (mass destruction w eapons). product and related software and technology may be controlled under the japanese foreign exchange and foreign trade law and the u.s. expor t administration regulations. ex port and re-export of product or related software or technology are strictly prohibited exc ept in compliance with all applicable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclusion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result o f noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of 2SK3089

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X