Part Number Hot Search : 
A2168 LM863 MIC5365 ADC1143J S78L18 LM9836A SIL3811 1755761
Product Description
Full Text Search
 

To Download 2SK2674 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
    


 

 
       

    !!"#! !$"%"!&&'(" ")*"+,-.")   

!"#$% & 
&
'

(
)*
' +
, 
&
' -,  (%%-(!-". -'
 
 


 /
'
 


0

 !
 
1 

 !
& 


  (,
  
'  2(!1  
                           !  "     " ! #  $  $ # %!! $ &  $  $ &  '!   #    #   # (   #    ) *+  #) ) , "  !  - #   . !! /      #    (   ), #     )  !! 0   1 1  "     "  !  (   1  " 2 2   "    3! 4   1 1  " 2 2   "    3
  5 6   5  !7 89  !7: 89


 

 
   
    
       
       !"# $% $ &!'(    )*+ $ ,  -$ .-- $ / , $% 
   $   .--$+ $ ,  -$ -  * ,  0"%
  , $ ,   1-$+ $   -$  - ) 2#     % 3    1 *+ $   )-$ 1 4 4 -         5    '   ' &56(    1*+ $ ,  )-$ )   -  ,   $% $ 7    )*+ $   )-$   1 - 1  $    2# $% $     1*+ $ ,  -$ )   '    8 8     )   9   ,
% : % $   ;--$+ $ ,  )-$+    <* 41 
 

 );- '=   3

 $   $+ $ ,  -$+ 3  )7 / 1< 2 5  

 )- 5       1 *+ ' 0  ;1  + $ ,  )-$ . )<-  533   33 11- 4-
0 2 4 6 8 10 12 14 0 5 10 15 20 2SK2674 transfer characteristics v ds = 25v typ tc = - 55 c 25 c 100 c 150 c gate-source voltage v gs [v] drain current i d [a]
static drain-source on-state resistance 0.01 0.1 1 10 100 -50 0 50 100 150 2SK2674 v gs = 10v pulse test typ i d = 3.5a case temperature tc [ c] static drain-source on-state resistance r ds(on) [ w ]
gate threshold voltage 0 1 2 3 4 5 6 -50 0 50 100 150 2SK2674 v ds = 10v i d = 1ma typ case temperature tc [ c] gate threshold voltage v th [v]
safe operating area 0.01 0.1 1 10 100 1 10 100 1000 2SK2674 100 m s tc = 25 c single pulse 200 m s 1ms 10ms dc drain-source voltage v ds [v] drain current i d [a] r ds(on) limit
transient thermal impedance 0.01 0.1 1 10 2SK2674 10 -4 10 -3 10 -2 10 -1 10 0 10 1 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 time t [s] transient thermal impedance q jc(t) [ c/w]
0 20 40 60 80 100 0 50 100 150 2SK2674 single avalanche energy derating [%] starting channel temperature tch [ c] single avalanche energy derating
capacitance 1 10 100 1000 10000 0 20 40 60 80 100 2SK2674 0.005 f=1mhz ta=25 c typ ciss coss crss drain-source voltage v ds [v] capacitance ciss coss crss [pf]
single avalanche current - inductive load 1 10 2SK2674 0.1 1 10 100 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 v dd = 100v v gs = 15v ? 0v rg = 40 w i as = 7a e as = 160mj e ar = 16mj inductance l [mh] single avalanche current i as [a]
0 20 40 60 80 100 0 50 100 150 2SK2674 power derating power derating [%] case temperature tc [ c]
0 20 40 60 80 100 0 100 200 300 400 500 2SK2674 0 5 10 15 20 200v gate charge characteristics i d = 7a typ 100v v dd = 400v v gs v ds gate charge qg [nc] drain-source voltage v ds [v] gate-source voltage v gs [v]


▲Up To Search▲   

 
Price & Availability of 2SK2674

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X