Part Number Hot Search : 
TA8532F 307014 LTC31 P0111 F45ITR 106D1 TL594CD 52104496
Product Description
Full Text Search
 

To Download 2DB1424R-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2db1424r pnp surface mount transistor features ? epitaxial planar die construction ? complementary npn type available (2dd2150) ? ideally suited for automated assembly processes ? ideal for medium power switching or amplification applications ? lead free by design/rohs compliant (note 1) ? "green" device (note 2) mechanical data ? case: sot89-3l ? case material: molded plastic, "green? molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020d ? terminals: finish ? matte ti n annealed over copper leadframe (lead free plating). solderable per mil-std-202, method 208 ? marking information: see page 3 ? ordering information: see page 3 ? weight: 0.072 grams (approximate) new product sot89-3l 3 1 2,4 c o l l e c t o r e m i t t e r b a s e 4 3 2 1 c c b e t o p v i e w schematic and pin configuration maximum ratings @t a = 25c unless otherwise specified characteristic symbol value unit collector-base voltage v cbo -20 v collector-emitter voltage v ceo -20 v emitter-base voltage v ebo -6 v peak pulse current i cm -5 a continuous collector current i c -3 a thermal characteristics characteristic symbol value unit power dissipation (note 3) @ t a = 25c p d 1 w thermal resistance, junction to ambient air (note 3) @ t a = 25c r ja 125 c/w operating and storage temperature range t j , t stg -55 to +150 c electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min typ max unit conditions off characteristics (note 4) collector-base breakdown voltage v (br)cbo -20 ? ? v i c = -50 a, i e = 0 collector-emitter breakdown voltage v (br)ceo -20 ? ? v i c = -1ma, i b = 0 emitter-base breakdown voltage v (br)ebo -6 ? ? v i e = -50 a, i c = 0 collector cut-off current i cbo ? ? -0.1 a v cb = -20v, i e = 0 emitter cut-off current i ebo ? ? -0.1 a v eb = -5v, i c = 0 on characteristics (note 4) collector-emitter saturation voltage v ce(sat) ? -0.18 -0.5 v i c = -2a, i b = -0.1a dc current gain h fe 180 ? 390 ? v ce = -2v, i c = -0.1a small signal characteristics output capacitance c obo ? 28 ? pf v cb = -10v, i e = 0, f = 1mhz current gain-bandwidth product f t ? 220 ? mhz v ce = -2v, i e = 0.1a, f = 100mhz notes: 1. no purposefully added lead. 2. diodes inc.'s "green" policy c an be found on our website at http:// www.di odes.com/products/lead_f ree/index.php. 3. device mounted on fr-4 pcb; pad layout as shown on page 4 or in diodes inc. s uggested pad layout docum ent ap02001, which can be found on our website at http:// www.di odes.com/datas heets/ap02001.pdf. 4. measured under pulsed c onditions. pulse width = 300 s. duty cycle 2%. ds31329 rev. 2 - 2 1 of 4 www.diodes.com 2db1424r ? diodes incorporated
0 0.2 0.4 25 50 75 100 125 150 p , p o we r dissi p a t i o n (w) d t , ambient temperature (c) fig. 1 power dissipation vs. ambient temperature (note 3) a 0.6 0.8 1.0 0 r = 125c/w ja 0 0.4 0.8 1.2 1.6 2.0 0.001 0.01 0.1 1 10 0 100 200 300 400 500 t = -55c a t = 25c a t = 85c a t = 150c a v = -2v ce 0 0.1 0.2 0.3 0.4 0.5 0.6 0.001 0.01 0.1 1 10 t = -55c a t = 25c a t = 85c a t = 150c a i/i = 20 cb 0.001 0.01 0.1 1 10 t = 85c a t = 150c a t = -55c a t = 25c a v = -2v ce 0.001 0.01 0.1 1 10 t = -55c a t = 25c a t = 85c a t = 150c a i/i = 20 cb new product ds31329 rev. 2 - 2 2 of 4 www.diodes.com 2db1424r ? diodes incorporated
0.1 1 10 100 c ibo c obo i , emitter current (ma) e fig. 8 typical gain-bandwidth product vs. emitter current 0 50 100 150 200 250 0 102030405060 708090100 v = -2v f = 100mhz ce new product ordering information (note 5) device packaging shipping 2DB1424R-13 sot89-3l 2500/tape & reel notes: 5. for packaging details, please see below or go to our website at http://www.di odes.com/ap02007.pdf. marking information p33r yww (top view) p33r = product type marking code yww = date code marking y = last digit of year ex: 7 = 2007 ww = week code 01 - 52 package outline dimensions e d h l a c e 8 ( 4 x ) b1 b d1 r 0 . 2 0 0 sot89-3l dim min max typ a 1.40 1.60 1.50 b 0.45 0.55 0.50 b1 0.37 0.47 0.42 c 0.35 0.43 0.38 d 4.40 4.60 4.50 d1 1.50 1.70 1.60 e 2.40 2.60 2.50 e ? ? 1.50 h 3.95 4.25 4.10 l 0.90 1.20 1.05 all dimensions in mm ds31329 rev. 2 - 2 3 of 4 www.diodes.com 2db1424r ? diodes incorporated
suggested pad layout 3.0 0.9 2.7 0.4 1.7 1.3 1.9 unit: mm new product important notice diodes incorporated and its subsidiaries rese rve the right to make modifications, enhancements, improvements, corrections or ot her changes without further notice to any product herein. diodes incorporat ed does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the ri ghts of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes inco rporated and all the companies whose products are represented on our website, harmless against all damages. life support diodes incorporated products are not authoriz ed for use as critical components in life support devices or systems without the e xpressed written approval of the president of diodes incorporated. ds31329 rev. 2 - 2 4 of 4 www.diodes.com 2db1424r ? diodes incorporated


▲Up To Search▲   

 
Price & Availability of 2DB1424R-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X