Part Number Hot Search : 
00223 SI9135 4AR01 KBU401 20060 SM8030 SRAF820 OH10004
Product Description
Full Text Search
 

To Download 1N5929B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 stad-feb.10.2009 1 1n5921b~1n5942b features ? low profile package  built-in strain relief  low inductance  plastic package has underwriters laboratory flammability classification 94v-o  in compliance with eu rohs 2002/95/ec directives mechanical data  case: jedec do-41,molded plastic over passivated junction.  terminals: solder plated, solderable per mil-std-750, method 2026  polarity: color band denotes positive end (cathode)  standard packing: 52mm tape  weight: 0.0118 ounce, 0.336 gram silicon zener diodes notes: 1.mounted on 5.0mm2 (.013mm thick) land areas. do-41 unit: inch(mm) .034(.86) .107(2.7) .028(.71) .080(2.0) 1.0(25.4)min. 1.0(25.4)min. .205(5.2) .160(4.1) maximum ratings and electrical characteristics ratings at 25c ambient temperature unless otherwise specified. voltage 6.8 to 51 volts power 1.5 watts r e t e m a r a p l o b m y s e u l a v s t i n u t n o n o i t a p i s s i d r e w o p c d a 5 7 = o h t g n e l d a e l o r e z t a e r u s a e m , c 5 7 e v o b a e t a r e d o ) 1 e t o n ( c p d 5 . 1 s t t a w e g n a r e r u t a r e p m e t e g a r o t s d n a n o i t c n u j g n i t a r e p o t j ,t stg 0 5 1 + o t 5 5 - o c
page . 2 stad-feb.10.2009 1 1n5921b~1n5942b r e b m u n t r a p e g a t l o v r e n e z l a n i m o n e c n a d e p m i r e n e z m u m i x a m m u m i x a m t n e r r u c e g a k a e l v z @i zt z zt @i zt z zk @i zk i r v r v . m o n v . n i m v . x a m ? a m ? a m a v b 1 2 9 5 n 1 8 . 6 6 4 . 6 4 1 . 7 3 1 . 5 5 0 0 2 1 5 2 . 5 b 2 2 9 5 n 1 5 . 7 3 1 . 7 8 8 . 7 3 0 5 0 0 4 5 . 0 5 6 b 3 2 9 5 n 1 2 . 8 9 7 . 7 1 6 . 8 4 7 . 5 4 0 0 4 5 . 0 5 5 . 6 b 4 2 9 5 n 1 1 . 9 5 6 . 8 6 5 . 9 4 2 . 1 4 0 0 5 5 . 0 5 7 b 5 2 9 5 n 1 0 1 5 . 9 5 . 0 1 5 5 . 7 3 0 0 5 5 2 . 0 5 8 b 6 2 9 5 n 1 1 1 5 4 . 0 1 5 5 . 1 1 6 1 . 4 3 0 5 5 5 2 . 0 1 4 . 8 b 7 2 9 5 n 1 2 1 4 . 1 1 6 . 2 1 7 2 . 1 3 0 5 5 5 2 . 0 1 1 . 9 b 8 2 9 5 n 1 3 1 5 3 . 2 1 5 6 . 3 1 7 8 . 8 2 0 5 5 5 2 . 0 1 9 . 9 b 9 2 9 5 n 1 5 1 5 2 . 4 1 5 7 . 5 1 9 5 2 0 0 6 5 2 . 0 1 4 . 1 1 b 0 3 9 5 n 1 6 1 2 . 5 1 8 . 6 1 0 1 4 . 3 2 0 0 6 5 2 . 0 1 2 . 2 1 b 1 3 9 5 n 1 8 1 1 . 7 1 9 . 8 1 2 1 8 . 0 2 0 5 6 5 2 . 0 1 7 . 3 1 b 2 3 9 5 n 1 0 2 9 1 1 2 4 1 7 . 8 1 0 5 6 5 2 . 0 1 2 . 5 1 b 3 3 9 5 n 1 2 2 9 . 0 2 1 . 3 2 8 1 7 1 0 5 6 5 2 . 0 1 7 . 6 1 b 4 3 9 5 n 1 4 2 8 . 2 2 2 . 5 2 9 1 6 . 5 1 0 0 7 5 2 . 0 1 2 . 8 1 b 5 3 9 5 n 1 7 2 5 6 . 5 2 5 3 . 8 2 3 2 9 . 3 1 0 0 7 5 2 . 0 1 6 . 0 2 b 6 3 9 5 n 1 0 3 5 . 8 2 5 . 1 3 6 2 5 . 2 1 0 5 7 5 2 . 0 1 8 . 2 2 b 7 3 9 5 n 1 3 3 5 3 . 1 3 5 6 . 4 3 3 3 4 . 1 1 0 0 8 5 2 . 0 1 1 . 5 2 b 8 3 9 5 n 1 6 3 2 . 4 3 8 . 7 3 8 3 4 . 0 1 0 5 8 5 2 . 0 1 4 . 7 2 b 9 3 9 5 n 1 9 3 5 0 . 7 3 5 9 . 0 4 5 4 6 . 9 0 0 9 5 2 . 0 1 7 . 9 2 b 0 4 9 5 n 1 3 4 5 8 . 0 4 5 1 . 5 4 3 5 7 . 8 0 5 9 5 2 . 0 1 7 . 2 3 b 1 4 9 5 n 1 7 4 5 6 . 4 4 5 3 . 9 4 7 6 8 0 0 0 1 5 2 . 0 1 8 . 5 3 b 2 4 9 5 n 1 1 5 5 4 . 8 4 5 5 . 3 5 0 7 3 . 7 0 0 1 1 5 2 . 0 1 8 . 8 3
page . 3 stad-feb.10.2009 1 1n5921b~1n5942b 200 100 70 50 30 20 10 10 20 30 50 vz, zener voltage (volts) 22v 12v 6.8v 0.5 1 2 5 10 20 50 100 200 500 1k 500 200 100 50 20 10 5 2 1 t j =25 c i z (rms) =0.1 i (dc) o z iz, zener test current (ma) zz, dynamic impedance (ohms) vz, temperature coeficent (mv/ c) o vz, temperature coeficent (mv/ c) o maximum power dissipation, watts fig.4 z ener impedance v.s. zener current 0.1 0.20.3 0.5 12 3 5 10 2030 50 100 1k 500 300 200 100 50 30 20 10 rectangular nonrepetitive waveform t j =25 c prior o to intial pulse ppk, peaksurge power (watts) pw, pulse width (ms) fig.6 maximum surge power 200 100 70 50 30 20 10 7 5 3 2 5 7 10 20 3 4 00 6 50 0 70 100 i z (dc)=1ma i z (rms)=0.1i z (dc) 10ma 20ma zz, dynamic impedance (ohms) vz, zener voltage (volts) fig.5 z ener impedance v.s. zener voltage 2.5 2 1.5 1 0.5 0 0 20 40 60 80 100 120 140 150 180 lead temperature, c o fig.1 steady state power derating v , zener voltage (volts) z 8 6 4 2 0 -2 -4 24 6810 10 12 v z @i zt fig.2 t emperature coeeficient v.s. zener voltage,vz(v) fig.3 t emperature coeeficient v.s. zener voltage,vz(v) v z @i zt
page . 4 stad-feb.10.2009 1 1n5921b~1n5942b 0 12 3 4 5 678910 100 50 30 20 10 5 3 2 1 0.5 0.3 0.2 0.1 iz, zener current (ma) vz, zener voltage (volts) fig.7 vz = 6.8 thru 10 volts 100 50 30 20 10 5 3 2 1 0.5 0.3 0.2 0 . 1 010 20 30 40 iz, zener current (ma) vz, zener voltage (volts) fig.8vz=12thru82volts note 3. zener voltage (vz) measurement nominal zener voltage is measured with the device function in thermal equilibrium with ambient temperature at 25 c note 4. zener impedance (zz) derivation zzt and zzk are measured by dividing the ac voltage drop across the device by the accurrent applied. the specified limits are for iz(ac) = 0.1 iz, (dc) with the ac freqency = 60hz o


▲Up To Search▲   

 
Price & Availability of 1N5929B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X