Part Number Hot Search : 
CJ7806FH FMMZ5250 C3202 DKI10526 MC12080 MBRF745 AD7547TQ VCO55
Product Description
Full Text Search
 

To Download 1N4448WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sod-323 plastic-encapsulate diodes fast switching diode features z fast switching speed z surface mount package ideally suited for automatic insertion z for general purpose switching applications z high conductance marking: t5 maximum ratings and electrical characteristics, single diode @t a =25 parameter symbol limit unit non-repetitive peak r everse v oltage v rm 100 v peak repetitive peak r everse v oltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 75 v rms reverse voltage v r(rms) 53 v forward continuous current i fm 500 ma average rectified output current i o 250 ma peak f orward s urge c urrent @t =1.0 s @ t =1.0s i fsm 4.0 1.5 a power dissipation pd 200 mw thermal resistance junction to ambient r ja 625 /w storage t emperature t stg -5 5~+150 electrical ratings @ta =25 parameter symbol min typ max unit conditions reverse b reakdown v oltage v (br) 75 v ir =10 a v f1 0.62 0.72 v i f =5ma v f2 0.855 v i f =10ma v f3 1.0 v i f =100ma forward voltage v f4 1.25 v i f =150ma i r1 2.5 a v r =75v reverse current i r2 25 na v r =20v capacitance between terminals c t 4 pf v r =0v,f=1mhz reverse r ecovery t ime t rr 4 ns i f =i r =10ma irr=0.1xi r ,r l =100 ? sod-323 2012-1 willas electronic corp. 1N4448WS z z z
0481 21 62 0 0.6 0.8 1.0 1.2 1.4 1.6 0 25 50 75 100 125 150 0 50 100 150 200 250 0.0 0.4 0.8 1.2 1.6 0.1 1 10 100 0 2 04 06 08 01 0 0 1 10 100 1000 10000 t a =25 f=1mhz capacitance characteristics reverse voltage v r (v) capacitance between terminals c t (pf) power derating curve power dissipation p d (mw) ambient temperature t a ( ) 0.3 3 30 300 3 30 300 3000 forward characteristics t a =1 0 0 t a = 2 5 forward current i f (ma) forward voltage v f (v) reverse characteristics typical characteristics t a =100 t a =25 reverse current i r (na) reverse voltage v r (v) 2012-1 willas electronic corp. sod-323 plastic-encapsulate diodes 1N4448WS z
outline drawing dimensions in inches and (millimeters) sod-323 rev.c .075(1.90) .059(1.50) .091(2.30) .106(2.70) .010(0.25)min. .057(1.45) .045(1.15) .010(0.25) .016(0.40) .008(0.20) .043(1.10) .031(0.80) .004(0.10)max. .010(0.25) .016(0.40) .004(0.10) 2012-1 willas electronic corp. sod-323 plastic-encapsulate diodes 1N4448WS


▲Up To Search▲   

 
Price & Availability of 1N4448WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X