Part Number Hot Search : 
4016B RG205 152M10 ICX454 SO16D 0K275P TP10AS 01919
Product Description
Full Text Search
 

To Download 154062 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  379 surface mount fuses www.littelfuse.com 10 surface mount fuses for nano 2 surface mount fuses smf omni-blok fuse block molded base type 154 series with very fast-acting fuse installed catalog ampere fuse number rating furnished 1 154 .062 1/16 0451 .062 154 .125 1/8 0451 .125 154 .250 1/4 0453 .250 154 .375 3/8 0453 .375 154 .500 1/2 0453 .500 154 .750 3/4 0453 .750 154 001 1 0453 001. 154 01.5 1.5 0453 01.5 154 002 2 0453 002. 154 02.5 2.5 0453 02.5 154 003 3 0453 003. 154 03.5 3.5 0453 03.5 154 004 4 0453 004. 154 005 5 0453 005. 154 007 7 0453 007. 154 008 8 0453 008. 154 010 10 0453 010. with slo-blo fuse installed catalog ampere fuse number rating furnished 2 154 .375t 3/8 0454 .375 154 .500t 1/2 0454 .500 154 .750t 3/4 0454 .750 154 001t 1 0454 001. 154 01.5t 1 1 / 2 0454 01.5 154 002t 2 0454 002. 154 02.5t 2 1 / 2 0454 02.5 154 003t 3 0454 003. 154 03.5t 3 1 / 2 0454 03.5 154 004t 4 0454 004. 154 005t 5 0454 005. 1 453 series fuse has silver plated end caps, installed to accommodate solder reflow process. use either 451 or 453 series for replacement purposes, page 371. 2 454 series fuse has silver plated end caps, installed to accommodate solder reflow process. use either 452 or 454 series for replacement purposes, page 372. the rohs compliant smf omni-blok fuseholder permits quick and easy replacement of nano 2 smf surface mount fuses. the fuse block and pre-installed fuse combination can be placed on the pc board in one efficient manufacturing operation. fuse replacement is accomplished without exposing the pc board to the detrimental effects of solder heat. refer to notes 1 and 2, below, for fuse/fuseholder combinations available. agency approvals: recognized under the components program of underwriters laboratories and certified by csa. specifications: electrical: 8 amperes, 125 volts. molded parts: thermoplastic (94v0). terminals: tin plated copper. ambient temperature: 55? to +125?. shock: mil-std-202, method 213, test condition i (100 gs peak for 6 milliseconds). vibration: mil-std-202, method 201 (10 55 hz). thermal shock: mil-std-202, method 107, condition a (200 cycles: 30 minutes at 55?, 30 minutes at 125?). soldering parameters (fuse installed): reflow ? 154 000: 446? (230?), 30 sec. 154 000t: 446? (230?), 30 sec. solderability: mil-std-202, method 208. packaging: 16mm tape and reel for use with automatic pick and place equipment per eia standard 481; 1,500 per reel, add suffix dr. patentedordering information: l f 7 a l f 3.81 (.150") 2.13 (.084") ref. 10.62 (.418") 4.24 (.167") 9.73 (.383") ref. 3.81 (.150") 5.03 (.198") 1 5 5 fuse recommended pad layout rohs


▲Up To Search▲   

 
Price & Availability of 154062

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X