datasheet for part number dcma37s our catalog part number: dcma-37s our global manufacturing part number: 050912-0002 brand: cannon product category: d sub product line: d sub series: d*ma product datasheet general d*m high reliable d-sub connectors with crimp termination wire gauge range awg standard: awg 20-28. high density: awg 22-28 mating cycles 200 contact arrangement 37 contacts size 20 dielectric withstanding voltage 1000 vac at sea level current rating 7.5 a max contact resistance 10 milli ohm max operating temperature -55/+125 salt spray test 24 hours shell material steel shell finish tin insulator material thermoplastic, type pct ul 94v-0 insulator color black gender socket contact type crimp contact material copper alloy contact finish gold over nickel hardware .120'' (3,05mm) through hole specifications and dimensions subject to change. page 1 of 1
|