pins m a h i n e d c p r e c i s i o n pin receptacles for .048? - .064? diameter pins (#13 contact) and .045? - .065? diameter pins (#23 contact) www.mill-max.com ? 516-922-6000 159 0496-0-15-xx-23-xx-10-0 press-fit in .106 mounting hole 0496 8730 5834-0-15-xx-23-xx-10-0 press-fit in .107 mounting hole 5834 0368 3667 9401 8067 9372-0-15-xx-23-xx-10-0 solder mount in .102 min. mounting hole 9372 9801 1105-0-15-xx-13-xx-04-0 press-fit in .080 mounting hole 1105 4582-0-15-xx-23-xx-10-0 square press-fit in .040 plated thru hole 4582 8829-0-15-xx-23-xx-10-0 solder mount in .102 min. mounting hole 8829 specifications shell material: brass alloy 360, 1/2 hard contact material: beryllium copper alloy 172, ht dimension in inches tolerances on: lengths: .005 diameters: .002 angles: 2 9401-0-15-xx-23-xx-10-0 solder mount in .102 min. mounting hole also available on 24mm wide carrier tape: 1,100 parts per 13? reel. order as: 9401-0-57-xx-23-xx-10-0 9801-0-15-xx-23-xx-10-0 solder mount in .102 min. mounting hole also available on 16mm wide carrier tape: 1,200 parts per 13? reel. order as: 9801-0-57-xx-23-xx-10-0 order code: xxxx - x - xx - xx - xx - xx - xx - 0 basic part # specify shell finish: specify contact finish: 01 200 ? tin/lead over nickel 01 200 ? tin/lead over nickel ? 80 200 ? tin over nickel (rohs) ? 80 200 ? tin over nickel (rohs) ? 15 10 ? gold over nickel (rohs) ? 27 30 ? gold over nickel (rohs) select contact #13 or #23 contact (data on page 226) rohs 2002/95/ec 0368-0-33-xx-13-xx-10-0 wire crimp termination. accepts wire sizes 16 awg max. / 20 awg min. 8067-0-19-xx-13-xx-10-0 wire crimp termination. accepts wire sizes 24 awg max. / 28 awg min. 3667-0-19-xx-23-xx-10-0 wire crimp termination. accepts wire sizes 18 awg max. / 22 awg min. 8730-0-19-xx-23-xx-10-0 wire crimp termination. accepts wire sizes 22 awg max. / 26 awg min.
|