Part Number Hot Search : 
7152AM11 LVC14 AN4460 SK301 SPCA533 ALVCH16 SRC12 TIP50
Product Description
Full Text Search
 

To Download ZVE-3W-183 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  high power amplifer coaxial ZVE-3W-183+ 50 ? 3w 5.9 to 18 ghz the big deal ? wideband 5.9 to 18 ghz ? output power, 3 watts ? gain, 35 db ? low cost $1295.00 product overview ZVE-3W-183+ is a class-a, four stage, unconditionally stable amplifer which includes built-in voltage regulation and reverse bias protection for added reliability in un-constrained environments. this model exhibits outstanding performance in system applications as well as being ruggedized to support the stress and abuse associated with lab test environments including the capability to withstand accidental open/short at the output over military vibration and shock levels. feature advantages wide bandwidth, 5.9 to 18 ghz (usable over 5.5 to 18 ghz) the broad bandwidth for the ZVE-3W-183+ enables full coverage of major ew and test bands in a single amplifer. this amplifer is ideal for broadband, high frequency emi test applications or driving multiple modules from a single source. output power: 3w typ. the ZVE-3W-183+ amplifer is capable of delivering 3w cw output making it an ideal driver ampli - fer for very high power amplifers such as twts or in supporting power handling tests of wide band components such as amplifers, splitters etc. gain: 35 db typ. with high gain, the ZVE-3W-183+is ideal for use in test applications when used together with lab signal generators, enabling it to deliver full power without need of additional driver amplifers. in system applications, the high gain reduces the number of amplifers needed resulting in a reduc - tion of mechanical footprint or performance degradation due to vswr interaction of multiple coaxial components. low vswr: input 1:5:1 typ. output: 1.2:1 typ. low vswr minimizes interaction effects with adjacent components which can negatively affect the overall gain ripple over such wide bands. outstanding gain flatness: 1.4 db typ. covering a 3:1 bandwidth often results in gain fatness that may require additional circuits for slope compensation. the ZVE-3W-183+ includes internal circuits to ensure tight fatness over the entire 5.9 to 18 ghz band making this amplifer ideal for use in a variety of critical applications. key features ZVE-3W-183+ price: $1295.00 (qty 1-9) ZVE-3W-183x+ price: $1220.00 (qty 1-9) new product announcement! click here for data sheet iso 9001 iso 14001 as 9100 certified min i-cir cuits ? p . o . b ox 3 50166, b r ooklyn, new y ork 1 1 2 3 5-0 003 ( 7 18) 9 3 4-4 500 fax ( 7 1 8 ) 332-4661 the design engi ne ers search engi ne provides actual d ata in stantly a t ? notes: 1. performance and quality attributes and conditions not expr essly stated in this specification sheet ar e intended to be excluded and do not form a part of this specification sheet. 2. electrical specifications and performance data contained her ein ar e based on mini-cir cuit? s applicable established test performance criteria and measur ement instructions. 3. the parts cover ed by this specification sheet ar e subject to mini-cir cuits standar d limited warranty and terms and conditions (collectively , ?standar d t erms?) ; pur chasers of this part ar e entitled to the rights and benefits contained ther ein. for a full statement of the standar d t erms and the exclusive rights and r emedies ther eunder , please visit mini-cir cuits? website at www .minicir cuits.com/mclstor e/terms.jsp. for detailed performance specs & shopping online see web site min icir cuits.c o m if/rf microw a ve components


▲Up To Search▲   

 
Price & Availability of ZVE-3W-183

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X