Part Number Hot Search : 
AK2307LV 120EI 2SK1748 3KP120 9926B 2SB1631 SXX18 UHEPBF
Product Description
Full Text Search
 

To Download SY100EL57ZITR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 sy10el57 sy100el57 micrel, inc. m9999-031006 hbwhelp@micrel.com or (408) 955-1690 truth table pin names description pin function d 0-3 differential data inputs sel 0, 1 mux select inputs v bb 1, 2 reference outputs q data outputs sel1 sel0 data out lld 0 lhd 1 hld 2 hhd 3 features  useful as either 4:1 or 2:1 multiplexer  v bb output for single-ended operation  75k ? internal input pulldown resistors  available in 150 mil 16-pin soic package the sy10/100el57 are fully differential 4:1 multiplexers. by leaving the sel1 line open (pulled low via the input pulldown resistors) the device can also be used as a differential 2:1 multiplexer with sel0 input selecting between d0 and d1. the fully differential architecture of the el57 makes it ideal for use in low skew applications such as clock distribution. the sel1 is the most significant select line. the binary number applied to the select inputs will select the same numbered data input (i.e., 00 selects d0). multiple v bb outputs are provided for single-ended or ac coupled interfaces. in these scenarios, the v bb output should be connected to the data bar inputs and bypassed via a 0.01 f capacitor to ground. note that the v bb output can source/sink up to 0.5ma of current without upsetting the voltage level. 4:1 differential multiplexer sy10el57 sy100el57 rev.: g amendment: /0 issue date: march 2006
2 sy10el57 sy100el57 micrel, inc. m9999-031006 hbwhelp@micrel.com or (408) 955-1690 package/ordering information ordering information (1) package operating package lead part number type range marking finish sy10el57zc z16-2 commercial sy10el57zc sn-pb sy10el57zctr (2) z16-2 commercial sy10el57zc sn-pb sy100el57zc z16-2 commercial sy100el57zc sn-pb sy100el57zctr (2) z16-2 commercial sy100el57zc sn-pb sy10el57zi z16-2 industrial sy10el57zi sn-pb sy10el57zitr (2) z16-2 industrial sy10el57zi sn-pb sy100el57zi z16-2 industrial sy100el57zi sn-pb SY100EL57ZITR (2) z16-2 industrial sy100el57zi sn-pb sy10el57zg (3) z16-2 industrial sy10el57zg with pb-free pb-free bar-line indicator nipdau sy10el57zgtr (2, 3) z16-2 industrial sy10el57zg with pb-free pb-free bar-line indicator nipdau sy100el57zg (3) z16-2 industrial sy100el57zg with pb-free pb-free bar-line indicator nipdau sy100el57zgtr (2, 3) z16-2 industrial sy100el57zg with pb-free pb-free bar-line indicator nipdau notes: 1. contact factory for die availability. dice are guaranteed at t a = 25 c, dc electricals only. 2. tape and reel. 3. pb-free package is recommended for new designs. 16-pin soic (z16-1) 4:1 d0 1 2 3 4 5 6 7 8 d0 d1 d1 d2 d2 d3 d3 16 15 14 13 12 11 10 9 v cc sel0 sel1 q q v bb1 v ee v bb2
3 sy10el57 sy100el57 micrel, inc. m9999-031006 hbwhelp@micrel.com or (408) 955-1690 symbol parameter min. max. min. max. min. max. min. max. unit v oh output high voltage -1080 -890 -1020 -840 -980 -810 -910 -720 mv v ol output low voltage -1950 -1650 -1950 -1630 -1950 -1630 -1950 -1595 mv v ih input high voltage -1230 -890 -1170 -840 -1130 -810 -1060 -720 mv v il input low voltage -1950 -1500 -1950 -1480 -1950 -1480 -1950 -1445 mv i il input low current 0.5 0.5 0.5 0.5 a symbol parameter min. typ. max. min. typ. max. unit condition v oh output high voltage -1085 -1005 -880 -1025 -955 -880 mv v in = v ih (max) or v il (min) v ol output low voltage -1830 -1695 -1555 -1810 -1705 -1620 mv v in = v ih (max) or v il (min) v oha output high voltage -1095 -1035 mv v in = v ih (min) or v il (max) v ola output low voltage -1555 -1610 mv v in = v ih (min) or v il (max) v ih input high voltage -1165 -880 -1165 -880 mv v il input low voltage -1810 -1475 -1810 -1475 mv i il input low current 0.5 0.5 av in = v il (max) symbol rating value unit v ee power supply (v cc = 0v) ?.0 to 0 v v in input voltage (v cc = 0v) 0 to -6.0 v i out output current - continuous 50 ma - surge 100 t lead lead storage temperature +260 ?c t a operating temperature range -40 to +85 ?c v ee operating range (1), (2) -5.7 to -4.2 v notes: 1. absolute maximum ratings, beyond which, device life may be impaired, unless otherwise specified on an individual data sheet. 2. parametric values specified at: 5 volt power supply range 100el57 series: -4.2v to -5.5v. 10el57 series -4.75v to -5.5v. t a = -40?c t a = 0?c t a = +25?c t a = +85?c 10el dc characteristics t a =-40?c t a =0?c to 85c 100el dc characteristics v ee = v ee (min) - v ee (max); vcc = gnd (1) note: 1. the same dc parameter values at v ee = -4.5v now apply across the full v ee range of -4.2v to -5.5v. outputs are terminated through a 50 ? resistor to -2.0v except where otherwise specified on the individual data sheets. note: 1. 10el circuits are designed to meet the dc specifications shown in the table after thermal equilibrium has been established. the circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained. outputs are terminated through a 50 ? resistor to -2.0v except where otherwise specified on the individual data sheets. v ee = v ee (min) - v ee (max); v cc = gnd (1) absolute maximum ratings (1)
4 sy10el57 sy100el57 micrel, inc. m9999-031006 hbwhelp@micrel.com or (408) 955-1690 t a = -40 ct a = 0 ct a = +25 ct a = +85?c symbol parameter min. typ. max. min. typ. max. min. typ. max. min. typ. max. unit t pd propagation delay ps data to q/q 350 550 350 550 360 560 380 580 sel to q/q 440 690 440 690 440 690 460 710 t skew input skew data to q 50 50 50 50 ps v pp minmum input swing mv data 150 150 150 150 v cmr common mode range v data -2.0 -0.4 -2.0 -0.4 -2.0 -0.4 -2.0 -0.4 tr output rise/fall times q 125 375 125 375 125 375 125 375 ps tf (20% - 80%) t a = -40 ct a = 0 ct a = +25 ct a = +85?c symbol parameter min. typ. max. min. typ. max. min. typ. max. min. typ. max. unit i ee power supply 10el 15 24 15 24 15 24 15 24 ma current 100el 15 24 15 24 15 24 15 27 v bb output reference 10el -1.43 -1.30 -1.38 -1.27 -1.35 -1.25 -1.31 -1.19 v voltage 100el -1.38 -1.26 -1.38 -1.26 -1.38 -1.26 -1.38 -1.26 i ih input high current 150 150 150 150 a dc electrical characteristics v ee = v ee (min) - v ee (max); v cc = gnd ac electrical characteristics v ee = v ee (min) - v ee (max); v cc = gnd
5 sy10el57 sy100el57 micrel, inc. m9999-031006 hbwhelp@micrel.com or (408) 955-1690 16-pin soic .150" wide (z16-2) rev. 02 micrel, inc. 2180 fortune drive san jose, ca 95131 usa tel + 1 (408) 944-0800 fax + 1 (408) 474-1000 web http://www.micrel.com the information furnished by micrel in this datasheet is believed to be accurate and reliable. however, no responsibility is as sumed by micrel for its use. micrel reserves the right to change circuitry and specifications at any time without notification to the customer. micrel products are not designed or authorized for use as components in life support appliances, devices or systems where malfu nction of a product can reasonably be expected to result in personal injury. life support devices or systems are devices or systems that (a) are intend ed for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant inj ury to the user. a purchaser s use or sale of micrel products for use in life support appliances, devices or systems is at purchaser s own risk and purchaser agrees to fully indemnify micrel for any damages resulting from such use or sale. ? 2006 micrel, incorporated.


▲Up To Search▲   

 
Price & Availability of SY100EL57ZITR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X