Part Number Hot Search : 
TK713 AD120 FN4F4N GLAR1020 MUR654CT CX77301 AA104 CSPU877A
Product Description
Full Text Search
 

To Download STP60NF06L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/10 april 2002 . stb60nf06l STP60NF06L n-channel 60v - 0.014 w - 60a d 2 pak/to-220 stripfet? ii power mosfet n typical r ds (on) = 0.014 w n exceptional dv/dt capability n 100% avalanche tested n application oriented characterization n 175 o c operating range n low threshold drive n surface-mounting d 2 pak (to-263) power package in tube (no suffix) or in tape & reel (suffix t4) description this mosfet series realized with stmicroelectronics unique stripfet process has specifically been designed to minimize input capacitance and gate charge. it is therefore suitable as primary switch in advanced high- efficiency, high-frequency isolated dc-dc converters for telecom and computer applications. it is also intended for any applications with low gate drive requirements. applications n high-efficiency dc-dc converters n ups and motor control n automotive type v dss r ds(on) i d stb60nf06l STP60NF06L 60 v 60 v <0.016 w <0.016 w 60 a 60 a 1 2 3 to-220 1 3 d 2 pak to-263 (suffix t4) absolute maximum ratings ( ) pulse width limited by safe operating area. (1) i sd 60a, di/dt 600a/s, v dd 48v, t j t jmax. (2) starting t j = 25 o c, i d = 30a, v dd = 30v symbol parameter value unit v ds drain-source voltage (v gs = 0) 60 v v dgr drain-gate voltage (r gs = 20 k w ) 60 v v gs gate- source voltage 15 v i d drain current (continuous) at t c = 25c 60 a i d drain current (continuous) at t c = 100c 42 a i dm ( ) drain current (pulsed) 240 a p tot total dissipation at t c = 25c 150 w derating factor 1.0 w/c dv/dt (1) peak diode recovery voltage slope 20 v/ns e as (2) single pulse avalanche energy 320 mj t stg storage temperature -55 to 175 c t j operating junction temperature internal schematic diagram
stb60nf06l STP60NF06L 2/10 thermal data electrical characteristics (t case = 25 c unless otherwise specified) off on (1 ) dynamic rthj-case rthj-amb t l thermal resistance junction-case thermal resistance junction-ambient maximum lead temperature for soldering purpose max max typ 1.0 62.5 300 c/w c/w c symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 a, v gs = 0 60 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating v ds = max rating t c = 125c 1 10 a a i gss gate-body leakage current (v ds = 0) v gs = 15v 100 na symbol parameter test conditions min. typ. max. unit v gs(th) gate threshold voltage v ds = v gs i d = 250 a 1v r ds(on) static drain-source on resistance v gs = 5 v i d = 30 a v gs = 10 v i d = 30 a 0.014 0.012 0.016 0.014 w w symbol parameter test conditions min. typ. max. unit g fs (*) forward transconductance v ds = 15 v i d =30 a 20 s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 25v, f = 1 mhz, v gs = 0 2000 360 125 pf pf pf
3/10 stb60nf06l STP60NF06L switching on switching off source drain diode (*) pulsed: pulse duration = 300 s, duty cycle 1.5 %. ( ) pulse width limited by safe operating area. symbol parameter test conditions min. typ. max. unit t d(on) t r turn-on delay time rise time v dd = 30 v i d = 30 a r g = 4.7 w v gs = 4.5 v (resistive load, figure 3) 35 220 ns ns q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 48 v i d = 60 a v gs = 4.5v 35 10 20 45 nc nc nc symbol parameter test conditions min. typ. max. unit t d(off) t f turn-off delay time fall time v dd = 30v i d = 30 a r g = 4.7 w, v gs = 4.5 v (resistive load, figure 3) 55 30 ns ns symbol parameter test conditions min. typ. max. unit i sd i sdm ( ) source-drain current source-drain current (pulsed) 60 240 a a v sd (*) forward on voltage i sd = 60a v gs = 0 1.3 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 60 a di/dt = 100a/s v dd = 30 v t j = 150c (see test circuit, figure 5) 110 250 4.5 ns nc a electrical characteristics (continued) safe operating area thermal impedance
stb60nf06l STP60NF06L 4/10 output characteristics transfer characteristics transconductance static drain-source on resistance gate charge vs gate-source voltage capacitance variations
5/10 stb60nf06l STP60NF06L normalized gate threshold voltage vs temperature normalized on resistance vs temperature source-drain diode forward characteristics normalized breakdown voltage vs temperature. . .
stb60nf06l STP60NF06L 6/10 fig. 1: unclamped inductive load test circuit fig. 1: unclamped inductive load test circuit fig. 2: unclamped inductive waveform fig. 3: switching times test circuits for resistive load fig. 4: gate charge test circuit fig. 5: test circuit for inductive load switching and diode recovery times
7/10 stb60nf06l STP60NF06L dim. mm. inch. min. typ. max. min. typ. typ. a 4.4 4.6 0.173 0.181 a1 2.49 2.69 0.098 0.106 a2 0.03 0.23 0.001 0.009 b 0.7 0.93 0.028 0.037 b2 1.14 1.7 0.045 0.067 c 0.45 0.6 0.018 0.024 c2 1.21 1.36 0.048 0.054 d 8.95 9.35 0.352 0.368 d1 8 0.315 e 10 10.4 0.394 0.409 e1 8.5 0.334 g 4.88 5.28 0.192 0.208 l 15 15.85 0.591 0.624 l2 1.27 1.4 0.050 0.055 l3 1.4 1.75 0.055 0.069 m 2.4 3.2 0.094 0.126 r 0.4 0.016 v2 0 8 0 8 d 2 pak mechanical data
stb60nf06l STP60NF06L 8/10 dim. mm inch min. typ. max. min. typ. max. a 4.40 4.60 0.173 0.181 c 1.23 1.32 0.048 0.051 d 2.40 2.72 0.094 0.107 d1 1.27 0.050 e 0.49 0.70 0.019 0.027 f 0.61 0.88 0.024 0.034 f1 1.14 1.70 0.044 0.067 f2 1.14 1.70 0.044 0.067 g 4.95 5.15 0.194 0.203 g1 2.4 2.7 0.094 0.106 h2 10.0 10.40 0.393 0.409 l2 16.4 0.645 l4 13.0 14.0 0.511 0.551 l5 2.65 2.95 0.104 0.116 l6 15.25 15.75 0.600 0.620 l7 6.2 6.6 0.244 0.260 l9 3.5 3.93 0.137 0.154 dia. 3.75 3.85 0.147 0.151 l6 a c d e d1 f g l7 l2 dia. f1 l5 l4 h2 l9 f2 g1 to-220 mechanical data p011c
9/10 stb60nf06l STP60NF06L dim. mm inch min. max. min. max. a0 10.5 10.7 0.413 0.421 b0 15.7 15.9 0.618 0.626 d 1.5 1.6 0.059 0.063 d1 1.59 1.61 0.062 0.063 e 1.65 1.85 0.065 0.073 f 11.4 11.6 0.449 0.456 k0 4.8 5.0 0.189 0.197 p0 3.9 4.1 0.153 0.161 p1 11.9 12.1 0.468 0.476 p2 1.9 2.1 0075 0.082 r50 1.574 t 0.25 0.35 .0.0098 0.0137 w 23.7 24.3 0.933 0.956 dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0.795 g 24.4 26.4 0.960 1.039 n 100 3.937 t 30.4 1.197 base qty bulk qty 1000 1000 reel mechanical data * on sales type tube shipment (no suffix)* tape and reel shipment (suffix t4)* d 2 pak footprint tape mechanical data
stb60nf06l STP60NF06L 10/10 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the co nsequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this publicati on are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics prod ucts are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectro nics. the st logo is registered trademark of stmicroelectronics a 2002 stmicroelectronics - all rights reserved all other names are the property of their respective owners. stmicroelectronics group of companies australia - brazil - canada - china - finland - france - germany - hong kong - india - israel - italy - japan - malaysia - malt a - morocco - singapore - spain - sweden - switzerland - united kingdom - united states. http://www.st.com


▲Up To Search▲   

 
Price & Availability of STP60NF06L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X