Part Number Hot Search : 
SIM300S R2030 ZD6090 05000 L6565D STPSA42 KBP3005 TDA91
Product Description
Full Text Search
 

To Download STD20NF06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/10 june 2004 STD20NF06 n-channel 60v - 0.032 ? - 24a dpak stripfet? ii power mosfet rev.3.0.6 typical r ds (on) = 0.032 ? exceptional dv/dt capability 100% avalanche tested application oriented characterization description this power mosfet is the latest development of stmicroelectronis unique "single feature size?" strip-based process. the resulting transistor shows extremely high packing density for low on- resistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility. applications high switching applications type v dss r ds(on) i d STD20NF06 60 v < 0.040 ? 24 a 1 3 dpak to-252 (suffix ?t4?) internal schematic diagram ordering information absolute maximum ratings ( ?) pulse width limited by safe operating area. (1) i sd 24a, di/dt 100a/s, v dd v (br)dss , t j t jmax (2) starting t j = 25 o c, i d =10 a, v dd = 45v sales type marking package packaging STD20NF06 d20nf06 to-252 tape & reel symbol parameter value unit v ds drain-source voltage (v gs = 0) 60 v v dgr drain-gate voltage (r gs = 20 k ? ) 60 v v gs gate- source voltage 20 v i d drain current (continuous) at t c = 25c 24 a i d drain current (continuous) at t c = 100c 17 a i dm ( ?) drain current (pulsed) 96 a p tot total dissipation at t c = 25c 60 w derating factor 0.4 w/c dv/dt (1) peak diode recovery voltage slope 10 v/ns e as (2) single pulse avalanche energy 300 mj t stg storage temperature -55 to 175 c t j operating junction temperature
STD20NF06 2/10 tab.1 thermal data electrical characteristics (t case = 25 c unless otherwise specified) tab.2 off tab.3 on (* ) tab.4 dynamic rthj-case rthj-amb t l thermal resistance junction-case thermal resistance junction-ambient maximum lead temperature for soldering purpose (1.6 mm from case, for 10 sec) max max 2.5 100 275 c/w c/w c symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 a, v gs = 0 60 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating v ds = max rating t c = 125c 1 10 a a i gss gate-body leakage current (v ds = 0) v gs = 20v 100 na symbol parameter test conditions min. typ. max. unit v gs(th) gate threshold voltage v ds = v gs i d = 250 a 24v r ds(on) static drain-source on resistance v gs = 10 v i d = 12 a 0.032 0.040 ? symbol parameter test conditions min. typ. max. unit g fs (*) forward transconductance v ds = 25 v i d = 12 a 15 s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 25v f = 1 mhz v gs = 0 690 170 68 pf pf pf
3/10 STD20NF06 tab.5 switching on tab.6 switching off tab.7 source drain diode (*) pulsed: pulse duration = 300 s, duty cycle 1.5 %. ( ?) pulse width limited by safe operating area. symbol parameter test conditions min. typ. max. unit t d(on) t r turn-on delay time rise time v dd = 30 v i d = 10 a r g =4.7 ? v gs = 10 v (resistive load, figure 3) 10 30 ns ns q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 30 v i d = 20 a v gs = 10 v 23 5 7.5 31 nc nc nc symbol parameter test conditions min. typ. max. unit t d(off) t f turn-off delay time fall time v dd = 30 v i d = 10 a r g =4.7 ?, v gs = 10 v (resistive load, figure 3) 30 8 ns ns symbol parameter test conditions min. typ. max. unit i sd i sdm ( ? ) source-drain current source-drain current (pulsed) 24 96 a a v sd (*) forward on voltage i sd = 24 a v gs = 0 1.5 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 20 a di/dt = 100a/s v dd = 30 v t j = 150c (see test circuit, figure 5) 65 150 4.6 ns nc a electrical characteristics (continued) safe operating area thermal impedance
STD20NF06 4/10 output characteristics transfer characteristics transconductance static drain-source on resistance gate charge vs gate-source voltage capacitance variations
5/10 STD20NF06 normalized gate threshold voltage vs temperature normalized on resistance vs temperature source-drain diode forward characteristics normalized breakdown voltage temperature . . .
STD20NF06 6/10 fig. 1: unclamped inductive load test circuit fig. 1: unclamped inductive load test circuit fig. 2: unclamped inductive waveform fig. 3: switching times test circuits for resistive load fig. 4: gate charge test circuit fig. 5: test circuit for inductive load switching and diode recovery times
7/10 STD20NF06 dim. mm inch min. typ. max. min. typ. max. a 2.2 2.4 0.086 0.094 a1 0.9 1.1 0.035 0.043 a2 0.03 0.23 0.001 0.009 b 0.64 0.9 0.025 0.035 b2 5.2 5.4 0.204 0.212 c 0.45 0.6 0.017 0.023 c2 0.48 0.6 0.019 0.023 d 6 6.2 0.236 0.244 e 6.4 6.6 0.252 0.260 g 4.4 4.6 0.173 0.181 h 9.35 10.1 0.368 0.397 l2 0.8 0.031 l4 0.6 1 0.023 0.039 == d l2 l4 1 3 == b e == b2 g 2 a c2 c h a1 detail "a" a2 detail "a" to-252 (dpak) mechanical data 0068772-b
STD20NF06 8/10 *on sales type
9/10 STD20NF06 revision history date revision description of changes friday 11 june 2004 3.0.6 missing in the web
STD20NF06 10/10 i nformation furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the con sequence s o f use of such information nor for any infringement of patents or other rights of third parties which may result from its use. n o license is grante d b y implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this publicatio n are subje ct t o change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics produ cts are n ot a uthorized for use as critical components in life support devices or systems without express writte n approval of stmicroelectron ics. the st logo is registered trademark of stmicroelectronics all other names are the property of their respective owners. ? 2004 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco -singapore - spain - sweden - switzerland - united kingdom - united states. www.st.com


▲Up To Search▲   

 
Price & Availability of STD20NF06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X