Part Number Hot Search : 
2F0515XS 3006P101 2689J2 64N90 MM3Z5V6 CDLL4112 CGD1042H CSNF631
Product Description
Full Text Search
 

To Download SPS-9120RG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  optoway SPS-9120RG *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2008 v1.0 1 SPS-9120RG / sps-9120brg / sps-9120arg (rohs compliant) 3.3v / 1310 nm / 3.2gb/s sfp lc single-mode transceiver ********************************************************************************************************************************************************************** features l multirate up to 3.2 gbps l hot-pluggable sfp footprint lc optical transceiver l small form-factor pluggable (sfp) msa compatible l 1310 nm dfb ld transmitter l ac/ac coupling according to msa l single +3.3 v power supply l rohs compliant l 0 to 70 o c operation: SPS-9120RG l -10 to 85 o c operation: sps-9120brg l -40 to 85 o c operation: sps-9120arg l class 1 laser international safety standard iec-60825 compliant applications l 10gbase lx-4 l serial ata / ata2 l sonet oc-48 / sdh stm-16 l sonet oc-12 / sdh stm-4 l sonet oc-3 / sdh stm-1 l gigabit ethernet / 1x/2x fibre channel description the SPS-9120RG series single mode transceivers is small form factor pluggable module for bi-directional serial optical data communications such as 10gbase lx-4, serial ata/ata2, sonet oc-48 / sdh stm-16, gigabit ethernet 1000base-lx and 1x/2x fibre channel. it is with the sfp 20-pin connector to allow hot plug capability. this module is designed for single mode fiber and operates at a nominal wavelength of 1310 nm. the transmitter section uses a multiple quantum well 1310 nm dfb laser and is a class 1 laser compliant according to international safety standard iec-60825. the receiver section uses an integrated ingaas detector preamplifier (idp) mounted in an optical header and a limiting post-amplifier ic. laser safety this single mode transceiver is a class 1 laser product. it complies with iec-60825 and fda 21 cfr 1040.10 and 1040.11. the transceiver must be operated within the specified temperature and voltage limits. the optical ports of the module shall be terminated with an optical connector or with a dust plug. order information p/no. bit rate (mb/s) sonet /sdh distance (km) wavelength (nm) package temp. ( o c) tx power (dbm) rx sens. (dbm) rohs compliant SPS-9120RG multirate* 20 1310 dfb lc sfp 0 to 70 0 to -5 -18 yes sps-9120brg multirate* 20 1310 dfb lc sfp -10 to 85 0 to -5 -18 yes sps-9120arg multirate* 20 1310 dfb lc sfp -40 to 85 0 to -5 -18 yes multirate*: 3.185gb/s, 3.125gb/s, 2.67 gb/s / oc-48 / 2x fc / gbe / 1x fc / oc-12 / oc-3 absolute maximum ratings parameter symbol min max units notes storage temperature tstg -40 85 o c operating case temperature topr 0 -10 -40 70 85 85 o c SPS-9120RG. sps-9120brg sps-9120arg power supply voltage vcc -0.5 3.6 v recommended operating conditions parameter symbol min typ max units / notes power supply voltage vcc 3.1 3.3 3.5 v operating case temperature topr 0 -10 -40 70 85 85 o c / SPS-9120RG o c / sps-9120brg o c / sps-9120arg power supply current i cc (tx+rx) 200 300 ma data rate 125 3125 3200 mb/s
optoway SPS-9120RG *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2008 v1.0 2 transmitter specifications (0 o c < topr < 70 o c, 3.1v < vcc < 3.5v) parameter symbol min typ max units notes optical optical transmit power po -5 --- 0 dbm 1 output center wavelength l 1270 1310 1360 nm output spectrum width dl --- --- 1 nm -20 db width side mode suppression ratio smsr 30 db extinction ratio e r 8.2 --- --- db output eye compliant with telecordia gr-253-gore and itu-t recommendation g.957 optical rise time t r 150 ps 20 % to 80% values optical fall time t f 150 ps 20 % to 80% values relative intensity noise rin -120 db/hz electrical data input current C low i il -350 m a data input current C high i ih 350 m a differential input voltage v ih - v il 0.5 2.4 v peak-to-peak tx disable input voltage C low t dis, l 0 0.5 v 2 tx disable input voltage C high t dis, h 2.0 vcc v 2 tx disable assert time t assert 10 m s tx disable deassert time t deassert 1 ms tx fault output voltage -- low t faultl 0 0.5 v 3 tx fault output voltage -- high t faulth 2.0 vcc+0.3 v 3 1. output power is power coupled into a 9/125 m m single mode fiber. 2. there is an internal 4.7k to 10k ohm pull-up resistor to vcctx. 3. open collector compatible, 4.7k to 10k ohm pull-up to vcc (host supply voltage). receiver specifications (0 o c < topr < 70 o c, 3.1v < vcc < 3.5v) parameter symbol min typ max units notes optical sensitivity @ 3.125gb/s sens1 -3 -18 dbm 4 sensitivity @ oc-48 sens1 -3 -18 dbm 5 sensitivity @2x fibre channal sens2 -3 -19 dbm 4 sensitivity @gigabit ethernet sens3 -3 -20 dbm 4 signal detect -- asserted pa --- -20 dbm transition: low to high signal detect -- deasserted pd -33 --- --- dbm transition: high to low signal detect -- hysteresis 1.0 --- db wavelength of operation 1100 --- 1600 nm electrical differential output voltage v oh C v ol 0.6 2.0 v output los voltage -- low v ol 0 0.5 v 6 output los voltage -- high v oh 2.0 vcc+0.3 v 6 los assert time t _ loss _ on 100 m s los deassert time t _ loss _ off 100 m s 4. measured at 2 7 -1 prbs at ber 1e-12 @1300nm. 5. measured at 2 23 -1 prbs at ber 1e-10 @ 1300 nm. 6. open collector compatible, 4.7k to 10k ohm pull-up to vcc (host supply voltage).
optoway SPS-9120RG *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2008 v1.0 3 connection diagram pin signal name description pin signal name description 1 tx gnd transmitter ground 11 rx gnd receiver ground 2 tx fault transmitter fault indication 12 rx data out- inverse receiver data out 3 tx disable transmitter disable (module disables on high or open) 13 rx data out+ receiver data out 4 mod-dfe2 modulation definition 2 C two wires serial id interface 14 rx gnd receiver ground 5 mod-def1 modulation definition 1 C two wires serial id interface 15 vcc rx receiver power C 3.3v 5% 6 mod-def0 modulation definition 0 C ground in module 16 vcc tx transmitter power C 3.3v 5% 7 n/c not connected 17 tx gnd transmitter ground 8 los loss of signal 18 tx data in+ transmitter data in 9 rx gnd receiver ground 19 tx data in- inverse transmitter data in 10 rx gnd receiver ground 20 tx gnd transmitter ground module definition module definition mod-def2 pin 4 mod-def1 pin 5 mod-def0 pin 6 interpretation by host 4 sda scl lv-ttl low serial module definition protocol module definition 4 specifies a serial definition protocol. for this definition, upon power up, mod-def(1:2) appear as no connector (nc) and mod-def(0) is ttl low. when the host system detects this condition, it activates the serial protocol. the protocol uses the 2-wire serial cmos e 2 prom protocol of the atmel at24c01a/02/04 family of components.
optoway SPS-9120RG *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2008 v1.0 4 recommended circuit schematic 10nf 10 f 10nf 10 f veer post amp ld driver z=50 z=50 z=50 z=50 veet 1 h 1 h td - td + vcct vccr rd - rd + 100 sfp module serdes 100 los rd - rd + td - td + 10nf 10 f protocol eeprom module detect scl sda loss of singal tx_disable tx_fault mod_def(0) mod_def(1) mod_def(2) 4.7k to 10k 4.7k to 10k 4.7k to 10k 4.7k to 10k tx_fault tx_disable (1,17,20) 3 2 18 19 16 15 12 13 8 (9,10,11,14) 6 5 4 4.7k to 10k vcc 3.3v vcc 3.3v ic ic depending on serdes package diagram units in mm note: specifications subject to change without notice.
optoway SPS-9120RG *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2008 v1.0 5 revision history version subject release date 1.0 initial datasheet 2008/1/1


▲Up To Search▲   

 
Price & Availability of SPS-9120RG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X