Part Number Hot Search : 
B9949AA TDA5330T 03C04S10 BAT54CW 50V10 BUZ906DP AP997 LF516RU
Product Description
Full Text Search
 

To Download SA39-12EWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsah8626 rev no: v.1 date: oct/27/2007 page: 1 of 4 approved: wynec checked: joe lee drawn: c.wang erp: 1301000399 9.9mm (0.39inch) single digit numeric display part number: SA39-12EWA high efficiency red features z 0.39 inch digit height. z low current operation. z excellent character appearance. z easy mounting on p.c. boards or sockets. z i.c. compatible. z mechanically rugged. z standard : gray face, white segment. z moisture sensitivity level : level 2. z rohs compliant. description the high efficiency red source color devices are made with gallium arsenide phosphide on gallium phosphide orange light emitting diode. package dimensions& internal circuit diagram notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. specifications are subject to change without notice.
spec no: dsah8626 rev no: v.1 date: oct/27/2007 page: 2 of 4 approved: wynec checked: joe lee drawn: c.wang erp: 1301000399 selection guide note: 1. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. part no. dice lens type iv (ucd) [1] @ 10ma min. typ. SA39-12EWA high efficiency red (g aasp/gap) white diffused 800 4100 common anode, rt. hand decimal. description symbol parameter device typ. max. units test conditions peak peak wavelength high efficiency red 627 nm i f =20ma d [1] dominant wavelength high efficiency red 625 nm i f =20ma ? 1/2 spectral line half-width high efficiency red 45 nm i f =20ma c capacitance high efficiency red 15 pf v f =0v;f=1mhz v f [2] forward voltage high efficiency red 2.0 2.5 v i f =20ma i r reverse current high efficiency red 10 ua v r =5v parameter high efficiency red units power dissipation 75 mw dc forward current 30 ma peak forward current [1] 160 ma reverse voltage 5 v operating / storage temperature -40c to +85c lead solder temperature[2] 260c for 3-5 seconds
spec no: dsah8626 rev no: v.1 date: oct/27/2007 page: 3 of 4 approved: wynec checked: joe lee drawn: c.wang erp: 1301000399 high efficiency red SA39-12EWA
spec no: dsah8626 rev no: v.1 date: oct/27/2007 page: 4 of 4 approved: wynec checked: joe lee drawn: c.wang erp: 1301000399 packing & label specifications SA39-12EWA


▲Up To Search▲   

 
Price & Availability of SA39-12EWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X