Part Number Hot Search : 
CDDPB 6714M6 BC857 AVHT416 STK4211X LPSTA DPO4102B V640EBTI
Product Description
Full Text Search
 

To Download RJZ-XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  selection guide part input output output efficiency number voltage voltage current dip 14 4kv (vdc) (vdc) (ma) (%) rjz-xx3.3s (h) 3.3,5,9,12,15,24 3.3 606 70-75 rjz-xx05s (h) 3.3,5,9,12,15,24 5 400 78-85 rjz-xx09s (h) 3.3,5,9,12,15,24 9 222 78-84 rjz-xx12s (h) 3.3,5,9,12,15,24 12 166 80-85 rjz-xx15s (h) 3.3,5,9,12,15,24 15 133 82-85 rjz-xx24s (h) 3.3,5,9,12,15,24 24 83 80-85 rgz-xx3.3d (h) 3.3,5,9,12,15,24 3.3 303 75 rgz-xx05d (h) 3.3,5,9,12,15,24 5 200 75-82 rgz-xx09d (h) 3.3,5,9,12,15,24 9 111 75-80 rgz-xx12d (h) 3.3,5,9,12,15,24 12 84 78-82 rgz-xx15d (h) 3.3,5,9,12,15,24 15 66 80-84 rgz-xx24d (h) 3.3,5,9,12,15,24 24 42 82-84 xx = input voltage * add suffix p p for continuous short circuit protection, e.g. rgz-0524d/p, e.g. rgz-0524d/hp, has 4kv isolation and is short circuit protected. 
           
 

    
!
 " specifications (core operating area) input voltage range 10% output voltage accuracy 5% line voltage regulation 1.2%/1% of vin typ. load voltage regulation 3.3v types 20% max. (10% to 100% full load) 5v types 15% max. all other types 10% max. output ripple and noise (20mhz limited) 150mvp-p max. temperature coefficient 0.02%/c max. operating frequency 20khz min./ 50khz typ. / 90khz max. efficiency at full load 70% min. / 80% typ. isolation voltage (tested for 1 second) 3000vdc min. (h-suffix) (tested for 1 second) 4000vdc min. rated working voltage (long term isolation) see application notes isolation capacitance 120pf max. isolation resistance 15g ? min. short circuit protection 1 second p-suffix continuous operating temperature range (free air convection) -40c to +85c (see graph) storage temperature range -55c to +125c relative humidity 95% rh package weight 2.8g continued on next page 2 watt dip14 single & dual output derating-graph (ambient temperature) econoline dc/dc-converter rjz & rgz series 2w single and dual outputs in dip 14 3kvdc and 4kvdc isolation optional continuous short circuit protected custom solutions available ul94v-0 package material efficiency up to 85% features unregulated converters en-60950-1 certified en-60601-1 certified july-2006 79 www.recom-international.com
typical characteristics typical characteristics rjz_rgz series econoline dc/dc-converter # $ $%       # $ $%&'(       )$
    # $ $%       # $ $%&'(       )$
    # $ $%       # $ $%&'(       )$
    * +&'(       )$
    ", * +
-) , , , , , , , * +&'(       )$
    ", * +
-) , , , , , , , * +&'(       )$
    ", * +
-) , , , , , , , rjz-xx05s rjz-xx12s rjz-xx09s # $ $%       # $ $%  &  '(       )$
    # $ $%       #  $  $% &  '  (       )$
    # $ $%       #  $  $% &  '  (       )$
    * +&'(       )$
    ", * +
-) , , , , , , , * +&'( ",    * +
-)    , )$
  , , , , , ,   * +&'(       )$
    ", * +
-) , , , , , , , rjz-xx15s rgz-xx09d rgz-xx05d mtbf (+25c) using mil-hdbk 217f rjz types 893 x 10 3 hours rgztypes 810 x 10 3 hours (+85c) using mil-hdbk 217f rjz types 208 x 10 3 hours rgz types 151 x 10 3 hours } detailed information see application notes chapter "mtbf" july-2006 www.recom-international.com 80
typical characteristics rjz_rgz series econoline dc/dc-converter # $ $%       # $ $%&'(       )$
    # $ $%       # $ $%&'(       )$
    * +&'(       )$
    ", * +
-) , , , , , , , * +&'(       )$
    ", * +
-) , , , , , , , rgz-xx12d rgz-xx15d package style and pinning (mm) ", ., , , /0  .,. ,  ,%, 0  *) )   

   . , , 1 2,&3 , ,   

 "
() 
4 $ recommended footprint details 14 pin dip package xx.x 0.5 mm xx.xx 0.25 mm pin connections pin # rjz rgz 1 Cvin Cvin 7ncnc 8 +vout +vout 9 no pin com 10 Cvout Cvout 14 +vin +vin nc = no connection july-2006 81 www.recom-international.com


▲Up To Search▲   

 
Price & Availability of RJZ-XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X