Part Number Hot Search : 
UCA6406N 2SK2390 BZT52B15 BD131 VUO12 DG16080 EFMA250 331M1
Product Description
Full Text Search
 

To Download RBE-0505S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  input voltage range 10% max. output voltage accuracy -2% typ., 5% max. line voltage regulation (low line to high line at max. load) 1.2% typ. 20% to 100% load (5v output) 10% max. output ripple and noise (20mhz bw limited) 52mvp-p typ. / 100mvp-p max. operating frequency (vin=nominal input) 50khz min. / 82khz typ. / 105khz max. efficiency 76% typ. / 70% min. isolation test voltage 1000 vdc min. (tested for 1 second) isolation capacitance 75pf max. isolation resistance (viso=500v) 1g min. short-circuit protection 1 sec. operating temperature range -40c to +85c storage temperature -55c to +125c relative humidity 95% rh package weight 1.4g mtbf (+25c) using mil-hdbk 217f 2400 x 103 hours mtbf (+85c) using mil-hdbk 217f 650 x 103 hours } detailed information see application notes chapter "mtbf" typical characteristics derating-graph (ambient temperature) tolerance envelope 1 www.recom-electronic.com rev: 0/2012 rohs 2002/95/ec 6/6 selection guide part input output output number voltage voltage current efficiency smd (vdc) (vdc) (ma) (typ.) RBE-0505S 5 5 200 76% specifications ( measured at t a = 25c, nominal input voltage, full load and after warm-up) 1 watt sip7 single output 1:1 input range low cost 1w converter efficiency to 76% -40c to +85c operating temperature range features unregulated converters rbe econoline dc/dc-converter   
     
 


   !"
! #
$  %  &  &  ! '  ( )*!+ (
www.recom-international.com 2 rev:0/2012 rbe series econoline dc/dc-converter RBE-0505S typical characteristics rbe package style and pinning , 
-"!
 pin connections pin # function 1 +vin 2 -vin 4nc 5 -vout 6 +vout nc = no connection unit: mm tolerance: 0.25 mm     
           
  
                     
 !"#$ "#$%
 !%                    &'#( "#$ &'#( )*+* #,% "#$%


▲Up To Search▲   

 
Price & Availability of RBE-0505S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X