Part Number Hot Search : 
00209 10400 XC2267M 90ECB D1975 L74HC DG406C BFC46
Product Description
Full Text Search
 

To Download PS240110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ps2401 ac power switch www.clare.com ds-ps2401-r12 1 rohs 2002/95/ec e 3 pb part # description ps2401 4-pin (8-pin body) sip package (25/tube) parameter rating units ac operating voltage 240 v rms load current 1 a rms on-state voltage drop (i l =1a rms ) 1.2 v rms applications features description ordering information pin configuration ? programmable control ? process control ? power control panels ? remote switching ? gas pump electronics ? contactors ? large relays ? solenoids ? motors ? heaters ? load current up to 1a rms (3a rms with heat sink) ? blocking voltages up to 500v p ? 5ma sensitivity ? zero-crossing detection ? dc control, ac output ? optically isolated ? ttl and cmos compatible ? low emi and rfi generation ? high noise immunity ? vde compatible ? machine insertable, wave solderable approvals ? ul recognized component: ul 508 file e69938 ? csa certified component: certificate lr43639-8 2 1 C led + led ac load ac load 8 6 zc the ps2401 is an ac solid state switch using optical coupling with dual power scr outputs to produce an alternative to optocoupler and triac circuits. the ps2401 switches are robust enough to provide a blocking voltage of up to 500v p and max surge current rating of 20a. in addition, tightly controlled zero-cross circuitry ensures switching of ac loads without the generation of transients. the input and output circuits are optically coupled to provide 3750v rms of isolation and noise immunity between control and load circuits. as a result the ps2401 is well suited for industrial environments where electromagnetic interference would disrupt the operation of electromechanical relays.
www.clare.com 2 r12 ps2401 absolute maximum ratings are stress ratings. stresses in excess of these ratings can cause permanent damage to the device. functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not implied. absolute maximum ratings @ 25oc parameter min max units blocking voltage - 500 v p reverse input voltage - 5 v input control current - 100 ma peak (10ms) - 1 a input power dissipation 1 - 150 mw total package dissipation 2 - 1600 mw isolation voltage, input to output 3750 - v rms operational temperature -40 +85 o c storage temperature -40 +125 o c 1 derate linearly 1.33 mw / oc 2 derate linearly 16.6 mw / oc parameter conditions symbol min typ max units output characteristics ac operating voltage i f =5ma v op 20 - 240 v rms load current (continuous) v l =120-240vac i l 0.005 - 1 a rms maximum surge current t<16ms i peak - - 20 a off-state leakage current v l =500v dc i leak --1ma on-state voltage drop i l =1a rms - - - 1.2 v rms critical rate of rise - dv/dt 1000 1200 - v/s switching speeds turn-on i f =5ma t on - - 0.5 cycles turn-off t off - - 0.5 zero-cross turn-on voltage 1 st half-cycle - -25v subsequent half-cycle - - 1 v operating frequency 1 - - 20 - 500 hz load power factor for guaranteed turn-on 2 - pf 0.25 - - - capacitance input-to-output - c i/o -3 -pf input characteristics input control current for normal environment - i f --5 ma for high noise environment - - - 10 input voltage drop i f =5ma v f 0.9 1.2 1.4 v input dropout voltage - - 0.8 - - v reverse input current v r =5v i r - - 10 a 1 zero cross 1 st half-cycle @ < 100hz. 2 snubber circuits may be required at low power factors. electrical characteristics @ 25oc
ps2401 www.clare.com 3 r12 performance data* *the performance data shown in the graphs above is typical of device performance. for guaranteed parameters not indicated in t he written speci? cations, please contact our application department. -40 1.2 1.0 0.8 0.6 0.4 0.2 05585 0 ambient temperature (oc) ps2401 load current, free air r ja =60oc/w load current (a rms ) -40 4 3 2 1 05585 0 ps2401 load current, heat sink ambient temperature (oc) load current (a rms ) ps with thermal clip attached to 3oc/w heat sink ps with thermal clip freestanding 20 15 10 5 0 16 50 100 25 ps2401 max. surge current (non-repetitive) pulse duration (ms) peak surge current (a) note: values apply to t j =50oc before surge 0 1.3 1.2 1.1 1.0 10 25 40 55 70 85 0.9 forward voltage (v) ambient temperature (oc) ps2401 typical forward voltage vs. temperature critical rate of rise (v/s) 0 800 600 400 200 1200 1000 25 50 85 1400 0 ambient temperature (oc) ps2401 typical dv/dt vs. temperature vo 63% 10% rc ps2401 dv/dt method in accordance with eia/narm standards rs-443 for solid state relays vo = 300v dv dt 0.63 x 300v rc rc 189 = =
www.clare.com 4 r12 ps2401 manufacturing information moisture sensitivity all plastic encapsulated semiconductor packages are susceptible to moisture ingression. clare classified all of its plastic encapsulated devices for moisture sensitivity according to the latest version of the joint industry standard, ipc/jedec j-std-020 , in force at the time of product evaluation. we test all of our products to the maximum conditions set forth in the standard, and guarantee proper operation of our devices when handled according to the limitations and information in that standard as well as to any limitations set forth in the information or standards referenced below. failure to adhere to the warnings or limitations as established by the listed specifications could result in reduced product performance, reduction of operable life, and/or reduction of overall reliability. this product carries a moisture sensitivity level (msl) rating as shown below, and should be handled according to the requirements of the latest version of the joint industry standard ipc/jedec j-std-033 . device moisture sensitivity level (msl) rating ps2401 msl 1 esd sensitivity this product is esd sensitive , and should be handled according to the industry standard jesd-625 . reflow profile this product has a maximum body temperature and time rating as shown below. all other guidelines of j-std-020 must be observed. device maximum temperature x time ps2401 245oc for 30 seconds board wash clare recommends the use of no-clean flux formulations. however, board washing to remove flux residue is acceptable. since clare employs the use of silicone coating as an optical waveguide in many of its optically isolated products, the use of a short drying bake could be necessary if a wash is used after solder reflow processes. chlorine- or fluorine-based solvents or fluxes should not be used. cleaning methods that employ ultrasonic energy should not be used. rohs 2002/95/ec e 3 pb
clare, inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publica tion and reserves the right to make changes to specifications and product descriptions at any time without notice. neither circuit patent licenses nor indemnity are expressed or implied. except as set forth in clare?s standard terms and conditions of sale, clare, inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products incl uding, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right. the products described in this document are not designed, intended, authorized or warranted for use as components in systems in tended for surgical implant into the body, or in other applications intended to support or sustain life, or where malfunction of clare?s product may result in direct physical harm, i njury, or death to a person or severe property or environmental damage. clare, inc. reserves the right to discontinue or make changes to its products at any time without notice. specification: ds-ps2401-r12 ?copyright 2010, clare, inc. all rights reserved. printed in usa. 8/6/2010 for additional information please visit our website at: www.clare.com 5 ps2401 mechanical dimensions 6.350 0.127 (0.250 0.005) 5.944 0.127 (0.234 0.005) 19.202 0.381 (0.756 0.015) 3.302 0.051 (0.130 0.002) 4-lead, 8-pin, sip package recommended pcb hole pattern dimensions mm (inches) pin 1 pin 8 0.254 0.013 (0.010 0.0005) 2.642 0.127 (0.104 0.005) 0.457 0.076 (0.018 0.003) 2.540 0.127 (0.100 0.005) 5.08 0.127 (0.200 0.005) 10.160 0.127 (0.400 0.005) 0.711 0.102 (0.028 0.004) 0.800 dia. x4 (0.031 dia. x4) 2.540 (0.100) pin 1 10.160 (0.400) 5.080 (0.200) ps2401


▲Up To Search▲   

 
Price & Availability of PS240110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X