Part Number Hot Search : 
EPA3369S WA100 62081 TMP87 LHY2043 42042 MC68HC05 LA4700N
Product Description
Full Text Search
 

To Download MINT1110A1208K01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 3 ___________________________________________________ ___________________________________________________ ________________________ sl power electronics corp ? 6050 king drive ventura, ca 93003 ? phone 805.486.4565 ? fax 858.712.2040 ? email: info@slpower.com ? www.slpower.com ac input 100-240vac +/- 10%, 47-63 hz single phase. turn on time less than 2 seconds under all rated load conditions . input current 115vac: 1.4a. hold-up time 16 ms at 110w, nominal input (120vac). inrush current the inrush at 264vac, at a cold start, will not exc eed 40a. overvoltage protection see chart for levels, latching type input fuses f1, f2: 2.5a, 250vac fuses provided on all models. overload protection hiccup mode power factor complies with en61000-3-2. short circuit protection hiccup mode efficiency 87% typical. overtemperature protection provided on all models. output power 90 - 110w continuous. medical safety standards en/iec/ul 60601-1, csa22.2, no. 601.1 ripple and noise 1% pk-pk max., 20mhz bw, differential mode. measur ed with noise probe directly across output terminals. isolation input-output: 4000vac, input-ground: 1500vac, outpu t-ground: 500vdc output voltage see chart. earth leakage current <130 a at 264vac, 60hz. minimum load not required. operating temperature 0 to 70 c (derate from full rated power above 40 c) total regulation see chart. output power derating derate output power by 2.5% per c above 40 c, up to 70 c max. transient response 500 s max., 50% load step, typical. storage temperature -40 to +85 c. relative humidity 5% to 95%, non-condensing mint1110a 110w single output series medical ? universal input power supply 2 year warranty ? 110w convection cooled ac-dc power supply ? universal input 90-264 vac ? less than 1.27? height ? rugged emc compliant design ? 3? x 5? package ? approved to en/iec/ul60601-1 for medical ? compliant (lvd, rohs) specifications all specifications are typical at nominal input, fu ll load at 25 c unless otherwise stated .
2 of 3 ___________________________________________________ ___________________________________________________ ________________________ sl power electronics corp ? 6050 king drive ventura, ca 93003 ? phone 805.486.4565 ? fax 858.712.2040 ? email: info@slpower.com ? www.slpower.com model number key 12 output voltage 08 output connector mint input connector 01 01 = standard configuration. 02 and higher indicat e modified model. product family: "m" = medical, "i" = internal, "nt" = new technology 1 # of outputs 110 output power (watts) a model configuration k MINT1110A1208K01 12v 7.5a 120mv 2% 15.0 1v 1% mint1110a1508k01 15v 6.5a 150mv 2% 18.0 1v 1% mint1110a1808k01 18v 5.8a 180mv 2% 23.0 1v 1% mint1110a2408k01 24v 4.6a 240mv 2% 28.0 1v 1% vibration operating: 0.003 g 2 /hz, 1.5 g rms overall, 3 axes, 10 min. / axis non-operating: 0.026 g 2 /hz, 5.0 g rms overall, 3 axes, 1 hr. / axis shock operating: half-sine, 20 g pk , 10 ms, 3 axes, 6 shocks total non-operating: half-sine, 40 g pk , 10 ms, 3 axes, 6 shocks total enclosure dimensions see outline drawing. operating altitude -500 to 10,000 ft. weight 372 grams non-operating altitude -500 to 40,000 ft. conducted emissions en55011 class b, fcc part 15, class b. static discharge immunity en61000-4-2, 6kv contact discharge, 8kv air dischar ge radiated rf immunity en61000-4-3, 10v/m. eft/burst immunity en61000-4-4, 2kv/5khz.. line surge immunity en61000-4-5, 1kv differential, 2kv common-mode conducted rf immunity en61000-4-6, 3vrms power frequency magnetic field immunity en61000-4-8, 3a/m voltage dip immunity en61000-4-11 240vac, 0%/0.5 cycle, 40%/5cycles, 70% /25 cycles line frequency harmonics en61000-3-2, class a mint1110a 110w single output series medical ? universal input power supply 2 year warranty output parameters model output ripple total ov p initial setpoint number volts (v) current & noise regulation threshold tolerance emi/emc complian ce specifications (continued)
3 of 3 ___________________________________________________ ___________________________________________________ ________________________ sl power electronics corp ? 6050 king drive ventura, ca 93003 ? phone 805.486.4565 ? fax 858.712.2040 ? email: info@slpower.com ? www.slpower.com input connector: j1 landwin 3361p03e3tsn02 pin 1) ac line pin 2) ac neutral output connector: j2 landwin p/n 3361p08e3t pin 1) +vout pin 5) -vout pin 2) +vout pin 6) -vout pin 3) +vout pin 7) -vout pin 4) +vout pin 8) -vout mating connectors: p1 amp p/n mta-156-3p p2 amp p/n mta-156-8p ground connection 0.250" faston tab data sheet ? 2010 sl power electronics corp. the i nformation and specifications contained herein are believed to be correct at the time of publication. rev. 5/24/2010 however, sl power accepts no responsibility for con sequences arising from reproduction errors or inacc uracies. specifications are subject to change with out notice. mint1110a 110w single output series medical ? universal input power supply 2 year warranty outline drawing


▲Up To Search▲   

 
Price & Availability of MINT1110A1208K01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X