Part Number Hot Search : 
B1240 P342P MAX19999 SCL4081B MAX3971 HAF70009 AN222 SMH250
Product Description
Full Text Search
 

To Download MDR5100-4000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  characteristic typical min/max ta= 25 o c ta = -20 o c to +65 o c frequency (mhz) 2 4000 4000 supply power dc 6 +12 +12 ma 265 275 phase locked oscillator model MDR5100-4000 (4000 mhz) vswr 1.5 2.0 phase noise (db) 5 -101 dbc/hz @ 1 khz -117 dbc/hz @ 10 khz -123 dbc/hz @ 100 khz -139 dbc/hz @ 1 mhz spurious (dbc) -80 -70 variation over temperature (dbm) +/- 0.75 +/- 1 output power (dbm) 4 +13 +12 specifications 1 features ! ! ! ! ! low phase noise: -123 dbc/hz @ 100 khz ! ! ! ! ! low spurious: -80 dbc typical ! ! ! ! ! internal reference design ! ! ! ! ! environmental screening available harmonics (dbc) -20 -15 spectrum microwave, inc. 2707 black lake place phila, pa. 19154 www .s pectrummicrowave.com ph: 215-464-4000 fax: 215-464-4001 rev. 10/30/08 description spectrum microwave?s series mdr5100 phase locked oscillators use a dielectric resonator in the resonant circuit. the circuit is lightly loaded to obtain the lowest phase noise possible. the resonator is epoxied to a printed circuit board and well grounded to minimize modulation sidebands during shock and vibration. buffer amplifiers are used to provide isolation from load vswrs; regulators filter noise on the dc input voltage. external reference models are also available. a lock indicator circuit is provided to signal an out-of-lock condition. notes: 1. specifications labeled ?min.? or ?max.? are guaranteed in a 50 ohm system over the specified temperature range. 2. output frequency must be specified, and it is an integer multiple of the internal crystal reference frequency. 3. mechanical tuning of plo in unlocked mode. 4. higher output power is available. 5. phase noise at offsets <100 khz is dependent on external reference and can be approximated as follows: phase noise (db) = 20log(n) +3 db above the external reference phase noise, where n = multiple of reference. 6. other input voltages are available. 7. actual or impending loss of lock. 8. package must be verified by spectrum microwave. lock indicator ttl (high=locked) ttl (low=unlocked) mechanical tuning bandwidth (mhz) 3 +/- 10 +/- 10 min. phase voltage set to (nom.) +5.0 vdc lock range (min.) +2 to +9 vdc phase-lock alarm transistor collector (npn) locked open vc = 30 vdc max. unlocked 7 saturated to ground vce = +0.5 vdc max. ic = 50 ma max.
phase locked oscillator model MDR5100-4000 (4000 mhz) spectrum microwave, inc. 2707 black lake place phila, pa. 19154 www .s pectrummicrowave.com ph: 215-464-4000 fax: 215-464-40 01 outline drawing


▲Up To Search▲   

 
Price & Availability of MDR5100-4000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X