Part Number Hot Search : 
GS816 PC302 HYS64T DM9334N T1210 PA2755GR BTW69400 1SS35
Product Description
Full Text Search
 

To Download JANTXV2N1893S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data npn low power silicon transistor qualified per mil - prf - 19500/182 devices qualified level 2n720a 2n1893 2n1893s jan jantx jantxv maximum ratings ratings symbol all devices units collector - emitter voltage v ceo 80 vdc collec tor - base voltage v cbo 120 vdc emitter - base voltage v ebo 7.0 vdc collector - emitter voltage (r be = 10 w ) v cer 100 vdc collector current i c 500 madc 2n720a 2n1893, s total power dissipation @ t a = +25 0 c (1) @ t c = +25 0 c (2) p t 0.5 1.8 0.8 3.0 w operating & storage junction temperature range t j , t srg - 65 to +200 0 c thermal characteristics characteristics symbol 2n720a 2n1893, s unit thermal resistance, junction - to - case r q jc 97 58 0 c/w 1) derate linearly 2 .86 mw/ 0 c for 2n720a, 4.57 mw/ 0 c for 2n1893, s t a > 25 0 c 2) derate linearly 10.3 mw/ 0 c for 2n720a, 17.2 mw/ 0 c for 2n1893, s t c > 25 0 c to - 18 (to - 206aa)* 2n720a to - 5* 2n1893, 2n1893s *see appendix a for package outline electrical characteristics (t a = 25 0 c unless otherwise noted) characteristics symbol min. max. unit off characteristics collector - emitter breakdown voltage i c = 30 madc v (br) ceo 80 vdc collector - emitter breakdown voltage i c = 10 madc, r be = 10 w v (br) cer 100 vdc colle ctor - base cutoff current v cb = 120 vdc v cb = 90 vdc i cbo 10 10 m adc h adc emitter - base cutoff current v eb = 7.0 vdc v eb = 5.0 vdc i ebo 10 10 m adc h adc 6 lake street, lawrence, ma 01841 1 - 800 - 446 - 1158 / (978) 794 - 1666 / fax: (978) 689 - 0803 120101 page 1 of 2
2n 720a; 2n1893; 2n1893 s jan series electrical characteristics (con?t) characteristics symbol min. max. unit on characteristics (3) forward - current transfer ratio i c = 0.1 madc, v ce = 10 vdc i c = 10 madc, v ce = 10 vdc i c = 150 madc, v ce = 10 vdc h fe 20 35 40 120 collector - emitter saturation voltage i c = 150 madc, i b = 15 madc v ce(sat) 5.0 vdc base - emitter voltage i c = 150 madc, i b = 15 madc v be(sat) 1.3 vd c dynamic characteristics magnitude of common emitter small - signal short - circuit forward current transfer ratio i c = 50 madc, v ce = 10 vdc, f = 20 mhz ? h fe ? 3.0 10 small - signal short - circuit forward current transfer ratio v ce =5.0 vdc, i c = 1.0 madc v ce =10 vdc, i c = 5.0 madc, f = 1.0 khz h fe 35 45 100 small - signal short - circuit input impedance v cb = 10 vdc, i c = 5.0 madc h ib 4.0 8.0 w small - signal short - circuit output admittance v cb = 10 vdc, i c = 5.0 madc h ob 0.5 m w output capac itance v cb = 10 vdc, i e = 0, 100 khz f 1.0 mhz c obo 2 15 p f switching characteristics turn - on time + turn - off time (see figure 3 of mil - prf - 19500/182) t on + t off 30 h s (3) pulse test: pulse width = 300 m s, duty cycle 2.0%. 6 lake street, lawrence, ma 01841 1 - 800 - 446 - 1158 / (978) 794 - 1666 / fax: (978) 689 - 0803 120101 page 2 of 2


▲Up To Search▲   

 
Price & Availability of JANTXV2N1893S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X