Part Number Hot Search : 
1206H QSE113 2367A XXXWC 1206H UPD35H73 UPC1215V PT631
Product Description
Full Text Search
 

To Download GBPC35005W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds21210 rev. h-2 1 of 2 gbpc35005/w - gbpc3510/w www.diodes.com  diodes incorporated gbpc35005/w - gbpc3510/w 35a glass passivated bridge rectifier features ?w? suffix designates wire leads no suffix designates faston terminals gbpc-w c a g e b h (ac) (ac) (+) (-) h j a c k a m b h h l p a p (ac) (ac) (-) (+) gbpc gbpc / gbpc-w dim min max a 28.30 28.80 b 7.40 8.25 c 16.10 17.10 e 18.80 21.30 g 13.80 14.80 h hole for #10 screw 5.08  5.59  j 17.60 18.60 k 10.90 11.90 l 0.97  1.07  m 31.80  p 17.60 18.60 all dimensions in mm maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified mechanical data single phase, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol gbpc35 005/w gbpc35 01/w gbpc35 02/w gbpc35 04/w gbpc35 06/w gbpc35 08/w gbpc35 10/w unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 v rms reverse voltage v r(rms) 35 70 140 280 420 560 700 v average rectified output current @ t c = 50  c i o 35 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 400 a forward voltage (per element) @ i f = 17.5a v fm 1.1 v peak reverse current @ t c = 25  c at rated dc blocking voltage @ t c = 125  c i r 5.0 500  a i 2 t rating for fusing (note 1) i 2 t 660 a 2 s typical junction capacitance (note 2) c j 300 pf typical thermal resistance per leg (note 3) r  jc 1.2 c/w operating and storage temperature range t j, t stg -65 to +150 c notes: 1. non-repetitive, for t > 1.0ms and t < 8.3ms. 2. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 3. thermal resistance junction to case mounted on heatsink.  glass passivated die construction  diffused junction  low reverse leakage current  low power loss, high efficiency  surge overload rating to 400a peak  electrically isolated metal base for maximum heat dissipation  case to terminal isolation voltage 1500v  ul listed under recognized component index, file number e94661  case: molded plastic with heatsink internally mounted in the bridge encapsulation  terminals: plated leads solderable per mil-std-202, method 208  polarity: as marked on case  mounting: through hole for #10 screw  mounting torque: 8.0 inch-pounds maximum  gbpc weight: 20 grams (approx.)  gbpc-w weight: 14 grams (approx.)  mounting position: any  marking: type number
ds21210 rev. h-2 2 of 2 gbpc35005/w - gbpc3510/w www.diodes.com 0.01 0.1 1.0 10 100 0 0.4 0.8 1.0 1.6 1.8 0.6 0.2 1.2 1.4 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) f fi g . 2 t y pical forward characteristics ( per element ) t = 25c j 0 100 200 300 4 00 110100 i , peak fwd. surge current (a) fsm number of cycles at 60 hz fi g . 3 max non-repetitive sur g e current single half-sine wave (jedec method) t = 150c j 10 100 1000 0.1 1.0 10 100 c , capacitance (pf) j v , reverse voltage (v) r fi g .4 t y pical junction capacitance ( per element ) f = 1 mhz t = 25c j 0.01 0.1 1.0 10 100 40 20 60 80 100 120 140 percent of rated peak reverse voltage (%) fi g .5 t y pical reverse characteristics ( per element ) t = 125c j t = 130c j t = 25c j 50v - 400v 600v - 1000v 0 10 20 0 25 50 75 100 125 150 i , average forward current (a) f t , case temperature (c) c fi g . 1 forward current deratin g curve resistive or inductive load mounted on a 220 x 220 x 50 mm al plate heatsink 30 4 0


▲Up To Search▲   

 
Price & Availability of GBPC35005W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X