Part Number Hot Search : 
TR10E P4KE30 GC1511 CD54A TMS06124 01118 116004 16R090B
Product Description
Full Text Search
 

To Download GBJ10005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   glass passivated die construction  high case dielectric strength of 1500v rms  low reverse leakage current  surge overload rating to 170a peak  ideal for printed circuit board applications  plastic material - ul flammability classification 94v-0  ul listed under recognized component index, file number e94661 single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified  case: molded plastic  terminals: plated leads, solderable per mil-std-202, method 208  polarity: molded on body  mounting: through hole for #6 screw  mounting torque: 5.0 in-lbs maximum  weight: 6.6 grams (approx.)  marking: type number gbj dim min max a 29.70 30.30 b 19.70 20.30 c 17.00 18.00 d 3.80 4.20 e 7.30 7.70 g 9.80 10.20 h 2.00 2.40 i 0.90 1.10 j 2.30 2.70 k 3.0 x 45  l 4.40 4.80 m 3.40 3.80 n 3.10 3.40 p 2.50 2.90 r 0.60 0.80 s 10.80 11.20 all dimensions in mm _ b c d ee g h k j i l m n p r s a characteristic symbol gbj 10005 gbj 1001 gbj 1002 gbj 1004 gbj 1006 gbj 1008 gbj 1010 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 v rms reverse voltage v r(rms) 35 70 140 280 420 560 700 v average forward rectified output current @ t c = 110  c i o 10 a non-repetitive peak forward surge current, 8.3 ms single half-sine-wave superimposed on rated load (jedec method) i fsm 170 a forward voltage per element @ i f = 5.0a v fm 1.05 v peak reverse current @t c = 25  c at rated dc blocking voltage @ t c = 125  c i r 10 500  a i 2 t rating for fusing (t < 8.3ms) (note 1) i 2 t 120 a 2 s typical junction capacitance per element (note 2) c j 55 pf typical thermal resistance, junction to case (note 3) r  jc 1.4 c/w operating and storage temperature range t j ,t stg -65 to +150  c notes: 1. non-repetitive, for t > 1.0ms and < 8.3ms. 2. measured at 1.0 mhz and applied reverse voltage of 4.0v dc. 3. thermal resistance from junction to case per element. unit mounted on 150 x 150 x 1.6mm copper plate heat sink. GBJ10005-gbj1010 10a glass passivated bridge rectifier features mechanical data http://www.luguang.cn mail:lge@luguang.cn
0.01 0.1 1.0 10 0 0.4 0.8 1.2 1.6 1.8 v , instantaneous forward voltage (v) fi g .2 t y pical forward characteristics ( per element ) f i , instantaneous forward current (a) f t = 25 c j pulse width = 300 s 0 40 80 120 160 180 1 10 100 i , peak fwd surge current (a) fsm number of cycles at 60 hz fi g . 3 maximum non-repetitive sur g e current t = 150 c j single half-sine-wave (jedec method) 10 100 1 1 10 100 c , junction capacitance (pf) j v , reverse voltage (v) fi g .4 t y pical junction capacitance r f = 1mhz t = 25 c j 0.1 1.0 10 100 1000 02040 6080 100 120 140 i , instantaneous reverse current ( a) r percent of rated peak reverse voltage (%) fi g .5 t y pical reverse characteristics t = 150 c j t = 125 c j t = 100 c j t = 25 c j 0 2 4 6 8 10 12 25 50 75 100 125 150 i , average rectified current (a) o t , case temperature ( c) fi g . 1 forward current deratin g curve c resistive or inductive load with heatsink without heatsink GBJ10005-gbj1010 10a glass passivated bridge rectifier


▲Up To Search▲   

 
Price & Availability of GBJ10005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X