Part Number Hot Search : 
MS2501 MS2501 23VL070 STK4164 L4969 1N4737AM F2048 USB22
Product Description
Full Text Search
 

To Download GBJ10005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  GBJ10005 ~ gbj1010 voltage 50v ~ 1000v 10.0 amp glass passivited bridge rectifiers elektronische bauelemente 19-oct-2011 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen & lead-free features  rating to 1000v prv  ideal for printed circuit board  low forward voltage drop, high current capability  reliable low cost construction utilizing molded pla stic technique results in inexpensive product  the plastic material has underwriters laboratory flammability classification 94v-0 maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. s ingle phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) parameter symbol part number unit gbj 10005 gbj 1001 gbj 1002 gbj 1004 gbj 1006 gbj 1008 gbj 1010 maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms bridge input voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward (with heat sink) 2 i (av) 10 a rectified current @t c =110 c (without heat sink) 3 peak forward surge current 8.3 ms single half sine-wave super imposed on rated load (jedec method) i fsm 170 a maximum forward voltage @ 5a dc v f 1.1 v maximum dc reverse current at rated dc blocking voltage t j =25 c i r 10 a t j =125 c 500 i 2 t rating for fusing (t<8.3ms) i 2 t 120 a 2 s typical junction capacitance per element 1 c j 55 pf typical thermal resistance r jc 1.4 c/w operating and storage temperature range t j ,t stg -55~150 c notes 1. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 2. device mounted on 150mm*150mm*1.6mm cu plate he at sink. gbj ref. millimeter ref. millimeter min. max. min. max. a 29.7 30 .3 j 0.6 0.8 b 19 .7 20 .3 k 7.3 7.7 c 4.4 4.8 l 2.0 2.4 d 17.0 18.0 m 9.8 10.2 e 3.0 x 45 n 2.3 2.7 f 3.1 3.4 p 3.6 4.2 g - 5.1 q 10.8 11.2 h 2.5 2.9 r 3.1 3.4 i 0.9 1.1 s 3.4 3.8
GBJ10005 ~ gbj1010 voltage 50v ~ 1000v 10.0 amp glass passivited bridge rectifiers elektronische bauelemente 19-oct-2011 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of GBJ10005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X