Part Number Hot Search : 
250101B 2J224 27T104C F1603 1SS174 04597 EL2041D 1N5376B
Product Description
Full Text Search
 

To Download FMMT589 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot23 pnp silicon planar medium power high performance transistor issue 5 - january 1997 j features * low equivalent on-resistance; r ce(sat) 250m w at 1a partmarking details - 589 complementary type - fmmt489 absolute maximum ratings. parameter symbol value unit collector-base voltage v cbo -50 v collector-emitter voltage v ceo -30 v emitter-base voltage v ebo -5 v peak pulse current i cm -2 a continuous collector current i c -1 a base current i b -200 ma power dissipation at t amb =25c p tot 500 mw operating and storage temperature range t j :t stg -55 to +150 c electrical characteristics (at t amb = 25c). parameter symbol min. max. unit conditions. collector-base breakdown voltage v (br)cbo -50 v i c =-100 m a collector-emitter breakdown voltage v (br)ceo -30 v i c =-10ma* emitter-base breakdown voltage v (br)ebo -5 v i e =-100 m a collector cut-off current i cbo -100 na v cb =-30v collector -emitter cut-off current i ces -100 na v ces =-30v emitter cut-off current i ebo -100 na v eb =-4v collector-emitter saturation voltage v ce(sat) -0.25 -0.35 -0.65 v v v i c =-0.5a, i b =-50ma* i c =-1a, i b =-100ma* i c =-2a, i b =-200ma* base-emitter saturation voltage v be(sat) -1.2 v i c =-1a, i b =-100ma* base-emitter turn-on voltage v be(on) -1.1 v i c =-1a, v ce =-2v* static forward current transfer ratio h fe 100 100 80 40 300 i c =-1ma, v ce =-2v* i c =-500ma, v ce =-2v* i c =-1a, v ce =-2v* i c =-2a, v ce =-2v* transition frequency f t 100 mhz i c =-100ma, v ce =-5v f=100mhz output capacitance c obo 15 pf v cb =-10v, f=1mhz *measured under pulsed conditions. pulse width=300 m s. duty cycle 2% for typical characteristics graphs see fmmt549 datasheet FMMT589 c b e 3 - 136


▲Up To Search▲   

 
Price & Availability of FMMT589

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X