Part Number Hot Search : 
AZ756 LBT15007 CXP82832 AZ358C 1T0R200A SRC1203 VDXXXX OXCB950
Product Description
Full Text Search
 

To Download FMMT551 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot23 pnp silicon planar medium power transistor issue 3 - october 1995 features * 60 volt v ceo * 1 amp continuous current complementary type ? fmmt451 partmarking detail ? 551 absolute maximum ratings. parameter symbol value unit collector-base voltage v cbo -80 v collector-emitter voltage v ceo -60 v emitter-base voltage v ebo -5 v peak pulse current i cm -2 a continuous collector current i c -1 a base current i b -200 ma power dissipation at t amb =25c p tot 500 mw operating and storage temperature range t j :t stg -55 to +200 c electrical characteristics (at t amb = 25c). parameter symbol min. max. unit conditions. collector-base breakdown voltage v (br)cbo -80 v i c =-100 m a collector-emitter sustaining voltage v ceo(sus) -60 v i c =-10ma* emitter-base breakdown voltage v (br)ebo -5 v i e =-100 m a collector cut-off current i cbo -0.1 m a v cb =-60v emitter cut-off current i ebo -0.1 m a v eb =-4v collector-emitter saturation voltage v ce(sat) -0.35 v i c =-150ma, i b =-15ma* base-emitter saturation voltage v be(sat) -1.1 v i c =-150ma, i b =-15ma* static forward current transfer ratio h fe 50 10 150 i c =-150ma, v ce =-10v* i c =-1a, v ce =-10v* transition frequency f t 150 mhz i c =-50ma, v ce =-10v f=100mhz output capacitance c obo 25 pf v cb =-10v, f=1mhz *measured under pulsed conditions. pulse width=300 m s. duty cycle 2% spice parameter data is available upon request for this device FMMT551 c b e 3 - 130 3 - 129 FMMT551 typical characteristics v ce(sat) v i c i c - collector current (amps) v - (v ol t s) i c - collector current (amps) v be(on) v i c v - (v ol t s) -0.6 -0.01 -10 -0.1 -1 -0.7 -0.8 -0.9 -1.0 0 -0.01 -0.1 -10 -1 -0.2 -0.4 -0.6 -0.8 i c /i b =10 i c - collector current (amps) h fe v i c h - norm al i sed g ai n ( %) -0.001 -0.01 -10 -0.1 -1 20 40 60 80 100 i c - collector current (amps) v - (v ol t s) -0.8 -1.0 -1.2 -1.4 -0.01 -0.1 -1 -10 -0.6 v be(sat) v i c 1 0.1 safe operating area v ce - collector emitter voltage (v) 10v 100v 1s dc 100ms 10ms 100 m s 1ms 1v 0.01 0.1v 10
sot23 pnp silicon planar medium power transistor issue 3 - october 1995 features * 60 volt v ceo * 1 amp continuous current complementary type ? fmmt451 partmarking detail ? 551 absolute maximum ratings. parameter symbol value unit collector-base voltage v cbo -80 v collector-emitter voltage v ceo -60 v emitter-base voltage v ebo -5 v peak pulse current i cm -2 a continuous collector current i c -1 a base current i b -200 ma power dissipation at t amb =25c p tot 500 mw operating and storage temperature range t j :t stg -55 to +200 c electrical characteristics (at t amb = 25c). parameter symbol min. max. unit conditions. collector-base breakdown voltage v (br)cbo -80 v i c =-100 m a collector-emitter sustaining voltage v ceo(sus) -60 v i c =-10ma* emitter-base breakdown voltage v (br)ebo -5 v i e =-100 m a collector cut-off current i cbo -0.1 m a v cb =-60v emitter cut-off current i ebo -0.1 m a v eb =-4v collector-emitter saturation voltage v ce(sat) -0.35 v i c =-150ma, i b =-15ma* base-emitter saturation voltage v be(sat) -1.1 v i c =-150ma, i b =-15ma* static forward current transfer ratio h fe 50 10 150 i c =-150ma, v ce =-10v* i c =-1a, v ce =-10v* transition frequency f t 150 mhz i c =-50ma, v ce =-10v f=100mhz output capacitance c obo 25 pf v cb =-10v, f=1mhz *measured under pulsed conditions. pulse width=300 m s. duty cycle 2% spice parameter data is available upon request for this device FMMT551 c b e 3 - 130 3 - 129 FMMT551 typical characteristics v ce(sat) v i c i c - collector current (amps) v - (v ol t s) i c - collector current (amps) v be(on) v i c v - (v ol t s) -0.6 -0.01 -10 -0.1 -1 -0.7 -0.8 -0.9 -1.0 0 -0.01 -0.1 -10 -1 -0.2 -0.4 -0.6 -0.8 i c /i b =10 i c - collector current (amps) h fe v i c h - norm al i sed g ai n ( %) -0.001 -0.01 -10 -0.1 -1 20 40 60 80 100 i c - collector current (amps) v - (v ol t s) -0.8 -1.0 -1.2 -1.4 -0.01 -0.1 -1 -10 -0.6 v be(sat) v i c 1 0.1 safe operating area v ce - collector emitter voltage (v) 10v 100v 1s dc 100ms 10ms 100 m s 1ms 1v 0.01 0.1v 10


▲Up To Search▲   

 
Price & Availability of FMMT551

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X