Part Number Hot Search : 
2N6896 BR404 X7R1C 1486CUB RS407 UPC2002 PL001 F1608
Product Description
Full Text Search
 

To Download ESDA6V1L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  micro commercial components 20736 marilla street chatsworth chatsworth, ca 91311 phone: (818) 701-4933 fax: (818) 701-4939 ESDA6V1L 6.1volts sot-23 features ? d ual t ransil a rray f or e sd p ro tec tion ? 2 u n idire ctional t ransil f unctions ? low leakagecurrent: irmax<20 ua at vwm ? 300w peak pulse power (8/20 u s) maximum ratings parameter symbol limits unit electrostatic discharge 25 kv mcc tm micro commercial components www.mccsemi .com 1 of 4 inches mm dim min max min max note a .110 .120 2.80 3.04 b .083 .098 2.10 2.64 c .047 .055 1.20 1.40 d .035 .041 .89 1.03 e .070 .081 1.78 2.05 f .018 .024 .45 .60 g .0005 .0039 .013 .100 h .035 .044 .89 1.12 j .003 .007 .085 .180 k .015 .020 .37 .51 a b c d e f g h j .079 2.000 in c h es mm . 03 1 .800 .035 .900 . 03 7 .950 .037 .950 k pin configuration-top view junction temperature 150 o c peak pulse power 8/20us ppp 300 w mil std 883c-method 3015-6 iec61000-4-2 air discharge iec61000-4-2 contact discharge v pp 16 kv 9 kv t j storage temperature range for soldering during 10s t stg -55~+150 o c maximum lead temperature t l 260 o c esd protection device revision:a 2011/01/01 epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
electrical characteristics (t a = 25c unless otherwise noted) www.mccsemi .com 2 of 4 symbol parameter v wm stand-off voltage v br breakdown voltage v cl clamping voltage i rm leakage current i pp peak pulse current t voltage temperature coefficient c capacitance r d dynamic resistance v f forward voltage drop parameter test conditions symbol min typ max unit breakdown voltage i r =1.0ma v br 6.1 6.65 7.2 v leakage current v wm =5.25v i r - - 20 a capacitance 0v bias c - 140 - pf forward voltage drop i f =200ma v f - - 1.25 v mcc tm micro commercial components esd61l reision: 20110101
typical characteristics www.mccsemi .com 3 of 4 p pp (t j initial) / p pp (t j initial=25 ) p pp (w) tp (s) t j initial ( ) fig.2: peak pulse power vs. exponential pulse duration (t j initial = 25 ) fig.1: peak power dissipation vs. initial junction temperature p pp (t j initial) / p pp (t j initial=25 ) p pp (w) tp (s) t j initial ( ) fig.2: peak pulse power vs. exponential pulse duration (t j initial = 25 ) fig.1: peak power dissipation vs. initial junction temperature i pp (a) c (pf) v cl (v) v r (v) fig.3: clamping voltage vs. peak pulse current (tj initial = 25 , rectangular waveform tp = 2.5s) fig.4: capacitance vs. reverse applied voltage (typical values) i r (t j ) / i r (t j =25 ) i fm (a) t j ( ) v fm (v) fig.6: peak forward voltage drop vs. peak forward current (typical values) fig.5: relative variation of leakage current vs. junction temperature (typical values) mcc tm micro commercial components ESDA6V1L revision:a 2011/01/01
mcc tm micro commercial components www. mccsemi .com 4 of 4 revision:a 2011/01/01 device packing part number-tp tape&reel: 3 kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of ESDA6V1L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X