?? ? 50 --- 400 v 1.0 a ? ta= 25 ta=100 ?? i f =0.5a i r =1.0a i rr =0.25a ? v r = 4.0v, f = 1mhz egp 10a egp 10b egp 10c egp 10d egp 10f egp 10g 50 100 150 200 300 400 35 70 105 140 210 280 65 30 1.0 0.95 v 10 100 50 22 a ns pf i r trr c j EGP10A ...... egp10g 1.25 v r =10v i f =50ma r l =75 ? siyu r 15 egp 10a egp 10b egp 10c egp 10d egp 10f egp 10g ??? maximum repetitive peak reverse voltage ? maximum rms voltage ??? maximum dc blocking voltage ? maximum average forward rectified current ?? 8.3ms??? peak forward surge current 8.3 ms single half sine-wave typical thermal resistance o?? operating junction and storage temperature range -55 --- +150 v v v a a /w v rrm v rms v dc i f(av) i fsm tj, tstg ?? ta = 25 maximum ratings & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. symbols unit 1.0(25.4) min .205(5.2) .166(4.2) 1.0(25.4) min .107(2.7) .080(2.0) dia dia .034(0.9) .028(0.7) do-41 unit inch mm 50 100 150 200 300 400 maximum forward voltage maximum reverse current type junction capacitance ta = 25 electrical characteristics ratings at 25 ambient temperature unless otherwise specified. symbols unit max. reverse recovery time v f i f = 1.0a reverse voltage 50 to 400v forward current 1.0a plastic ultra-fast recover rectifiers r ja dachang electronics features ? low reverse leakage ?? high forward surge capability o?? high temperature soldering guaranteed: 260 /10 , 0.375" (9.5mm) ?? 260 /10 seconds, 0.375" (9.5mm) lead length, ?? 5 (2.3kg) 5 lbs. (2.3kg) tension mechanical data : terminals: plated axial leads : ?? polarity: color band denotes cathode end ? : mounting position: any ???rohs? lead and body according with rohs standard www.datasheet.co.kr datasheet pdf - http://www..net/
EGP10A ...... egp10g siyu r i f (a) ?? ? v f (v) ? ta( c ) ? ?? i fsm (a) ? i f(av) (a) ??? characteristic curves typical forward characteristic forward current derating curve i f instantaneous forward current (a) v f instantaneous forward voltage (v) tamb, ambient temperature (c) i f(a) average forward rectified current (a) maximum non repetitive peak forward surge current number of cycles at 60 hz. i fsm peak forward surge current (a) 0.6 0.8 1 1.2 1.4 1.6 0.01 0.1 0.2 1 2 10 tj = 25 c EGP10A thru egp10d egp10f, egp10g 10mm 10mm 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 175 10mm 10mm 1 2 4 6 10 20 40 100 40 30 20 10 0 50 dachang electronics www.datasheet.co.kr datasheet pdf - http://www..net/
|