Part Number Hot Search : 
H11A1300 GBPC1501 D4001 AARS35Z 0M25X4 SMF107A SGM8141 SC441
Product Description
Full Text Search
 

To Download DL4004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds16001 rev. d-2 1 of 2 dl4001-dl4007 www.diodes.com  diodes incorporated  glass passivated junction  high current capability  low forward voltage drop  high reliability and low leakage  for surface mount application  plastic material - ul flammability classification rating 94v-0 features dl4001 - dl4007 1.0a surface mount glass passivated rectifier notes: 1. measured at 1.0mhz and applied reverse voltage of 4.0 volts. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified mechanical data  case: melf, plastic  terminals: solderable per mil-std-202, method 208  polarity: cathode band  approx weight: 0.25 grams  mounting position: any melf dim min max a 4.80 5.20 b 2.40 2.60 c 0.55 nominal all dimensions in mm c a b characteristic symbol dl 4001 dl 4002 dl 4003 dl 4004 dl 4005 dl 4006 dl 4007 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 v rms reverse voltage v r(rms) 35 71 141 283 424 566 707 v maximum average forward rectified current @ terminal temp @ t t = 75  c i o 1.0 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 30 a maximum forward voltage @ i f = 1.0a v f 1.1 v maximum dc reverse current @ t a =25  c rated dc blocking voltage @ t a = 100  c i r 5.0 50  a typical thermal resistance, junction to ambient air r  ja 50 k/w typical junction capacitance (note 1) c j 15 pf operating and storage temperature range t j, t stg -55 to +150  c
ds16001 rev. d-2 2 of 2 dl4001-dl4007 www.diodes.com 40 60 80 100 120 140 160 180 0 .2 .4 .6 .8 1.0 i , average o utput current (a) o t , ambient temperature (oc) a fig. 1 forward current derating curve single phase half wave 60 hz resistive or inductive load 5 10 15 20 25 30 1 10 100 peak fwd surge current (a) number of cycles at 60 hz fig. 4 max non-repetitive peak fwd surge current 8.3ms single half sine-wave jedec method 0 1 10 100 110100 c , juncti o n capacitance (pf) j v , reverse voltage (v) r fig. 3 typical junction capacitance t = 25oc j 0.01 0.1 1.0 i , instantaneous fwd current (a) f v , instantaneous forward voltage (v) f fi g .2 t y pical forward characteristics 10 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 t = 25oc j pulse width = 300 ms 1% duty cycle


▲Up To Search▲   

 
Price & Availability of DL4004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X