Part Number Hot Search : 
M18SP6DL EM01Z BT150 3FB31ZNI BD7962 78DL10 28F640P3 2SC1456
Product Description
Full Text Search
 

To Download D2A240000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c 2004 cosmo electronics corporation http://www .cosmo-ic.com 40 coil ratings (at 20 ) parameter rating coil resistance 2150 ( 10%) nominal coil voltage 24 vdc maximun continuous voltage 28 vdc must operate 18 vdc must release 2.4 vdc rated current 11.1 ma electrical characteristics parameter rating contact resistance 100 m (max) operate time 0.5 ms(max) bounce time 0.5 ms(max) release time 0.2 ms(max) insulation resistance (100vdc ) 10 11 (min) power 10 va(max) switching voltage 200 vdc(max) switching current 0.5 a(max) carry current 1.0 a(max) breakdown voltage ( across open contact ) 250 vdc(min) ( between coil & contact ) 500 vdc(min) life expectancy (signal level) 10 8 operating temp -40 to 85 storage temp -50 to125 resonant frequency 3.5 khz v ibration ( 10-2000hz ) 20 g (max) minimum permissible load 100 mvdc 10 g a D2A240000 reed relay outside dimension:unit (mm) schematic:top view features 1. molded epoxy body. 2. dip type construction with the same terminal pitch as ics or ttls simplifies pc board designing. in addition, the high sensitivity allows direct driving by ttl, etc. 3. automatic insertion compatible. 4. sealed construction permits automatic flow soldering and cleaning. 5. diode & magnetic shield are available.   v v unit unit v r  ul 60950 (file no.e108430)


▲Up To Search▲   

 
Price & Availability of D2A240000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X