Part Number Hot Search : 
KBU4J SYABN AN7190NK 90KS200C T8208 EMK12G T8208 EMK12G
Product Description
Full Text Search
 

To Download BAW56WT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2004 may, 2004 ? rev. 3 publication order number: BAW56WT1/d 1 BAW56WT1 preferred device dual switching diode features ? pb?free package is available maximum ratings (t a = 25 c) rating symbol max unit reverse voltage v r 70 vdc forward current i f 200 madc peak forward surge current i fm(surge) 500 madc maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. thermal characteristics (t a = 25 c) characteristic symbol max unit total device dissipation fr? 5 board (note 1) t a = 25 c derate above 25 c p d 200 1.6 mw mw/ c thermal resistance, junction?to?ambient r  ja 0.625 c/w total device dissipation alumina substrate (note 2) t a = 25 c derate above 25 c p d 300 2.4 mw mw/ c thermal resistance, junction?to?ambient r  ja 417 c/w junction and storage temperature t j , t stg ?55 to +150 c 1. fr?5 = 1.0  0.75  0.062 in. 2. alumina = 0.4  0.3  0.024 in. 99.5% alumina. http://onsemi.com sc?70 case 419 style 4 preferred devices are recommended choices for future use and best overall value. marking diagram a1 d 12 3 1 2 3 http://onsemi.com 2for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specifications brochure, brd8011/d. device package shipping 2 ordering information BAW56WT1 sc?70 3000/tape & reel BAW56WT1g sc?70 (pb?free) 3000/tape & reel a1 = specific device code d = date code
BAW56WT1 http://onsemi.com 2 electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min max unit off characteristics reverse breakdown voltage (i (br) = 100  adc) v (br) 70 ? vdc reverse voltage leakage current (v r = 25 vdc, t j = 150 c) (v r = 70 vdc) (v r = 70 vdc, t j = 150 c) i r ? ? ? 30 2.5 50  adc diode capacitance (v r = 0, f = 1.0 mhz) c d ? 2.0 pf forward voltage (i f = 1.0 madc) (i f = 10 madc) (i f = 60 madc) (i f = 150 madc) v f ? ? ? ? 715 855 1000 1250 mvdc reverse recovery time (i f = i r = 10 madc, r l = 100  , i r(rec) = 1.0 madc) (figure 1) t rr ? 6.0 ns notes: 1. a 2.0 k  variable resistor adjusted for a forward current (i f ) of 10 ma. notes: 2. input pulse is adjusted so i r(peak) is equal to 10 ma. notes: 3. t p ? t rr +10 v 2.0 k 820  0.1  f dut v r 100  h 0.1  f 50  output pulse generator 50  input sampling oscilloscope t r t p t 10% 90% i f i r t rr t i r(rec) = 1.0 ma output pulse (i f = i r = 10 ma; measured at i r(rec) = 1.0 ma) i f input signal figure 1. recovery time equivalent test circuit
BAW56WT1 http://onsemi.com 3 100 0.2 0.4 v f , forward voltage (volts) 0.6 0.8 1.0 1.2 10 1.0 0.1 t a = 85 c 10 0 v r , reverse voltage (volts) 1.0 0.1 0.01 0.001 10 20 30 40 50 1.75 0 v r , reverse voltage (volts) 1.5 1.25 1.0 0.75 c d , diode capacitance (pf) 246 8 i f , forward current (ma) figure 2. forward voltage figure 3. leakage current figure 4. capacitance t a = -40 c t a = 25 c t a = 150 c t a = 125 c t a = 85 c t a = 55 c t a = 25 c i r , reverse current ( m a)
BAW56WT1 http://onsemi.com 4 package dimensions sc?70 (sot?323) case 419?04 issue l c n a l d g s b h j k 3 12 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. dim min max min max millimeters inches a 0.071 0.087 1.80 2.20 b 0.045 0.053 1.15 1.35 c 0.032 0.040 0.80 1.00 d 0.012 0.016 0.30 0.40 g 0.047 0.055 1.20 1.40 h 0.000 0.004 0.00 0.10 j 0.004 0.010 0.10 0.25 k 0.017 ref 0.425 ref l 0.026 bsc 0.650 bsc n 0.028 ref 0.700 ref s 0.079 0.095 2.00 2.40 0.05 (0.002) *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 1.9 0.075 0.65 0.025 0.65 0.025 0.9 0.035 0.7 0.028  mm inches  scale 10:1 style 4: pin 1. cathode 2. cathode 3. anode on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 BAW56WT1/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of BAW56WT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X