Part Number Hot Search : 
CY7C144 APU429 DSPIC3 29GL032 ISPLSI 300DT GC4712 FDP50S
Product Description
Full Text Search
 

To Download APT30D20H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  12 1 - cathode 2 - anode case isolated characteristic / test conditions maximum d.c. reverse voltage maximum peak repetitive reverse voltage maximum working peak reverse voltage maximum average forward current (t c = 80c, duty cycle = 0.5) rms forward current non-repetitive forward surge current (t j = 45c, 8.3ms) operating and storagetemperature range lead temperature: 0.063" from case for 10 sec. symbol v r v rrm v rwm i f (av) i f (rms) i fsm t j ,t stg t l symbol v f i rm c t l s characteristic / test conditions i f = 30a maximum forward voltage i f = 60a i f = 30a, t j = 150c maximum reverse leakage current v r = v r rated v r = v r rated, t j = 125c junction capacitance, v r = 150v series inductance (lead to lead 5mm from base) static electrical characteristics product benefits ? low losses ? low noise switching ? cooler operation ? higher reliability systems ? increased system power density unit volts amps c unit volts a pf nh min typ max 1.4 1.3 1.2 250 500 110 10 APT30D20H 200 30 40 200 -55 to 150 300 maximum ratings all ratings: t c = 25c unless otherwise specified. product features ? ultrafast recovery times ? soft recovery characteristics ? hermetic to-258 package ? low forward voltage ? high blocking voltage ? low leakage current product applications ? anti-parallel diode -switchmode power supply -inverters ? free wheeling diode -motor controllers -converters ? snubber diode ? uninterruptible power supply (ups) ? induction heating ? high speed rectifiers ultrafast soft recovery rectifier diode APT30D20H 200v 30a 053-4025 rev - 2-2001 apt website - http://www.advancedpower.com usa 405 s.w. columbia street bend, oregon 97702 -1035 phone: (541) 382-8028 fax: (541) 388-0364 europe chemin de magret f-33700 merignac - france phone: (33) 5 57 92 15 15 fax: (33) 5 56 47 97 61 1 2 to-258
min typ max 35 50 40 60 155 155 68 10 13 120 300 2.5 2.5 300 600 unit ns amps nc volts a/s apt60d20h characteristic reverse recovery time, i f = 1.0a, di f /dt = -15a/s, v r = 30v, t j = 25c reverse recovery time t j = 25c i f = 30a, di f /dt = -240a/s, v r = 100v t j = 100c forward recovery time t j = 25c i f = 30a, di f /dt = -240a/s, v r = 100v t j = 100c reverse recovery current t j = 25c i f = 30a, di f /dt = -240a/s, v r = 100v t j = 100c recovery charge t j = 25c i f = 30a, di f /dt = -240a/s, v r = 100v t j = 100c forward recovery voltage t j = 25c i f = 30a, di f /dt = -240a/s, v r = 100v t j = 100c rate of fall of recovery current t j = 25c i f = 30a, di f /dt = -240a/s, v r = 100v t j = 100c dynamic characteristics symbol t rr1 t rr2 t rr3 t fr1 t fr2 i rrm1 i rrm2 q rr1 q rr2 v fr1 v fr2 dim/dt thermal and mechanical characteristics characteristic / test conditions junction-to-case thermal resistance junction-to-ambient thermal resistance package weight maximum mounting torque (screw type = 6-32 or 3mm machine) symbol r q jc r q ja w t torque min typ max 1.50 40 0.22 6.1 unit c/w oz gm lb?in n?m 053-4025 rev - 2-2001 to-258 package outline 5.08 (.200) bsc 1.14 (.045) 0.88 (.035) 17.65 (.695) 17.39 (.685) 4.19 (.165) 3.94 (.155) cathode n.c. anode 1.65 (.065) 1.39 (.055) dia. typ. 3 leads 17.96 (.707) 17.70 (.697) 19.05 (0.750) 12.70 (0.500) 21.21 (.835) 20.70 (.815) 8.89 (.350) 8.63 (.340) dimensions in millimeters and (inches) 3.56 (.140) bsc 6.86 (.270) 6.09 (.240) 13.84 (.545) 13.58 (.535) apt's devices are covered by one or more of the following u.s.patents: 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 apt reserves the right to change, without notice, the specifications and information contained herein.


▲Up To Search▲   

 
Price & Availability of APT30D20H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X