Part Number Hot Search : 
DDTA143 00266 4743A BZT03 89C52 633410 AT45DB02 SB340
Product Description
Full Text Search
 

To Download 2SK1518 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sk1517, 2SK1518 silicon n-channel mos fet ade-208-1287 (z) 1st. edition mar. 2001 application high speed power switching features low on-resistance high speed switching low drive current built-in fast recovery diode (t rr = 120 ns) suitable for motor control, switching regulator, dc-dc converter outline 1 2 3 to-3p 1. gate 2. drain (flange) 3. source d g s
2sk1517, 2SK1518 2 absolute maximum ratings (ta = 25?) item symbol ratings unit drain to source voltage 2sk1517 v dss 450 v 2SK1518 500 gate to source voltage v gss ?0 v drain current i d 20 a drain peak current i d(pulse) * 1 80 a body to drain diode reverse drain current i dr 20 a channel dissipation pch* 2 120 w channel temperature tch 150 ? storage temperature tstg ?5 to +150 ? notes: 1. pw 10 ?, duty cycle 1% 2. value at t c = 25?
2sk1517, 2SK1518 3 electrical characteristics (ta = 25?) item symbol min typ max unit test conditions drain to source 2sk1517 v (br)dss 450 v i d = 10 ma, v gs = 0 breakdown voltage 2SK1518 500 gate to source breakdown voltage v (br)gss ?0 v i g = ?00 ?, v ds = 0 gate to source leak current i gss ?0 ? v gs = ?5 v, v ds = 0 zero gate voltage 2sk1517 i dss 250 ? v ds = 360 v, v gs = 0 drain current 2SK1518 v ds = 400 v, v gs = 0 gate to source cutoff voltage v gs(off) 2.0 3.0 v i d = 1 ma, v ds = 10 v static drain to source 2sk1517 r ds(on) 0.20 0.25 i d = 10 a, v gs = 10 v * 1 on state resistance 2SK1518 0.22 0.27 forward transfer admittance |yfs| 10 16 s i d = 10 a, v ds = 10 v * 1 input capacitance ciss 3050 pf v ds = 10 v, v gs = 0, output capacitance coss 940 pf f = 1 mhz reverse transfer capacitance crss 140 pf turn-on delay time t d(on) 35 ns i d = 10 a, v gs = 10 v, rise time t r 130 ns r l = 3 turn-off delay time t d(off) 240 ns fall time t f 105 ns body to drain diode forward voltage v df 1.0 v i f = 20 a, v gs = 0 body to drain diode reverse recovery time t rr 120 ns i f = 20 a, v gs = 0, di f /dt = 100 a/? note: 1. pulse test
2sk1517, 2SK1518 4 150 100 50 0 50 100 150 case temperature t c (?) channel dissipation pch (w) power vs. temperature derating 100 10 100 1,000 drain to source voltage v ds (v) drain current i d (a) maximum safe operation area 13 30 300 30 10 3 1 0.3 0.1 ta = 25? 10 m s 100 m s 1 ms dc operation (t c = 25?) pw = 10 ms (1 shot) operation in this area is limited by r ds (on) 2SK1518 2sk1517 50 20 50 drain to source voltage v ds (v) typical output characteristics 40 10 10 30 40 0 20 30 drain current i d (a) v gs = 4 v pulse test 6 v 7 v 10 v 5 v 20 410 gate to source voltage v gs (v) drain current i d (a) typical transfer characteristics 16 4 268 0 8 12 v ds = 20 v pulse test t c = ?25? 75? 25?
2sk1517, 2SK1518 5 10 820 gate to source voltage v gs (v) drain to source saturation voltage v ds (on) (v) 8 2 41216 0 4 6 drain to source saturation voltage vs. gate to source voltage pulse test i d = 5 a 20 a 10 a 5 100 drain current i d (a) static drain to source on state resistance r ds (on) ( w ) 1 static drain to source on state resistance vs. drain current 2 1 0.5 0.2 0.1 0.05 2 5 10 20 50 pulse test v gs = 10 v 15 v 1.0 40 160 case temperature t c (?) static drain to source on state resistance r ds (on) ( w ) 0.8 0.2 0 80 120 0 0.4 0.6 static drain to source on state resistance vs. temperature ?0 pulse test v gs = 10 v i d = 20 a 10 a 5 a 5 20 drain current i d (a) forward transfer admittance ? yfs ? (s) forward transfer admittance vs. drain current 0.2 1 2 0.5 0.2 0.1 0.05 0.5 1 2 5 10 ?5? t c = 25? 75? v ds = 20 v pulse test
2sk1517, 2SK1518 6 5,000 50 reverse drain current i dr (a) reverse recovery time t rr (ns) body to drain diode reverse recovery time 0.5 2,000 1,000 500 200 100 50 12 51020 di/dt = 100 a/ m s, ta = 25? v gs = 0 pulse test 10,000 20 50 drain to source voltage v ds (v) capacitance c (pf) 10 30 40 typical capacitance vs. drain to source voltage 0 1,000 100 10 crss coss ciss v gs = 0 f = 1 mhz 500 80 200 gate charge qg (nc) drain to source voltage v ds (v) dynamic input characteristics 400 100 40 120 160 0 200 300 20 16 4 0 8 12 gate to source voltage v gs (v) v dd = 100 v 250 v 400 v v dd = 400 v 250v 100 v i d = 20 a v ds v gs 500 50 drain current i d (a) switching time t (ns) 0.5 switching characteristics 200 100 50 20 10 5 12 51020 v gs = 10 v v dd = 30 v pw = 2 m s, duty < 1% t d (off) t f t d (on) t r
2sk1517, 2SK1518 7 20 0.8 2.0 source to drain voltage v sd (v) reverse drain current i dr (a) 16 0.4 1.2 1.6 8 12 reverse drain current vs. source to drain voltage 0 4 pulse test v gs = 0, ?0 v 5 v 10 v 3 pulse width pw (s) normalized transient thermal impedance g s (t) 1.0 0.1 0.3 10 m 0.03 0.01 100 m 10 m 100 m 1 10 1 m normalized transient thermal impedance vs. pulse width pw p dm d = t pw q ch? (t) = g s (t) ? q ch? q ch? = 1.08?/w, t c = 25? t t c = 25? d = 1 0.5 0.2 0.1 0.05 0.02 0.01 1 shot pulse switching time test circuit vin monitor vout monitor r l v dd 30 v d.u.t 50 w vin 10 v = . . vout waveforms t d (on) 10% 10% 90% 90% 10% 90% vin t r t d (off) t f
2sk1517, 2SK1518 8 package dimensions f 3.2 0.2 4.8 0.2 1.5 0.3 2.8 0.6 0.2 1.0 0.2 18.0 0.5 19.9 0.2 15.6 0.3 0.5 1.0 5.0 0.3 1.6 1.4 max 2.0 2.0 14.9 0.2 3.6 0.9 1.0 5.45 0.5 5.45 0.5 hitachi code jedec eiaj mass (reference value) to-3p conforms 5.0 g as of january, 2001 unit: mm
2sk1517, 2SK1518 9 cautions 1. hitachi neither warrants nor grants licenses of any rights of hitachi? or any third party? patent, copyright, trademark, or other intellectual property rights for information contained in this document. hitachi bears no responsibility for problems that may arise with third party? rights, including intellectual property rights, in connection with use of the information contained in this document. 2. products and product specifications may be subject to change without notice. confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. hitachi makes every attempt to ensure that its products are of high quality and reliability. however, contact hitachi? sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. design your application so that the product is used within the ranges guaranteed by hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as fail- safes, so that the equipment incorporating hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the hitachi product. 5. this product is not designed to be radiation resistant. 6. no one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from hitachi. 7. contact hitachi? sales office for any questions regarding this document or hitachi semiconductor products. hitachi, ltd. semiconductor & integrated circuits. nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan tel: tokyo (03) 3270-2111 fax: (03) 3270-5109 copyright ? hitachi, ltd., 2000. all rights reserved. printed in japan. hitachi asia ltd. hitachi tower 16 collyer quay #20-00, singapore 049318 tel : <65>-538-6533/538-8577 fax : <65>-538-6933/538-3877 url : http://www.hitachi.com.sg url northamerica : http://semiconductor.hitachi.com/ europe : http://www.hitachi-eu.com/hel/ecg asia : http://sicapac.hitachi-asia.com japan : http://www.hitachi.co.jp/sicd/indx.htm hitachi asia ltd. (taipei branch office) 4/f, no. 167, tun hwa north road, hung-kuo building, taipei (105), taiwan tel : <886>-(2)-2718-3666 fax : <886>-(2)-2718-8180 telex : 23222 has-tp url : http://www.hitachi.com.tw hitachi asia (hong kong) ltd. group iii (electronic components) 7/f., north tower, world finance centre, harbour city, canton road tsim sha tsui, kowloon, hong kong tel : <852>-(2)-735-9218 fax : <852>-(2)-730-0281 url : http://www.hitachi.com.hk hitachi europe ltd. electronic components group. whitebrook park lower cookham road maidenhead berkshire sl6 8ya, united kingdom tel: <44> (1628) 585000 fax: <44> (1628) 585160 hitachi europe gmbh electronic components group dornacher stra b e 3 d-85622 feldkirchen, munich germany tel: <49> (89) 9 9180-0 fax: <49> (89) 9 29 30 00 hitachi semiconductor (america) inc. 179 east tasman drive, san jose,ca 95134 tel: <1> (408) 433-1990 fax: <1>(408) 433-0223 for further information write to: colophon 2.0


▲Up To Search▲   

 
Price & Availability of 2SK1518

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X