Part Number Hot Search : 
MX7548SQ FAN8620B 150KSR5A DLV60 F0512 SMCJ22 DS2431 22001
Product Description
Full Text Search
 

To Download 2SC5730 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SC5730 transistor 1/3 medium power transistor (30v, 1.0a) 2SC5730 ! ! ! ! features 1) high speed switching. (tf : typ. : 35ns at i c = 1.0a) 2) low saturation voltage, typically (typ. : 150mv at i c = 500ma, i b = 50ma) 3) strong discharge power for inductive load and capacitance load. 4) complements the 2sa2048 ! applications ! ! ! ! external dimensions (units : mm) each lead has same dimensions abbreviated symbol : um tsmt3 ( 2 ) ( 1 ) ( 3 ) 0 0.1 0.16 0.85 1.0max 0.7 2.9 2.8 1.9 1.6 0.95 0.95 0.4 0.3 0.6 (1) base (2) emitter (3) collector small signal low frequency amplifier high speed switching ! ! ! ! structure npn silicon epitaxial planar transistor ! ! ! ! packaging specifications taping 2SC5730 type tl 3000 package basic ordering unit (pieces) code ! ! ! ! absolute maximum ratings (ta=25 c) parameter v v v a mw ? 1 pw = 10ms ? 2 each terminal mounted on a recommended land. ? 2 ? 1 c a c v cbo v ceo i c p c tj v ebo i cp tstg symbol 30 30 6 1 2 500 150 ? 55~ + 150 limits unit collector-base voltage collector-emitter voltage emitter-base voltage collector current power dissipation junction temperature range of storage temperature
2SC5730 transistor 2/3 ! ! ! ! electrical characteristics (ta=25 c) parameter symbol bv ebo i cbo i ebo v ce(sat) ft h fe cob ton min. 6 ? ? ? 120 ? ? ? ? ? 270 ?? 10 30 ? 1.0 1.0 ? 150 300 390 ? ? ? i e = 100 a v ce = 2v, i c = 100ma v cb = 20v v eb = 4v i c = 500ma, i b = 50ma i c = 1a, i b1 = 0.1a i b2 = ? 0.1a v cc ~ 25v v ce = 10v, i e = ? 100ma, f = 10mhz v cb = 10v, i e = 0ma, f = 1mhz v a a mhz mv pf ns tstg ? 120 ? ns tf ? 35 ? ns typ. max. unit conditions bv ceo 30 ?? v i c = 1ma collector ? emitter breakdown voltage collector cut-off current dc current gain transition frequency collector output capacitance turn-on time storage time fall time emitter cut-off current collector ? emitter staturation voltage bv cbo 30 ?? i c = 100 a v collector ? base breakdown voltage emitter ? base breakdown voltage ? 2 ? 1 ? 1 non repetitive pulse ? 2 see switching charactaristics measurement cicuits ! ! ! ! h fe rank qr 120-270 180-390 ! ! ! ! electrical characteristic curves fig.1 safe operating area collector to emitter voltage : v ce (v) collector current : i c (a) single non repoetitive pulse dc 1ms 10ms 10 1 0.1 0.01 0.001 100ms 1 0.01 0.1 10 fig.2 switching time 1 0.01 0.1 10 1000 100 10 collector current : i c (a) switching time (ns) ta = 25 c v cc = 25v i c /i b = 10/1 tstg tf ton fig.3 dc current gain vs. collector current collector current : i c (a) dc current gain : hfe 0.001 0.01 0.1 10 1 1 10 100 1000 ta = 100 c ta = 25 c ta =? 40 c v ce = 2v 0.001 0.01 0.1 10 1 1 10 100 1000 collector current : i c (a) dc current gain : hfe v ce = 5v v ce = 3v v ce = 2v fig.4 dc current gain vs. collector current ta = 25 c 0.001 0.01 0.1 0.01 0.1 1 10 collector saturation voltage : v ce (sat )(v) collector current : i c (a) 10 1 fig.5 collector-emitter saturation voltage vs. collector current i c /i b = 10/1 ta = 100 c ta = 25 c ta =? 40 c 0.001 0.1 0.01 10 1 0.01 0.1 1 10 collector current : i c ( a) collector saturation voltage : v ce ( sat)(v) fig.6 collector-emitter saturation voltage vs. collector current i c /i b = 10/1 i c /i b = 20/1 ta = 25 c
2SC5730 transistor 3/3 collector current : i c (a) base emitter saturation voltage : v be (sat ) (v) fig.7 base-emitter saturation voltage vs. collector current 0.001 0.01 0.1 10 1 1 0.1 10 ta = 100 c i c /i b = 10/1 ta = 25 c ta =? 40 c 0.01 0.1 10 1 collector current : i c (a) base to emitter voltage : v be (v) 0 0.5 1 1.5 fig.8 ground emitter propagation characteristics ta = 100 c ta = 25 c ta =? 40 c 1000 transition frequency : f t (mhz) emitter current : i e (a ) ? 10 ? 1 ? 0.1 ? 0.01 ? 0.001 100 10 1 fig.9 transition frequency ta = 25 c v ce = 10v 100 collector output capacitance : c ob ( pf) base to collector voltage : v cb ( v) 100 10 1 0.1 10 1 fig.10 collector output capacitance ta = 25 c f = 1mhz ! ! ! ! switching characteristics measurement circuits collector current waveform base current waveform i b1 i b1 90% 10% i b2 i b2 i c v in p w i c r l =25 ? v cc 25v p w 50 s duty cycle 1% ton tstg tf


▲Up To Search▲   

 
Price & Availability of 2SC5730

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X