Part Number Hot Search : 
ERJ2GE01 2SC829 2SJ185 MCH6535 MH88632 EC3592R BAV74 C64WMN
Product Description
Full Text Search
 

To Download 2SC4052 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC4052 d escription with ito-220 package switching power transistor pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 600 v v ceo collector-emitter voltage open base 450 v v ebo emitter-base voltage open collector 7 v i c collector current 3 a i cm collector current-peak 6 a i b base current 1 a i bm base current-peak 2 a p t total power dissipation t c =25 25 w t j junction temperature 150  t stg storage temperature -55~150  thermal characteristics symbol parameter max unit r th j-c thermal resistance junction to case 5.0 /w fig.1 simplified outline (ito-220) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC4052 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =0.1a ;i b =0 450 v v cesat collector-emitter saturation voltage i c =1.5a; i b =0.3a 1.0 v v besat base-emitter saturation voltage i c =1.5a; i b =0.3a 1.5 v i cbo collector cut-off current i ceo collector cut-off current at rated volatge 0.1 ma i ebo emitter cut-off current at rated volatge 0.1 ma h fe-1 dc current gain i c =1.5a ; v ce =5v 10 h fe-2 dc current gain i c =1ma ; v ce =5v 5 f t transition frequency i c =0.3a ; v ce =10v 20 mhz switching times t on turn-on time 0.5 s t s storage time 2.0 s t f fall time i c =1.5a;i b1 =0.3a i b2 =0.6a ,r l =100 b v bb2 =4v 0.2 s
savantic semiconductor product specification 3 silicon npn power transistors 2SC4052 package outline fig.2 outline dimensions (unindicated tolerance:0.20 mm)


▲Up To Search▲   

 
Price & Availability of 2SC4052

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X