Part Number Hot Search : 
UNRF1A1 MC54H 220224B ZL301 MJ8501 PU4123 02FLS MC331
Product Description
Full Text Search
 

To Download 2N2222ADCSM06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2n2222adcsm doc 7168 issue 1 semelab plc. telephone +44(0)1455 556565. fax +44(0)1455 552612. e-mail: sales@semelab.co.uk website: http://www.semelab.co.uk dual high speed, medium power npn switching transistor in a hermetically sealed ceramic surface mount package for high reliability applications features ? dual silicon planar epitaxial npn transistors ? hermetic ceramic surface mount package ? cecc screening options ? space quality levels options ? high speed saturated switching applications: hermetically sealed dual surface mount version of the popular 2n2222a for high reliability / space applications requiring small size and low weight devices. per side v cbo collector ? base voltage v ceo collector ? emitter voltage (i b = 0) v ebo emitter ? base voltage (i b = 0) i c collector current p d total device dissipation p d derate above 50c total device r ja thermal resistance junction to ambient r jc thermal resistance junction to case t stg, t j storage temperature,operating temp range 75v 40v 6v 600ma 350mw 2.0mw / c 130c/w 60c/w ?55 to 200c mechanical data dimensions in mm (inches) absolute maximum ratings per side (t c = 25c unless otherwise stated) lcc2 package underside view pad 1 ? collector 1 pad 2 ? base 1 pad 3 ? base 2 pad 4 ? collector 2 pad 5 ? emitter 2 pad 6 ? emitter 1 1 2 6 3 4 5 2.54 0.13 (0.10 0.005) 0.64 0.06 (0.025 0.003) 0.23 (0.009) 1.40 0.15 (0.055 0.006) 1.65 0.13 (0.065 0.005) 2.29 0.20 (0.09 0.008) rad. a 1.27 0.13 (0.05 0.005) a = 6.22 0.13 (0.245 0.005) 4.32 0.13 (0.170 0.005)
2n2222adcsm doc 7168 issue 1 parameter test conditions min. typ. max. unit t d delay time t r rise time t s storage time t f fall time parameter test conditions min. typ. max. unit parameter test conditions min. typ. max. unit i c = 10ma i c = 10 a i e = 10 ai c = 0 i b = 0 v ce = 60v i e = 0 v cb = 60v t c = 125c i c = 0 v eb = 3v (off) v ce = 60v v eb = 3v (off) i c = 150ma i b = 15ma i c = 500ma i b = 50ma i c = 150ma i b = 15ma i c = 500ma i c = 50ma i c = 0.1ma v ce = 10v i c = 1ma v ce = 10v i c = 10ma v ce = 10v i c = 10ma v ce = 10v i c = 150ma v ce = 10v i c = 150ma v ce = 1v i c = 500ma v ce = 10v electrical characteristics per side (t c = 25c unless otherwise stated) v ceo(sus)* collector ? emitter sustaining voltage v (br)cbo* collector ? base breakdown voltage v (br)ebo* emitter ? base breakdown voltage i cex* collector cut-off current (i c = 0) i cbo* collector ? base cut-off current i ebo* emitter cut-off current (i c = 0) i bl* base current v ce(sat)* collector ? emitter saturation voltage v be(sat)* base ? emitter saturation voltage h fe* dc current gain t a = ?55c 40 75 6 10 10 10 10 20 0.3 1 0.6 1.2 2 35 50 75 35 100 300 50 40 v v v na na a na na v v ? f t transition frequency c ob output capacitance c ib input capacitance h fe small signal current gain i c = 20ma v ce = 20v f = 100mhz v cb = 10v i e = 0 f = 1.0mhz v be = 0.5v i c = 0 f = 1.0mhz i c = 1ma v ce = 10v f = 1khz i c = 10ma v ce = 10v f = 1khz 300 8 30 50 300 75 375 mhz pf pf 10 25 225 60 ns ns ns ns v cc = 30v v be = 0.5v (off) i c1 = 150ma i b1 = 15ma v cc = 30v i c = 150ma i b1 = i b2 = 15ma f t is defined as the frequency at which h fe extrapolates to unity. * pulse test t p = 300 s , 2% dynamic characteristics per side (t c = 25c unless otherwise stated) switching characteristics per side (resistive load) (t c = 25c unless otherwise stated) semelab plc. telephone +44(0)1455 556565. fax +44(0)1455 552612. e-mail: sales@semelab.co.uk website: http://www.semelab.co.uk


▲Up To Search▲   

 
Price & Availability of 2N2222ADCSM06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X