Part Number Hot Search : 
BU100 TIC22 D7802 SP574B SPI35N10 1K21F M74HC485 M62464AE
Product Description
Full Text Search
 

To Download 1SS193 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1SS193 2001-06-07 1 toshiba diode silicon epitaxial planar type 1SS193 ultra high speed switching application  small package : sc-59  low forward voltage : v f (3) = 0.9v (typ.)  fast reverse recovery time : t rr = 1.6ns (typ.)  small total capacitance : c t = 0.9pf (typ.) maximum ratings (ta = 25     c) characteristic symbol rating unit maximum (peak) reverse voltage v rm 85 v reverse voltage v r 80 v maximum (peak) forward current i fm 300 ma average forward current i o 100 ma surge current (10ms) i fsm 2 a power dissipation p 150 mw junction temperature t j 125  c storage temperature range t stg ? 55  125  c electrical characteristics (ta = 25     c) characteristic symbol test circuit test condition min typ. max unit v f (1) D  i f =1ma D 0.60 D v f (2) D i f = 10ma D 0.72 D forward voltage v f (3) D i f = 100ma D 0.90 1.20 v i r (1) D v r = 30v D D 0.1 reverse current i r (2) D v r = 80v D D 0.5  a total capacitance c t D v r = 0, f = 1mh z D 0.9 3.0 pf reverse recovery time t rr D i f = 10ma (fig.1) D 1.6 4.0 ns marking jedec to-236mod eiaj sc-59 toshiba 1-3g1b weight: 0.012g unit: mm
1SS193 2001-06-07 2 fig.1 reverse recovery time (t rr ) test circuit
1SS193 2001-06-07 3  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707ea a restrictions on product use


▲Up To Search▲   

 
Price & Availability of 1SS193

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X