Part Number Hot Search : 
FS70H 06010 12M35T NTE1465 AM150 MC68HC68 2SK176 PC28F
Product Description
Full Text Search
 

To Download VLMW64 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay semiconductors VLMW64.. document number 81896 rev. 1.1, 21-jul-08 www.vishay.com 1 for technical support, please contact: led@vishay.com power smd led clcc-6 flat features ? high efficient ? utilizing ingan technology ? very low thermal resi stance, high optical power ? optical efficiency 30 lm/w ? luminous intensity and color grouping ? luminous intensity ratio per package unit i vmax. /i vmin. 1.6 ? esd-withstand voltage: up to 2 kv according to jesd22-a114-b ? compatible with ir reflow solder processes according to cecc 00802 and j-std-020c ? lead (pb)-free device ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec ? preconditioning: a cc. to jedec level 4 ? automotive qualified aec-q101 ? very flat package (0.9 mm) 20853 e4 description the VLMW64.. is one of the most robust and light efficient leds in the market. the small size and wide viewing angle make these leds a prime choice for backlighting applications and front panel indicators, especially where space is at a premium. its ceramic package makes it the ideal light source in applications of high thermal considerations allowing the additional current drive for a maxi mum light output while maintaining a high service life of up to 50k h. the reflector inside this packag e is filled with a mixture of silicone and tag phosph or. the ta g phosphor converts the blue emission partially to yellow, which mixes with the remain ing blue to white. product group and package data ? product group: led ? package: smd clcc-6 flat ? product series: power ? angle of half intensity: 60 applications ? camera flash light ? interior and exterior automotive lighting: brake lights, turn lights, backlighting, side markers ? indicator lighting ? signal and symbol luminaire ? marker lights ? dashboard illumination parts table part color, luminous intensity (at i f = 140 ma) luminous flux (typ.) technology VLMW64bbda-5k8l-08 white, i v = (2240 to 5600) mcd 11 000 mlm ingan/tag on sapphire VLMW64bbda-5k8l-18 white, i v = (2240 to 5600) mcd 11 000 mlm ingan/tag on sapphire www.datasheet.co.kr datasheet pdf - http://www..net/
www.vishay.com 2 document number 81896 rev. 1.1, 21-jul-08 vishay semiconductors VLMW64.. for technical support, please contact: led@vishay.com note: not designed for reverse operation 1) t amb = 25 c, unless otherwise specified note: not designed for reverse operation 1) t amb = 25 c, unless otherwise specified note: luminous intensity is tested at a current puls e duration of 25 ms and an accuracy of 11 %. the above type numbers represent the order groups which include onl y a few brightness groups. only one group will be shipped on each reel (there will be no mixing of two groups on each reel). in order to ensure availab ility, single brightness gro ups will not be orderable. in a similar manner for colors where wavelength groups are meas ured and binned, each single waveleng th group is packed in a sin gle reel. in order to ensure availability, si ngle wavelength groups can not be ordered. absolute maximum ratings 1) VLMW64.. parameter test condition symbol value unit forward current i f 150 ma power dissipation p tot 650 mw junction temperature t j + 125 c surge current t < 10 s, d = 0.1 i fm 1000 ma operating temperature range t amb - 40 to + 100 c storage temperature range t stg - 40 to + 100 c thermal resistance junction/pin metal core pcb 960 mm2 per led r thjp 40 k/w thermal resistance junction/ambient r thja 90 k/w optical and electrical characteristics 1) VLMW64.., white parameter test condition part symbol min. typ. max. unit luminous intensity i f = 140 ma i v 2240 5600 mcd luminous flux calculated i f = 140 ma v 7000 11 000 17 600 mlm chromaticity coordinate x acc. to cie 1931 i f = 140 ma x0.33 chromaticity coordinate y acc. to cie 1931 i f = 140 ma y0.33 angle of half intensity i f = 140 ma ? 60 deg forward voltage i f = 140 ma v f 2.9 3.75 4.3 v temperature coefficient of v f i f = 140 ma tc vf - 3 mv/k temperature coefficient of i v i f = 140 ma tc iv - 0.4 %/k luminous intensity/flux classification white group luminous intensity iv (mcd) standard min. max. bb 2240 2800 ca 2800 3550 cb 3550 4500 da 4500 5600 www.datasheet.co.kr datasheet pdf - http://www..net/
document number 81896 rev. 1.1, 21-jul-08 www.vishay.com 3 vishay semiconductors VLMW64.. for technical support, please contact: led@vishay.com note: chromaticity coordinate groups are tested at a current pulse durat ion of 25 ms and a tolerance of 0.01. typical characteristics t amb = 25 c, unless otherwise specified chromaticity coordinated groups for white smd led x y x y 5l 0.291 0.268 7l 0.330 0.330 0.285 0.279 0.330 0.347 0.307 0.312 0.347 0.371 0.310 0.297 0.345 0.352 5k 0.296 0.259 7k 0.330 0.310 0.291 0.268 0.330 0.330 0.310 0.297 0.338 0.342 0.313 0.284 0.352 0.344 6l 0.310 0.297 8l 0.345 0.352 0.307 0.312 0.347 0.371 0.330 0.347 0.367 0.401 0.330 0.330 0.364 0.380 6k 0.313 0.284 8k 0.352 0.344 0.310 0.297 0.338 0.342 0.330 0.330 0.364 0.380 0.330 0.310 0.360 0.357 figure 1. forward current vs. ambient temperature 0 75 02040 8 0 100 120 20669 t am b - am b ient temperat u re (c) 60 15 105 45 135 90 30 120 60 150 i f - for w ard c u rrent (ma) 165 figure 2. rel.luminous intensity vs. angular displacement 0.4 0.2 0 95 10319 0.6 0.9 0. 8 0 30 10 20 40 50 60 70 8 0 0.7 1.0 i v rel - relati v e l u mino u s intensity ? - ang u lar displacement www.datasheet.co.kr datasheet pdf - http://www..net/
www.vishay.com 4 document number 81896 rev. 1.1, 21-jul-08 vishay semiconductors VLMW64.. for technical support, please contact: led@vishay.com figure 3. relative intensity vs. wavelength figure 4. coordinates of colorgroups figure 5. change of forward voltage vs. ambient temperature 0 10 20 30 40 50 60 70 8 0 90 100 400 450 500 550 600 650 700 750 8 00 - w a v elength (nm) 16196 i rel - relati v e intensity 0.25 0.27 0.29 0.31 0.33 0.35 0.37 0.40 0.35 0.30 0.25 0.20 x-coordinates y-coo rdinates 6l 5l 7l 8 l 6k 5k 7k 8 k 197 8 4_3 - 500 - 400 - 300 - 200 - 100 0 100 200 300 400 500 - 50 - 25 0 25 50 75 100 125 t am b - am b ient temperat u re (c) v f - change of for w ard v oltage (m v ) 213 8 4 figure 6. relative luminous intensity vs. ambient temperature figure 7. change of x- and y-coordinates vs. ambient temperature figure 8. forward current vs. forward voltage 0 0.2 0.4 0.6 0. 8 1.0 1.2 1.4 - 50 - 25 0 25 50 75 100 125 t am b - am b ient temperat u re (c) i v rel - relati v e l u mino u s intensity 213 8 5 - 0.05 - 0.04 - 0.03 - 0.02 - 0.01 0 0.01 0.02 0.03 0.04 0.05 - 50 - 25 0 25 50 75 100 125 t am b - am b ient temperat u re (c) x, y - change of x- and y-coordinates (ccd) x y 213 8 6 0 100 200 300 400 500 600 2 2.5 3 3.5 4 4.5 5 5.5 v f - for w ard v oltage ( v ) i f - for w ard c u rrent (ma) 213 8 7 www.datasheet.co.kr datasheet pdf - http://www..net/
document number 81896 rev. 1.1, 21-jul-08 www.vishay.com 5 vishay semiconductors VLMW64.. for technical support, please contact: led@vishay.com taping dimensions in millimeters figure 9. relative luminous intensity vs. forward current 0 0.5 1.0 1.5 2.0 2.5 0 100 200 300 400 500 600 i f - for w ard c u rrent (ma) i v rel - relati v e l u mino u s intensity 213 88 figure 10. change of x- and y-coordinates vs. forward current - 0.040 - 0.030 - 0.020 - 0.010 0 0.010 0.020 0.030 0.040 0 100 200 300 400 500 600 i f - for w ard c u rrent (ma) x, y - change of x- and y-coordinates (ccd) y x 213 8 9 20 8 69 www.datasheet.co.kr datasheet pdf - http://www..net/
www.vishay.com 6 document number 81896 rev. 1.1, 21-jul-08 vishay semiconductors VLMW64.. for technical support, please contact: led@vishay.com package dimensions in millimeters soldering pads dimensions in millimeters soldering profile p2 p3 p5 p4 p1 p6 1.55 0.15 ( 2.1) ( 2.3) (3.3) (0.2) 0.1 (3.4) 0.9 0.1 8 6x (0.5) (metallized) (0.75) 6x (1.05) 4x 2.1 2x 0.6 0.4 4x 2x (5th. layer o n ly) 6x 6x (1st.~4th. layer o n ly) i n dex mark (plati n g optio n ) a c specifications according to di n technical dra w ings n ot indicated tolerances 0.2 dra w ing- n o.: 6.5 8 1-5011.01-4 (r 0.25) (r 0.15) ca a a a p5 p4 p6 p2 p3 p1 iss u e: 1; 1 8 .06.0 8 protection diode 21409 2059 8 figure 11. vishay lead (pb)-fr ee reflow soldering profile (acc. to j-std-020c) 0 50 100 150 200 250 300 0 50 100 150 200 250 300 time (s) temperat u re (c) 240 c 245 c max. 260 c max. 120 s max. 100 s 217 c max. 30 s max. ramp u p 3 c/s max. ramp do w n 6 c/s 20619 ir reflo w soldering profile for lead (p b )-free soldering preconditioning acc. to jedec le v el 4 max. 2 cycles allo w ed 255 c www.datasheet.co.kr datasheet pdf - http://www..net/
document number 81896 rev. 1.1, 21-jul-08 www.vishay.com 7 vishay semiconductors VLMW64.. for technical support, please contact: led@vishay.com bar code product label example: a) type of component b) manufacturing plant c) sel - selectio n code (bin): e.g.: da = code for luminous intensity group 5 = code for color group 4 = code for forward voltage d) batch: 200707 = year 2007, week 07 ph19 = plant code e) total quantity dry packing the reel is packed in an anti-humidity bag to protect the devices from absorbing moisture during transportation and storage. final packing the sealed reel is packed into a cardboard box. a secondary cardboard box is used for shipping purposes. recommended method of storage dry box storage is recommended as soon as the aluminum bag has been opened to prevent moisture absorption. the following conditions should be observed, if dry boxes are not available: ? storage temperature 10 c to 30 c ? storage humidity 60 % rh max. after more than 72 h under these conditions moisture content will be too high for reflow soldering. in case of moisture absorp tion, the devices will recover to the former condition by drying under the following condition: 192 h at 40 c + 5 c/- 0 c and < 5 % rh (dry air/nitrogen) or 96 h at 60 c + 5 c and < 5 % rh for all device containers or 24 h at 100 c + 5 c not suitable for reel or tubes. an eia jedec standard jesd22-a112 level 4 label is included on all aluminum dry bags. example of jesd22-a112 level 4 label esd precaution proper storage and handling procedures should be followed to prevent esd damage to the devices especially when they are removed from the antistatic shielding bag. electro-static sensitive devices warning labels are on the packaging. vishay semiconductors standard bar code labels the vishay semiconductors standard bar code labels are printed at final packing areas. the labels are on each packing unit and contain vishay semiconductors specific data. a c b d e 20613 al u min u m b ag la b el reel 15973 caution this b ag contains moisture-sensitive devices 1. shelf life in sealed b ag: 12 months at < 40 c and < 90 % relati v e h u midity (rh) 2. after this b ag is opened, de v ices that w ill b e s ub jected to soldering reflo w or e qu i v alent processing (peak package b ody temp. 260 c) m u st b e 2a. mo u nted w ithin 72 ho u rs at factory condition of < 30 c/60 % rh or 2 b . stored at < 5 % rh 3. de v ices re qu ire b aking b efor mo u nting if: h u midity indicator card is > 10 % w hen read at 23 c 5 c or 2a. or 2 b . are not met. 4. if b aking is re qu ired, de v ices may b e b aked for: 192 ho u rs at 40 c + 5 c/- 0 c and < 5 % rh (dry air/nitrogen) or 96 ho u rs at 60 c 5 c and < 5 % rh for all de v ice containers or 24 ho u rs at 125 c 5 c not s u ita b le for reels or t ub es bag seal date: (if b lank, see b arcode la b el) note: level and body temperature defined by eia jedec standard jstd-020 4 level www.datasheet.co.kr datasheet pdf - http://www..net/
www.vishay.com 8 document number 81896 rev. 1.1, 21-jul-08 vishay semiconductors VLMW64.. for technical support, please contact: led@vishay.com ozone depleting substances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employee s and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (odss). the montreal protocol (1987) and its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively. 2. class i and ii ozone depleting substances in the cle an air act amendments of 1990 by the environmental protection agency (epa) in the usa. 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify that our semi conductors are not manufactured with ozone depleting substances and do not co ntain such substances. the iec/en standards require that the desired classifica tion accessible emission limit shall not be exceeded in ?normal? and ?single fault co nditions?. this product is in compliance with the requirement in cen/iec/en60825-1 to ensure that required classificati ons are not exceeded in single fault conditions. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany www.datasheet.co.kr datasheet pdf - http://www..net/
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners. www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of VLMW64

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X