Part Number Hot Search : 
SMA475 TFS70L9 LT30101 TC610 40128 V2412 LT1617 N5936B
Product Description
Full Text Search
 

To Download UTT60N10G-TA3-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd utt60n10 preliminary power mosfet www.unisonic.com.tw 1 of 3 copyright ? 2011 unisonic technologies co., ltd qw-r502-664.a 60a, 100v n-channel enhancement mode power mosfet transistor ? description the utc utt60n10 is an n-channel enhancement power mosfet using utc?s advanced technology to provide the customers with perfect r ds(on) , high switching speed, high current capacity and low gate charge. the utc utt60n10 is suitable for motor control, ac-dc or dc-dc converters and audio amplifiers, etc. ? features * r ds(on) =18m ? @ v gs =10v,i d =20a * high switching speed * high current capacity * low gate charge(typical 50nc) ? ordering information ordering number pin assignment lead free halogen free package 1 2 3 packing utt60n10l-ta3-t UTT60N10G-TA3-T to-220 g d s tube note: pin assignment: g: gate d: drain s: source
utt60n10 preliminary power mosfe unisonic technologies co., ltd 2 of 3 www.unisonic.com.tw qw-r502-664.a ? absolute maximum ratings parameter symbol ratings unit drain-source voltage v dss 100 v gate-source voltage v gss 25 v continuous i d 60 a drain current pulsed i dm 100 a avalanche energy single pulsed e as 560 mj power dissipation p d 100 w junction temperature t j 150 c storage temperature t stg -55 ~ 150 c note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? thermal data parameter symbol ratings unit junction to ambient ja 62.5 c/w junction to case jc 1.25 c/w ? electrical characteristics parameter symbol test conditions min typ max unit off characteristics drain-source breakdown voltage bv dss i d =250a, v gs =0v 100 v drain-source leakage current i dss v ds =100v, v gs =0v 1 a forward v gs =+25v, v ds =0v +100 na gate- source leakage current reverse i gss v gs =-25v, v ds =0v -100 na on characteristics gate threshold voltage v gs(th) v ds =v gs , i d =250a 2 4 v static drain-source on-state resistance r ds(on) v gs =10v, i d =30a 18 24 m ? dynamic parameters input capacitance c iss 1450 1900 pf output capacitance c oss 520 680 pf reverse transfer capacitance c rss v gs =0v, v ds =25v, f=1.0mhz 120 155 pf switching parameters total gate charge q g 50 65 nc gate to source charge q gs 9.3 nc gate to drain charge q gd v gs =10v, v ds =80v, i d =30a, 25 nc turn-on delay time t d(on) 16.5 45 ns rise time t r 200 410 ns turn-off delay time t d(off) 70 150 ns fall-time t f v dd =30v, i d =1a, r g =50 ? , v gs =10v 95 200 ns source- drain diode ratings and characteristics maximum body-diode continuous current i s 60 a maximum body-diode pulsed current i sm 100 a drain-source diode forward voltage v sd i s =30a, v gs =0v 1.5 v
utt60n10 preliminary power mosfe unisonic technologies co., ltd 3 of 3 www.unisonic.com.tw qw-r502-664.a utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of UTT60N10G-TA3-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X