Part Number Hot Search : 
M5218AL 1V102 2N4059 AD5621 SI7174 PA241 UR6HCPS2 SP207HET
Product Description
Full Text Search
 

To Download UF8010G-TF3-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd uf8010 preliminary power mosfet www.unisonic.com.tw 1 of 6 copyright ? 2011 unisonic technologies co., ltd qw-r502-348.c 80a, 100v n-channel power mosfet ? description the utc uf8010 uses advanced technology to provide excellent r ds(on) , fast switching speed, low gate charge, and excellent efficiency. this device is suitable for high frequency dc-dc converters, ups and motor control. ? features * r ds(on) :12m ? (typ.) * lower gate-drain charge for lower switching losses * perfect avalanche voltage and current performance * fully characterized capacitance including effective c oss to simplify design ? symbol ? ordering information ordering number pin assignment lead free halogen free package 1 2 3 packing uf8010l-ta3-t uf8010g-ta3-t to-220 g d s tube uf8010l-tf3-t UF8010G-TF3-T to-220f g d s tube uf8010l-tq2-t uf8010g-tq2-t to-263 g d s tube note: pin assignment: g: gate d: drain s: source
uf8010 preliminary power mosfet unisonic technologies co., ltd 2 of 6 www.unisonic.com.tw qw-r502-348.c ? absolute maximum ratings (t j =25c, unless otherwise specified) parameter symbol ratings unit gate to source voltage v gs 20 v continuous drain current (v gs =10v,t c =25c) i d 80 (note 2) a pulsed drain current i dm 320 a single pulse (note 2) e as 310 mj avalanche energy repetitive e ar 26 mj avalanche current i ar 45 a peak diode recovery dv/dt (note 3) dv/dt 16 v/ns to-220 / to-263 260 w power dissipation(t c =25c) to-220f 54 w to-220 / to-263 1.8 w/c derating above 25c to-220f p d 0.36 w/c junction temperature t j +150 c storage temperature t stg -55 ~ + 175 c note: 1. absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. 2. starting t j = 25c, l = 0.31mh, r g =25 ? , i as = 45a. 3. i sd 45a, di/dt 110a/ s, v dd bv dss , t j 175c ? thermal data parameter symbol ratings unit junction to ambient ja 62.5 c/w to-220 / to-263 0.57 c/w junction to case to-220f jc 2.3 c/w
uf8010 preliminary power mosfet unisonic technologies co., ltd 3 of 6 www.unisonic.com.tw qw-r502-348.c ? electrical characteristics (t j =25c, unless otherwise specified) parameter symbol test conditions min typ max unit static characteristics drain-source breakdown voltage bv dss v gs =0 v, i d =250 a 100 v drain-source leakage current i dss v ds =100v,v gs =0v 20 a gate-source forward current v gs = 20 v 200 na gate-source reverse current i gss v gs = -20 v -200 na on characteristics gate threshold voltage v gs(th) v ds = v gs , i d = 250 a 2.0 4.0 v drain-source on-state resistance r ds(on) v gs = 10 v, i d = 45a (note 1) 12 15 m ? dynamic characteristics input capacitance c iss 3830 pf output capacitance c oss 480 pf reverse transfer capacitance c rss v ds =25 v,v gs =0v, f =1.0mhz 59 pf switching characteristics turn-on delay time t d(on) 15 ns rise time t r 130 ns turn-off delay time t d(off) 61 ns fall time t f v ds =50v,i d = 80a, r g = 39 ? v gs = 10v (note 1) 120 ns total gate charge q g 81 120 nc gate-source charge q gs 22 nc gate-drain charge q gd v ds =80v, v gs =10v i d = 80a (note 1) 26 nc source- drain diode ratings and characteristics drain-source diode forward voltage v sd i s =80 a ,v gs =0 v, t j = 25c (note 1) 1.3 v maximum continuous drain-source diode forward current i s 80 a maximum pulsed drain-source diode forward current (note 1) i sm 320 a reverse recovery time t rr 99 150 ns reverse recovery charge q rr i f =80a, v dd =50v, t j = 150 di/dt = 100 a/ s (note 1) 460 700 nc note: 1. pulse width 300 s; duty cycle 2%
uf8010 preliminary power mosfet unisonic technologies co., ltd 4 of 6 www.unisonic.com.tw qw-r502-348.c ? test circuits and waveforms same type as d.u.t. l v dd driver v gs r g - v ds d.u.t. + * dv/dt controlled by r g * i sd controlled by pulse period * d.u.t.-device under test - + peak diode recovery dv/dt test circuit p. w. period d= v gs (driver) i sd (d.u.t.) i fm , body diode forward current di/dt i rm body diode reverse current body diode recovery dv/dt body diode forward voltage drop v dd 10v v ds (d.u.t.) v gs = p.w. period peak diode recovery dv/dt waveforms
uf8010 preliminary power mosfet unisonic technologies co., ltd 5 of 6 www.unisonic.com.tw qw-r502-348.c ? test circuits and waveforms (cont.) v ds 90% 10% v gs t d(on) t r t d(off) t f switching test circuit switching waveforms 10v charge q gs q gd q g v gs gate charge test circuit gate charge waveform v dd t p time bv dss i as i d(t) v ds(t) unclamped inductive switching test circuit unclamped inductive switching waveforms
uf8010 preliminary power mosfet unisonic technologies co., ltd 6 of 6 www.unisonic.com.tw qw-r502-348.c utc assumes no responsib ility for equipment failures that result from using pr oducts at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of UF8010G-TF3-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X