Part Number Hot Search : 
CLC3801 DSPIC LTD056 2CZ20 NTX1N 1000000 TC74AC C2020
Product Description
Full Text Search
 

To Download TCLT1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tclt100. series www.vishay.com vishay semiconductors rev. 2.4, 29-apr-11 1 document number: 83515 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 optocoupler, phototransistor output, sop-4l, long mini-flat package description the tclt100. series consists of a phototransistor optically coupled to a gallium arsenide infrared-emitting diode in a 4-lead sop4l package. applications ? switchmode power supplies ? computer peripheral interface ? microprocessor system interface features ? smd low profile 4 lead package ?v iorm = 1050 v ? ctr flexibility available see order information ? special construction ? extra low coupling capacitance ? dc input with transistor output ? creepage distance > 8 mm ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec note ** please see document vishay material category policy: www.vishay.com/doc?99902 agency approvals ? ul1577, file no. e76222 ? csa (cul) 22.2 bulletin 5a recognized file no. e-76222 ? bsi: bs en 41003, bs en 60065 (bs 415), bs en 60950 (bs 7002), certificate number 7081 and 7402 ? din en 60747-5-2 (vde 0884)/din en 60747-5-5 (pending), available with option 1 ? fimko (seti): en 60950 note ? see the safety standard approval list agency table for more detailed information. note ? available only on tape and reel. c e ac 1 2 3 4 17295-5 ordering information tclt100# part number agency certified/package ctr (%) 5 ma 10 ma 5 ma ul, cul, vde, bsi, fimko 50 to 600 63 to 125 100 to 200 160 to 320 50 to 150 100 to 300 80 to 160 130 to 260 200 to 400 sop-4l TCLT1000 tclt1002 tclt1003 tclt1004 tc lt1005 tclt1006 tclt1007 tclt1008 tclt1009 10.2 mm s op-4l
tclt100. series www.vishay.com vishay semiconductors rev. 2.4, 29-apr-11 2 document number: 83515 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? stresses in excess of the abso lute maximum ratings can cause permanent damage to the device. functional operation of the devic e is not implied at these or any other conditions in excess of those give n in the operational sections of this document. exposure to abs olute maximum ratings for extended periods of the time can adversely affect reliability. note ? minimum and maximum values are testing requirements. typical valu es are characteristics of the device and are the result of en gineering evaluation. typical values are for information only and are not part of the testing requirements. absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit input reverse voltage v r 6v forward current i f 60 ma forward surge current t p ? 10 s i fsm 1.5 a power dissipation p diss 100 mw junction temperature t j 125 c output collector emitter voltage v ceo 70 v emitter collector voltage v eco 7v collector current i c 50 ma collector peak current t p /t = 0.5, t p ? 10 ms i cm 100 ma power dissipation p diss 150 mw junction temperature t j 125 c coupler isolation test voltage (rms) v iso 5000 v rms total power dissipation p tot 250 mw operating ambient temperature range t amb - 55 to + 100 c storage temperature range t stg - 55 to + 125 c soldering temperature t sld 260 c electrical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit input forward voltage i f = 50 ma v f 1.25 1.6 v junction capacitance v r = 0 v, f = 1 mhz c j 50 pf output collector emitter voltage i c = 1 ma v ceo 70 v emitter collector voltage i e = 100 a v eco 7v collector emitter cut-off current v ce = 20 v, i f = 0 a i ceo 10 100 na coupler collector emitter sa turation voltage i f = 10 ma, i c = 1 ma v cesat 0.3 v cut-off frequency v ce = 5 v, i f = 10 ma, r l = 100 ? f c 110 khz coupling capacitance f = 1 mhz c k 0.3 pf
tclt100. series www.vishay.com vishay semiconductors rev. 2.4, 29-apr-11 3 document number: 83515 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? according to din en 60747-5-2 (vde 0884) (see figure 2). this opto coupler is suitable for safe electrical isolation only withi n the safety ratings. compliance with the safety ratings shall be ensured by means of suitable protective circuits. fig. 1 - derating diagram fig. 2 - test pulse diagram for sample test according to din en 60747-5-2 (vde 0884); iec60747-5-5 current transfer ratio (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit i c /i f v ce = 5 v, i f = 5 ma TCLT1000 ctr 50 600 % v ce = 5 v, i f = 10 ma tclt1002 ctr 63 125 % tclt1003 ctr 100 200 % tclt1004 ctr 160 320 % v ce = 5 v, i f = 1 ma tclt1002 ctr 22 45 % tclt1003 ctr 34 70 % tclt1004 ctr 56 100 % v ce = 5 v, i f = 5 ma tclt1005 ctr 50 150 % tclt1006 ctr 100 300 % tclt1007 ctr 80 160 % tclt1008 ctr 130 260 % tclt1009 ctr 200 400 % safety and insulation rated parameters parameter test condition symbol min. typ. max. unit partial discharge test voltage - routine test 100 %, t test = 1 s v pd 2kv partial discharge test voltage - lot test (sample test) t tr = 60 s, t test = 10 s, (see figure 2) v iotm 8kv v pd 1.68 kv insulation resistance v io = 500 v r io 10 12 ? v io = 500 v, t amb = 100 c r io 10 11 ? v io = 500 v, t amb = 150 c (construction test only) r io 10 9 ? forward current i si 130 ma power dissipation p so 265 mw rated impulse voltage v iotm 8kv safety temperature t si 150 c clearance distance 8.0 mm creepage distance 8.0 mm insulation distance (internal) 0.40 mm 0 25 50 75 125 0 50 100 150 200 300 t si - safety temperature (c) 150 94 9182-2 100 250 ir-diode i si (ma) phototransistor p so (mw) t 13930 t 1 , t 2 = 1 s to 10 s t 3 , t 4 = 1 s t test = 10 s t stres = 12 s v iotm v pd v iowm v iorm 0 t 1 t test t tr = 60 s t stres t 3 t 4 t 2
tclt100. series www.vishay.com vishay semiconductors rev. 2.4, 29-apr-11 4 document number: 83515 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 3 - test circuit, non-saturated operation fig. 4 - test circuit, saturated operation fig. 5 - switching times switching characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit delay time v s = 5 v, i c = 2 ma, r l = 100 ? , (see figure 3) t d 3s rise time v s = 5 v, i c = 2 ma, r l = 100 ? , (see figure 3) t r 3s fall time v s = 5 v, i c = 2 ma, r l = 100 ? , (see figure 3) t f 4.7 s storage time v s = 5 v, i c = 2 ma, r l = 100 ? , (see figure 3) t s 0.3 s turn-on time v s = 5 v, i c = 2 ma, r l = 100 ? , (see figure 3) t on 6s turn-off time v s = 5 v, i c = 2 ma, r l = 100 ? , (see figure 3) t off 5s turn-on time v s = 5 v, i f = 10 ma, r l = 1 k ? , (see figure 4) t on 9s turn-off time v s = 5 v, i f = 10 ma, r l = 1 k ? , (see figure 4) t off 10 s channel i channel ii 95 10804 r g = 50 t p t p = 50 s t = 0.01 + 5 v i f 0 50 100 i f i c = 2 ma; adjusted through input amplitude oscilloscope r l = 1 m c l = 20 pf channel i channel ii 95 10843 r g = 50 t p t p = 50 s t = 0.01 + 5 v i c i f 0 50 1 k i f = 10 ma oscilloscope r l c l 20 pf 1 m
tclt100. series www.vishay.com vishay semiconductors rev. 2.4, 29-apr-11 5 document number: 83515 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters package marking 22533 7.50 0.20 0.10 0.10 0.70 + 0.30 - 0.40 technical drawing s according to din s pecification s 8.20 10.80 po ss ible footprint 2.54 0.90 4.10 max. 3.80 2.00 2.30 max. 2.54 nom. pin no. 1 identification 1 2 4 3 0.45 0.1 + 0.30 - 0.40 10.20 0.20 + 0.10 - 0.05 tclt1003 v yww 68
legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu.


▲Up To Search▲   

 
Price & Availability of TCLT1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X