Part Number Hot Search : 
TBA120S TK20E60U 47C200 D201ED 6S2TR1PB 4096XEDD SMCJ12CA CHV37H12
Product Description
Full Text Search
 

To Download SR1620PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 130 - SR1620PT thru sr1660pt 16.0 amps. schottky barrier rectifiers voltage range 20 to 60 volts current 16.0 amperes features dual rectifier constructi on, positive center-tap plastic package has underwriters laboratory flammability classifications 94v-0 metal silicon junction, majority carrier conduction low power loss, high efficiency high current capability, low vf high surge capability epitaxial construction for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications guardring for transient protection high temperature soldering guaranteed: 260 o c/10 seconds, 0.17?(4.3mm)lead lengths at 5 lbs., (2.3kg) tension mechanical data cases: jedec to-3p/to-247ad molded plastic terminals: leads solderable per mil-std-750, method 2026 polarity: as marked mounting position: any weight: 0.2 ounce, 5.6 grams to-3p/to-247ad dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol sr 1620pt sr 1630pt sr 1640pt sr 1650pt sr 1660pt units maximum recurrent peak reverse voltage v rrm 20 30 40 50 60 v maximum rms voltage v rms 14 21 28 35 42 v maximum dc blocking voltage v dc 20 30 40 50 60 v maximum average forward rectified current (see fig. 1) i (av) 16 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 200 a maximum instantaneous forward voltage @ 8.0a (note 3) v f 0.55 0.70 v maximum d.c. reverse current @ tc=25 at rated dc blocking voltage @ tc=100 i r 0.5 50 ma ma typical thermal resistance per leg (note 1) r jc 3.0 /w typical junction capacitance (note 2) cj 700 400 pf operating junction temperature range t j -65 to +125 -65 to +150 storage temperature range t stg -65 to +150 notes: 1. thermal resistance from junction to case per leg, mount on heatsink size of 2 in x 3 in x 0.25 in al-plate. 2. measured at 1 mhz and applied reverse voltage of 4.0v d.c. 3. 300 us pulse width, 2% dut y c y cle
- 131 - ratings and characteristic curves (SR1620PT thru sr1660pt) fig.2- maximum non-repetitive forward surge current per leg peak for ward surge current . (a) 1 2 5 10 20 100 50 100 50 200 150 250 300 number of cycles at 60hz 8.3ms single half sine wave jedec method fig.4- typical instantaneous forward characteristics per leg instantaneous for ward current amperes .1 .2 .3 .4 .5 .6 .7 .8 0.1 1.0 10 100 instantaneous forward voltage. (v) tj=25 c pulse width=300 s 2% duty cycle o sr1650pt thru sr1660pt SR1620PT thru sr1640pt fig.3- typical reverse characteristics per leg instantaneous reverse current milliamperes 0 20 40 60 80 100 120 140 0 0.1 1.0 10 100 percent of rated peak reverse voltage. (%) tj=125 c 0 tj=25 c 0 tj=75 c 0 fig.1- maximum forward current derating curve average for ward current amperes 0 50 100 150 0 4.0 8.0 12.0 16.0 20.0 case temperature. ( c) o sr1650pt-1660pt SR1620PT-1640pt fig.5- typical junction capacitance per leg capacitance.(pf) .1 .4 1.0 4 10 40 100 100 200 400 600 1000 800 2000 4000 reverse voltage. (v) sr1650pt-1660pt SR1620PT-1640pt


▲Up To Search▲   

 
Price & Availability of SR1620PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X