simb-m02 ? intel ? n2600 / d2550 processor ? intel nm10 chipset ? intel integrated sgx545 support directx 10.1 ? one 204-pin sodimm socket supports up to 4gb ddr3 1066mt sdram ? realtek 8111e lan ? supports multiple dual display functions : vga, hdmi, single channel 18/24-bit lvds ? 1 x pcie x 1, 1 x full size mini-pcie, 1 x cfast (optional) ? 6 com (with power), 2 sata ii ? 7 usb 2.0, tpm 1.2 (optional) specifcations processor system cpu n2600 d2550 core number 2 2 max. speed 1.6 ghz 1.86 ghz l2 cache 1 mb 1m chipset intel nm10 bios fhw 16mbit, spi expansion slots pcie 1 full size mini-pcie 1 memory technology single channel ddr3 1066 mhz max. capacity 2 gb (for n2600), 4 gb (for d2550) socket 1 x 204-pin sodimm graphics controller intel graphics media accelerator hd 3650 vga supports max. resolution 1920 x 1200 lvds single channel 18/24-bit lvds supports max resolution 1366 x 768 hdmi hdmi 1.3 supports max resolution 1920 x 1200 dual display vga + lvds, vga + hdmi, lvds + hdmi ethernet interface 10/100/1000 mbps controller realtek 8111e lan connector rj-45 x 1 sata max data transfer rate 300 mb/s (sata ii) channel 2 ssd cfast optional (co-lay with sata ii, if it is used, only 1 sata ii can be used) rear i/o vga 1 hdmi 1 ethernet 1 usb 4 (usb 2.0) audio 3 (line-out, line-in, mic-in) serial 2 (rs-232 with r1/5v/12v power) ps/2 1 port (support y cable) internal connectors lvds & inverter 1 usb 3 (pin-header) serial 4 (rs-232 with r1/5v/12v power) sata 2 sata ii gpio 8-bit (4-bit di and 4-bit do) watchdog timer output system reset interval programmable 1~ 255 sec/min security tpm optional power requirements typical single voltage 12v dc input by 1 x external dc jack or 1 x internal 2x2-pin power connector to be measured environment temperature operating non-operating 0 ~ 50 c (32 ~ 122 f) -20 ~ 70 c (-4 ~ 158 f) physical characteristics dimensions 170 x 170 mm (6.69" x 6.69") intel ? atom? mini-itx with vga/lvds/hdmi, 6 coms and lan rohs compliant 2002/95/ec "n2600" series only semi-industrial motherboards all product specifications are subject to change without notice last updated : 11-jan-2013 features
simb-m02 ordering information p/n cpu chipset vga gbe usb com sata simb-m02-n2600a1e intel n2600 processor intel nm10 1 1 7 (4 rear, 3 internal) 6 x rs-232 (2 rear, 4 internal) 2 sata ii SIMB-M02-D2500A1E intel d2550 processor intel nm10 1 1 7 (4 rear, 3 internal) 6 x rs-232 (2 rear, 4 internal) 2 sata ii i/o view optional accessories part number description 1700003195 usb cable with two ports, 17.5 cm 1700002204 usb cable with two ports, 27 cm 1700008461 usb cable with two ports, 30.5 cm packing list description quantity sata cable kit (sata/power) 1 i/o shield 1 cpu cooler 1 (d2550 only) cpu heatsink 1 (n2600 only) startup manual 1 (per 20 units) driver cd 1 (per 20 units) intel micro-fcbga11 intel nm10 tiger point bga360 d-sub crt r g b realtek 8111e realtek 8111e (optional) dmi rj45 u sb 2 . 0 8 bit gpio w83627d rs-232 rear io x2 ps/2 kb, ms h/w monitor spi bios fintek 81216ad hdmi ddi 0 hda rs232 pin header x 4 realtek alc892 sa t a ii sa t a ii sodimm 2 ddr3 1067 4gb max. l-out, m-in, l-in fp audio header spdif header amp. tpa3005 amp. header rear usb x 4 front usb x 3 sata ii pc i e x1 rj45 (optional) pc i e x1 pc i e x1 pc i e x1 usb mini card lv d s 1 ch 18/24bi t lvds1 asm1453 cfast (optional) pcie x1 tpm (optional) l pc sata ii www.advantech.com/products online download block diagram
|